Part Number Hot Search : 
STK7002U 74LCX EL7563 0K022 ET724 BAPBAA GR40N60 US1DL
Product Description
Full Text Search
 

To Download STPR806D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STPR806D
Ultra Fast Recovery Diodes
Dimensions TO-220AC A C(TAB) A C C
Dim. A B C D E F G H J K L M N Q
A=Anode, C=Cathode, TAB=Cathode
STPR806D
VRRM V 600
VRMS V 420
VDC V 600
Inches Min. Max. 0.500 0.580 0.560 0.650 0.380 0.420 0.139 0.161 2.300 0.420 0.100 0.135 0.045 0.070 0.250 0.025 0.035 0.190 0.210 0.140 0.190 0.015 0.022 0.080 0.115 0.025 0.055
Milimeter Min. Max. 12.70 14.73 14.23 16.51 9.66 10.66 3.54 4.08 5.85 6.85 2.54 3.42 1.15 1.77 6.35 0.64 0.89 4.83 5.33 3.56 4.82 0.38 0.56 2.04 2.49 0.64 1.39
Symbol I(AV) IFSM VF(MAX) IR CJ TRR ROJC
Characteristics Maximum Average Forward Rectified Current @TC=100oC
Maximum Ratings 8.0 100 1.75 1.4 5 200 60 25 2.5 -55 to +150
Unit A A V uA pF ns
o
Peak Forward Surge Current 8.3ms Single Half-Sine-Wave Superimposed On Rated Load (JEDEC METHOD) Maximum Forward Voltage At 8.0A DC Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance (Note 1) Maximum Reverse Recovery Time (Note 2) Typical Thermal Resistance (Note 3) @TJ=25oC @TJ=125oC @TJ=25oC @TJ=125oC
C/W
o
TJ, TSTG Operating And Storage Temperature Range NOTES: 1. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC. 2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A. 3. Thermal Resistance Junction To Case.
C
FEATURES
* Power factor correction function * Glass passivated chip * Superfast switching time for high efficiency * Low forward voltage drop and high current capability * Low reverse leakage current * High surge capacity
MECHANICAL DATA
* Case: TO-220AC molded plastic * Polarity: As marked on the body * Weight: 0.08 ounces, 2.24 grams * Mounting position: Any
STPR806D
Ultra Fast Recovery Diodes
AVERAGE FORWARD CURRENT AMPERES
10
PEAK FORWARD SURGE CURRENT, AMPERES
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
150 125 100 75 50 25 0 1 2 5 10 20 50 100
8.3ms Single Half-Sine-Wave (JEDEC METHOD)
8
6 4
2
RESISTIVE OR INDUCTIVE LOAD
0
25
50
75
100
125
150
175
CASE TEMPERATURE , C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
1000
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT ,(A)
INSTANTANEOUS REVERSE CURRENT ,(uA)
100
TJ = 125 C
10
10
TJ = 75 C
1.0
1.0
0.1
TJ = 25 C
TJ = 25 C PULSE WIDTH 300us 2% Duty cycle
0.01 0 20 40 60 80 100 120 140
0.1 0 0.2 0.4 0.6 0.8 1.0
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
1.2
1.4
1.6
1.8
2.0
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.5 - TYPICAL JUNCTION CAPACITANCE
1000
CAPACITANCE , (pF)
100
TJ = 25 C, f= 1MHz
10 0.1 1 4 10 100
REVERSE VOLTAGE , VOLTS


▲Up To Search▲   

 
Price & Availability of STPR806D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X