|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
STP9NK65Z STP9NK65ZFP N-CHANNEL 650V - 1 - 7A TO-220/TO-220FP Zener-Protected SuperMESHTMPower MOSFET TARGET DATA TYPE STP9NK65Z STP9NK65ZFP s s s s s s s VDSS 650 V 650 V RDS(on) < 1.2 < 1.2 ID 7A 7A Pw 110 W 30 W TYPICAL RDS(on) = 1.0 EXTREMELY HIGH dv/dt CAPABILITY IMPROVED ESD CAPABILITY 100% AVALANCHE RATED GATE CHARGE MINIMIZED VERY LOW INTRINSIC CAPACITANCES VERY GOOD MANUFACTURING REPEATIBILITY 3 1 2 3 1 2 TO-220 TO-220FP DESCRIPTION The SuperMESHTM series is obtained through an extreme optimization of ST's well established stripbased PowerMESHTM layout. In addition to pushing on-resistance significantly down, special care is taken to ensure a very good dv/dt capability for the most demanding applications. Such series complements ST full range of high voltage MOSFETs including revolutionary MDmeshTM products. INTERNAL SCHEMATIC DIAGRAM APPLICATIONS HIGH CURRENT, HIGH SPEED SWITCHING s IDEAL FOR OFF-LINE POWER SUPPLIES, ADAPTORS AND PFC s ORDERING INFORMATION SALES TYPE STP9NK65Z STP9NK65ZFP MARKING P9NK65Z P9NK65ZFP PACKAGE TO-220 TO-220FP PACKAGING TUBE TUBE July 2003 1/7 STP9NK65 - STP9NK65ZFP ABSOLUTE MAXIMUM RATINGS Symbol VDS VDGR VGS ID ID IDM ( ) PTOT VESD(G-S) dv/dt (1) VISO Tj Tstg Parameter STP9NK65Z Value STP9NK65ZFP Unit V V V 7 (*) 4.4 (*) 28 (*) 30 0.24 A A A W W/C KV V/ns 2500 V C C Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuous) at TC = 25C Drain Current (continuous) at TC = 100C Drain Current (pulsed) Total Dissipation at TC = 25C Derating Factor Gate source ESD(HBM-C=100pF, R=1.5K) Peak Diode Recovery voltage slope Insulation Withstand Voltage (DC) Operating Junction Temperature Storage Temperature 7 4.4 28 110 0.88 650 650 30 3500 TBD -55 to 150 -55 to 150 ( ) Pulse width limited by safe operating area (1) ISD TBD, di/dt TBD, VDD V(BR)DSS, T j TJMAX. (*) Limited only by maximum temperature allowed THERMAL DATA TO-220 Rthj-case Rthj-amb Tl Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Maximum Lead Temperature For Soldering Purpose 1.14 62.5 300 TO-220FP 4.2 C/W C/W C AVALANCHE CHARACTERISTICS Symbol IAR EAS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max) Single Pulse Avalanche Energy (starting Tj = 25 C, ID = IAR, VDD = 50 V) Max Value 7 TBD Unit A mJ GATE-SOURCE ZENER DIODE Symbol BVGSO Parameter Gate-Source Breakdown Voltage Test Conditions Igs= 1mA (Open Drain) Min. 30 Typ. Max. Unit V PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device's ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to souce. In this respect the Zener voltage is appropriate to achieve an efficient and costeffective intervention to protect the device's integrity. These integrated Zener diodes thus avoid the usage of external components. 2/7 STP9NK65 - STP9NK65ZFP ELECTRICAL CHARACTERISTICS (TCASE =25C UNLESS OTHERWISE SPECIFIED) ON/OFF Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on) Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Gate Threshold Voltage Static Drain-source On Resistance Test Conditions ID = 1 mA, VGS = 0 VDS = Max Rating VDS = Max Rating, TC = 125 C VGS = 20V VDS = VGS, ID = 100A VGS = 10V, ID = 3 A 3 3.75 1.0 Min. 650 1 50 10 4.5 1.2 Typ. Max. Unit V A A A V DYNAMIC Symbol gfs (1) Ciss Coss Crss Coss eq. (3) Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Equivalent Output Capacitance Parameter Turn-on Delay Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions VDS = 8 V, ID = 3 A VDS = 25V, f = 1 MHz, VGS = 0 Min. Typ. TBD TBD TBD TBD TBD Max. Unit S pF pF pF pF VGS = 0V, VDS = 0V to 480V SWITCHING ON Symbol td(on) tr Qg Qgs Qgd Test Conditions VDD = 325 V, ID = 3 A RG = 4.7 VGS = 10 V (Resistive Load see, Figure 3) VDD = 520V, ID = 6 A, VGS = 10V Min. Typ. TBD TBD TBD TBD TBD Max. Unit ns ns nC nC nC SWITCHING OFF Symbol td(off) tf tr(Voff) tf tc Parameter Turn-off Delay Time Fall Time Off-voltage Rise Time Fall Time Cross-over Time Test Conditions VDD = 325 V, ID = 3 A RG = 4.7 VGS = 10 V (Resistive Load see, Figure 3) VDD = 520 V, ID = 6 A, RG = 4.7, VGS = 10V (Inductive Load see, Figure 5) Min. Typ. TBD TBD TBD TBD TBD Max. Unit ns ns ns ns ns SOURCE DRAIN DIODE Symbol ISD ISDM (2) VSD (1) trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 7 A, VGS = 0 ISD = 6 A, di/dt = 100A/s VDD = 35V, Tj = 150C (see test circuit, Figure 5) TBD TBD TBD Test Conditions Min. Typ. Max. 7 28 1.6 Unit A A V ns C A Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Pulse width limited by safe operating area. 3. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS. 3/7 STP9NK65 - STP9NK65ZFP Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform Fig. 3: Switching Times Test Circuit For Resistive Load Fig. 4: Gate Charge test Circuit Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times 4/7 STP9NK65 - STP9NK65ZFP TO-220 MECHANICAL DATA DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 4.40 1.23 2.40 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.645 0.551 0.116 0.620 0.260 0.154 0.151 mm TYP. MAX. 4.60 1.32 2.72 MIN. 0.173 0.048 0.094 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 inch TYP. MAX. 0.181 0.051 0.107 A C D1 L2 D F1 G1 E Dia. L5 L7 L6 L4 P011C L9 F2 F G H2 5/7 STP9NK65 - STP9NK65ZFP TO-220FP MECHANICAL DATA mm. MIN. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 TYP MAX. 4.6 2.7 2.75 0.7 1 1.5 1.5 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409 DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O A B L3 L6 L7 F1 F D G1 H F2 L2 L5 E 123 L4 6/7 G STP9NK65 - STP9NK65ZFP Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com 7/7 |
Price & Availability of STP9NK65ZFP |