Part Number Hot Search : 
PUSB2X4D 2SC3596C SAA570 080ASBEW CP759R JR220V B1020 13003H1
Product Description
Full Text Search
 

To Download STN2907S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
STN2907S
PNP Silicon Transistor
Descriptions
* General purpose application * Switching application
Features
* Large collector current: IC=-600mA * Low collector saturation voltage: VCE(sat)=-0.4V(Max.) @ IC=-150mA, IB=-15mA * Complementary pair with STN2222S
Ordering Information
Type NO. STN2907S Marking GA Package Code SOT-23
Outline Dimensions
unit :
mm
1 3 2
PIN Connections 1. Base 2. Emitter 3. Collector
KST-2056-003
1
STN2907S
Absolute maximum ratings
Characteristic
Collector-Base voltage Collector-Emitter voltage Emitter-Base voltage Collector current Collector power dissipation Junction temperature Storage temperature range * : Package mounted on 99.5% Alumina 10x8x0.6mm.
(Ta=25C)
Symbol
VCBO VCEO VEBO IC PC* TJ Tstg
Rating
-60 -40 -5 -600 350 150 -55~150
Unit
V V V mA mW C C
Electrical Characteristics
Characteristic
Collector-Base breakdown voltage Collector-Emitter breakdown voltage Emitter-Base breakdown voltage Collector cut-off current DC current gain Collector-Emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol
BVCBO BVCEO BVEBO ICBO hFE VCE(sat) fT Cob
Test Condition
IC=-10A, IE=0 IC=-1mA, IB=0 IE=-10A, IC=0 VCB=-60V, IE=0 VCE=-10V, IC=-10mA IC=-150mA, IB=-15mA VCE=-20V, IC=-20mA VCB=-10V, IE=0, f=1MHz
Min. Typ. Max.
-60 -40 -5 75 250 6.0 -10 -0.4 -
Unit
V V V nA V MHz pF
KST-2056-003
2
STN2907S
Electrical Characteristic Curves
Fig. 1 PC - Ta Fig. 2 IC - VBE
Fig. 3 I C - VCE
Fig. 4 VCE(sat) - IC
Fig. 5 hFE - IC
Fig. 6 hFE -
IC
KST-2056-003
3
STN2907S
These AUK Corp. products are intended for usage in general electronic equipment (Office and communication equipment, measuring equipment, domestic electrification, etc.) Please make sure that you consult with us before you use these AUK products in equipm ents which require high quality and/or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, traffic signal, combustion central, all types of safety device, etc.) AUK cannot accept liability to any damage which may occur in case these AUK products were used in the mentioned equipments without prior consultation with AUK.
KST-2056-003
4


▲Up To Search▲   

 
Price & Availability of STN2907S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X