Part Number Hot Search : 
PC1006 EL911107 BA6817 MAX2235E D1975 512K3 6GBU005 WM8955
Product Description
Full Text Search
 

To Download STN2222ASF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
STN2222ASF
NPN Silicon Transistor
Descriptions
* General purpose application * Switching application
Features
* Large collector current * Low collector saturation voltage * Complementary pair with STN2907ASF
Ordering Information
Type NO. STN2222ASF Marking XA Package Code SOT-23F
Outline Dimensions
2.30~2.50 1.50~1.70
unit : mm
1
2.80~3.00 1.90 Typ.
3 2
0.45 Max. 0.10 Max. 0.20 Max. 0.80~1.00
PIN Connections 1. Base 2. Emitter 3. Collector
KST-2071-000
1
STN2222ASF
Absolute maximum ratings
Characteristic
Collector-Base voltage Collector-Emitter voltage Emitter-Base voltage Collector current Collector dissipation Junction temperature Storage temperature * : Package mounted on 99.5% Alumina 10x8x0.1
(Ta=25C)
Symbol
VCBO VCEO VEBO IC PC* Tj Tstg
Ratings
60 40 5 600 350 150 -55~150
Unit
V V V mA mW C C
Electrical Characteristics
Characteristic
Collector-Base breakdown voltage Collector-Emitter breakdown voltage Emitter-Base breakdown voltage Collector cut-off current DC current gain Collector-Emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol
BVCBO BVCEO BVEBO ICBO hFE VCE(sat) fT Cob
Test Condition
IC=10A, IE=0 IC=10mA, IB=0 IE=10A, IC=0 VCB=60V, IE=0 VCE=10V, IC=10mA IC=150mA, IB=15mA VCE=20V, IC=20mA VCB=10V, IE=0, f=1MHz
Min. Typ. Max.
60 40 5 75 250 6.0 0.4 10
Unit
V V V nA V MHz pF
KST-2071-000
2
STN2222ASF
Electrical Characteristic Curves
Fig. 1 Pc - Ta Fig. 2 IC - VBE
Fig. 3 IC - VCE
Fig. 4 VCE(SAT) - IC
Fig. 5 hFE - IC
KST-2071-000
3
STN2222ASF
The AUK Corp. products are intended for the use as components in general electronic equipment (Office and communication equipment, measuring equipment, home appliance, etc.). Please make sure that you consult with us before you use these AUK Corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, transportation, combustion control, all types of safety device, etc.). AUK Corp. cannot accept liability to any damage which may occur in case these AUK Corp. products were used in the mentioned equipments without prior consultation with AUK Corp.. Specifications mentioned in this publication are subject to change without notice.
KST-2071-000
4


▲Up To Search▲   

 
Price & Availability of STN2222ASF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X