Part Number Hot Search : 
N4148WS NTE5496 MAU112 25Q128A MAX63 AT91C STU5025 2SK2559
Product Description
Full Text Search
 

To Download STM9435 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S T M9435
S amHop Microelectronics C orp.
P reliminary May.21,2004
P -C hannel E nhancement Mode Field E ffect Transistor
P R ODUC T S UMMAR Y
V DS S
-30V
F E AT UR E S
( m W ) Max
ID
-4.8A
R DS (ON)
S uper high dense cell design for low R DS (ON).
55 @ V G S = -10V 85 @ V G S = -4.5V
R ugged and reliable. S urface Mount P ackage.
D
8
D
7
D
6
D
5
S O-8 1
1 2 3 4
S
S
S
G
ABS OLUTE MAXIMUM R ATINGS (TA=25 C unless otherwise noted)
P arameter Drain-S ource Voltage Gate-S ource Voltage Drain C urrent-C ontinuous a @ TJ=125 C b -P ulsed Drain-S ource Diode Forward C urrent a Maximum P ower Dissipation a Operating Junction and S torage Temperature R ange S ymbol VDS VGS ID IDM IS PD TJ, TS TG Limit - 30 20 - 4.8 - 24 -1.7 2.5 -55 to 150 Unit V V A A A W C
THE R MAL C HAR AC TE R IS TIC S
Thermal R esistance, Junction-to-Ambient a R JA 50 C /W
1
S T M9435
E LE CTR ICAL CHAR ACTE R IS TICS (TA =25 C unless otherwise noted)
Parameter
5
S ymbol
BVDSS IDSS IGSS VGS(th) R DS (ON) ID(ON) gFS
c
Condition
VGS = 0V, ID = -250uA VDS = -24V, VGS = 0V VGS = 20V, VDS = 0V VDS = VGS, ID = -250uA VGS = -10V, ID =-5.3A VGS = -4.5V, ID = -4.2A VDS = -5V, VGS = -10V VDS = -5V, ID = - 5.3A
Min Typ C Max Unit
-30 -1 100 -1 -1.5 -2.5 45 75 -20 5 582 125 86 55 V uA nA V
m-ohm
OFF CHAR ACTE R IS TICS
Drain-S ource Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage
ON CHAR ACTE R IS TICS b
Gate Threshold Voltage Drain-S ource On-S tate R esistance On-S tate Drain Current Forward Transconductance
85 m-ohm A S
PF PF PF
DYNAMIC CHAR ACTE R IS TICS
Input Capacitance Output Capacitance R everse Transfer Capacitance
CISS COSS CRSS
c
VDS =-15V, VGS = 0V f =1.0MHZ
S WITCHING CHAR ACTE R IS TICS
Turn-On Delay Time R ise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-S ource Charge Gate-Drain Charge
tD(ON) tr tD(OFF) tf Qg Qgs Qgd
2
VD = -15V ID = -1A VGEN = - 10V R GE N = 6 ohm R L = 15 ohm VDS =-15V,ID =-5.3A,VGS =-10V VDS =-15V,ID =-5.3A,VGS =-4.5V VDS =-15V, ID = -5.3A VGS =-10V
9 10 37 23 11.7 5.7 2.1 2.9
ns ns ns ns nC nC nC nC
S T M9435
E LE CTR ICAL CHAR ACTE R IS TICS (TA=25 C unless otherwise noted)
Parameter
Diode Forward Voltage
S ymbol
VSD
Condition
VGS = 0V, Is =-1.7A
Min Typ C Max Unit
-0.84 -1.2 V
DR AIN-S OUR CE DIODE CHAR ACTE R IS TICS b
Notes a.Surface Mounted on FR 4 Board, t <=10sec. b.Pulse Test:Pulse Width<=300us, Duty Cycle<= 2%. c.Guaranteed by design, not subject to production testing.
25
-V G S =10,9,8,7,6,5V
25 125 C
20
20
-ID, Drain C urrent (A)
-ID, Drain C urrent (A)
15
15
25 C
-55 C
10 5 0
-V G S =3.5V
10
5 0
0
2
4
6
8
10
12
0
0.8
1.6
2.4
3.2
4.0
4.8
-V DS , Drain-to-S ource Voltage (V )
-V G S , G ate-to-S ource Voltage (V )
F igure 1. Output C haracteris tics
R DS (ON), On-R es is tance(Ohms ) (Normalized)
900 750 1.8 1.6 1.4 1.2 1.0 0.8
F igure 2. Trans fer C haracteris tics
V G S =-10V ID=-5.3A
C , C apacitance (pF )
600 450 300 150 0
C is s
C os s C rs s 0 5 10 15 20 25 30
0.6 -55
-25
0
25
50
75
100
125
-V DS , Drain-to S ource Voltage (V )
T j, J unction T emperature ( C )
F igure 3. C apacitance
F igure 4. On-R es is tance Variation with Temperature
3
S T M9435
B V DS S , Normalized Drain-S ource B reakdown V oltage V th, Normalized G ate-S ource T hres hold V oltage
1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 -50 -25 0 25 50 75 100 125 V DS =V G S ID=-250uA 1.15 1.10 1.05 1.00 0.95 0.90 0.85 -50 -25 0 25 50 75 100 125 ID=-250uA
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
F igure 5. G ate T hres hold V ariation with T emperature
10
F igure 6. B reakdown V oltage V ariation with T emperature
20.0 V G S =0V
gFS , T rans conductance (S )
-Is , S ource-drain current (A)
20
8 6 4 2 V DS =-15V 0 0 5 10 15
10.0
1.0 0.4 0.6 0.7 0.9 1.1 1.3
-IDS , Drain-S ource C urrent (A)
-V S D, B ody Diode F orward V oltage (V )
F igure 7. T rans conductance V ariation with Drain C urrent
10
-V G S , G ate to S ource V oltage (V ) -ID, Drain C urrent (A)
F igure 8. B ody Diode F orward V oltage V ariation with S ource C urrent
50
8 6 4 2 0 0
VDS =-15V ID=-5.3A
10
RD
S
(
) ON
L im
it
10
10
1s
DC
ms
0m
s
1
0.1 0.03
VGS =-10V S ingle P ulse T A=25 C 0.1 1 10 30 50
2
4
6
8
10
12
14
16
Qg, T otal G ate C harge (nC )
-V DS , Drain-S ource V oltage (V )
F igure 9. G ate C harge 4
F igure 10. Maximum S afe O perating Area
S T M9435
-VDD ton V IN D VG S R GE N G
90%
toff tr
90%
RL V OUT
td(on) V OUT
td(off)
90% 10%
tf
10%
S
V IN
50% 10%
50%
INVE R TE D P ULS E WIDTH
F igure 11. S witching T es t C ircuit
F igure 12. S witching Waveforms
2
r(t),Normalized E ffective T ransient T hermal Impedance
1 Duty C ycle=0.5
0.2 0.1 0.1 0.05 0.02 S ingle P uls e 0.01 10
-4
P DM t1 1. 2. 3. 4. 10
-2
t2
R thJ A (t)=r (t) * R thJ A R thJ A=S ee Datas heet T J M-T A = P DM* R thJ A (t) Duty C ycle, D=t1/t2 10 100
10
-3
10
-1
1
S quare Wave P uls e Duration (s ec)
F igure 13. Normalized T hermal T rans ient Impedance C urve
5
S T M9435
PAC K AG E OUT LINE DIME NS IONS S O-8
1 L
E D
0.015X45X
A
e
0.05 TYP.
B
0.016 TYP.
A1
0.008 TYP.
C
H
S Y MB OLS A A1 D E H L
MILLIME T E R S MIN 1.35 0.10 4.80 3.81 5.79 0.41 0X MAX 1.75 0.25 4.98 3.99 6.20 1.27 8X MIN 0.053 0.004 0.189 0.150 0.228 0.016 0X
INC HE S MAX 0.069 0.010 0.196 0.157 0.244 0.050 8X
6
S T M9435
SO-8 Tape and Reel Data
SO-8 Carrier Tape
unit:P
PACKAGE SOP 8N 150O A0
6.40
B0
5.20
K0
2.10
D0
r1.5 (MIN)
D1
r1.5 + 0.1 - 0.0
E
12.0 O0.3
E1
1.75
E2
5.5 O0.05
P0
8.0
P1
4.0
P2
2.0 O0.05
T
0.3 O0.05
SO-8 Reel
UNIT:P
TAPE SIZE
12 P
REEL SIZE
r330
M
330 O 1
N
62 O1.5
W
12.4 + 0.2
W1
16.8 - 0.4
H
r12.75 + 0.15
K
S
2.0 O0.15
G
R
V
7


▲Up To Search▲   

 
Price & Availability of STM9435

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X