Part Number Hot Search : 
4040A 2515DX 62256 PI3HDMI GF32C3 NE500100 AQV217AZ TG220151
Product Description
Full Text Search
 

To Download STK402-250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN7071
Thick-Film Hybrid IC
STK402-250
Three-Channel Class AB Audio Power Amplifier IC 30 W + 30 W + 30 W
Overview
The STK402-200 series products are audio power amplifier hybrid ICs that consist of optimally-designed discrete component power amplifier circuits that have been miniaturized using SANYO's unique insulated metal substrate technology (IMST). SANYO has adopted a new low thermal resistance substrate in these products to reduce the package size by about 60% as compared to the earlier SANYO STK408-000 series.
Package Dimensions
unit: mm 4191-SIP19
[STK402-250]
Features
* Series of pin compatible power amplifiers ranging from 20 W x 3 channels to 60 W x 3 channels (10%/1 kHz) devices. The same printed circuit board can be used depending on the output power grade. * The pin arrangement is compatible with that of the 2channel STK402-000 series. This means that 3-channel printed circuit boards can also be used for 2-channel products. * Miniature packages -- 15 W/ch to 40 W/ch (THD = 0.4%, f = 20 Hz to 20 kHz); 59.2 mm x 31.0 mm x 8.5 mm * *: Not including the pins. * Achieves superlative heat dissipation due to the adoption of SANYO's Insulated Metal Substrate Technology (IMST). * Output load impedance: RL = 6 * Allowable load shorted time: 0.3 seconds * Supports the use of standby, muting, and load shorting protection circuits.
SANYO: SIP19
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
N1102AS (OT) No. 7071-1/4
STK402-250 Series Organization These products are organized as a series based on their output capacity.
Item Output 1 (10%/1 kHz) Output 2 (0.4%/20 Hz to 20 kHz) Maximum supply voltage (No signal) Maximum supply voltage (6 ) Recommended supply voltage (6 ) Package Type No. STK402-220 20 W + 20 W + 20 W 15 W + 15 W + 15 W 30 V 28 V 19 V STK402-230 30 W + 30 W + 30 W 20 W + 20 W + 20 W 34 V 32 V 22 V STK402-240 40 W + 40 W + 40 W 25 W + 25 W + 25 W 38 V 36 V 25 V 59.2 mm x 31.0 mm x 8.5 mm STK402-250 45 W +45 W +45 W 30 W + 30 W + 30 W 40 V 38 V 26.5 V STK402-270 60 W + 60 W + 60 W 40 W + 40 W + 40 W 50 V 44 V 30 V
Specifications
Maximum Ratings at Ta = 25C
Parameter Maximum supply voltage (No signal) Maximum supply voltage Thermal resistance Junction temperature Operating IC substrate temperature Storage temperature Allowable load shorted time *2 Symbol VCC max(1) VCC max(2) RL = 6 , 8 j-c Tj max Tc max Tstg ts VCC = 26.5 V, RL = 6 , Tc = 25C, f = 50 Hz, PO = 30 W, 1ch drive Per power transistor Both the Tj max and the Tc max conditions must be met. Conditions Ratings 40 38 3.5 150 125 -30 to +125 0.3 Unit V V C/W C C C s
Operating Characteristics at Tc = 25C, RL = 6 (noninductive load), Rg = 600 , VG = 30 dB
Parameter Symbol PO (1) Output power PO (2) PO (3) Total harmonic distortion Frequency characteristics Input impedance Output noise voltage *3 Quiescent current Neutral voltage THD (1) THD (2) fL, fH ri VNO ICCO VN Conditions*1 VCC (V) 26.5 26.5 26.5 26.5 26.5 26.5 26.5 32.0 32.0 32.0 1k f (Hz) 20 to 20 k 1k 20 to 20 k 20 to 20 k 1k 1.0 5.0 1.0 1.0 Rg = 2.2 k 10 -70 60 0 +0 -3 dB 0.01 20 to 50 k 55 1.2 110 +70 PO (W) THD (%) 0.4 10 0.4 at 8 min 30 45 25 0.4 % Hz k mVrms mA mV W Ratings typ max Unit
Notes: 1. Unless otherwise noted, use a constant-voltage supply for the power supply used during inspection. 2. Use the transformer power supply circuit stipulated in the figure below for allowable load shorted time measurement and output noise voltage measurement. DBA40G 4700 F +VCC 500
500 4700 F --VCC
Stipulated Transformer Power Supply (RP-25 equivalent)
3. The output noise voltage values shown are peak values read with a VTVM. However, an AC stabilized (50 Hz) power supply should be used to minimize the influence of AC primary side flicker noise on the reading.
No. 7071-2/4
STK402-250 Internal Equivalent Circuit
Sample Application Circuit
No. 7071-3/4
STK402-250
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products (including technical data, services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of November, 2002. Specifications and information herein are subject to change without notice. PS No. 7071-4/4


▲Up To Search▲   

 
Price & Availability of STK402-250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X