Part Number Hot Search : 
25N10 MB141 BD633 043045 LT1178C AM100 100180Y 1010T
Product Description
Full Text Search
 

To Download STGW30NC60WD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STGW30NC60WD
N-CHANNEL 30A - 600V - TO-247 Ultra FAST Switching PowerMESHTM IGBT
General features
Type STGW30NC60WD

VCES 600V
VCE(sat)Max @25C < 2.5V
IC @100C 30A
High frequency operation Lower CRES / CIES ratio (no cross-conduction susceptibility) Very soft ultra fast recovery antiparallel diode TO-247
Description
Using the latest high voltage technology based on a patented strip layout, STMicroelectronics has designed an advanced family of IGBTs, the PowerMESHTM IGBTs, with outstanding performances. The suffix "W" identifies a family optimized for very high frequency application.
Internal schematic diagram
Applications

High frequency motor controls, inverters, ups HF, SMPS and PFC in both hard switch and resonant topologies
Order codes
Sales Type STGW30NC60WD Marking GW30NC60WD Package TO-247 Packaging Tube
March 2006
Rev 3
1/14
www.st.com 14
Contents:
STGW30NC60WD
Contents:
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 Electrical characteristics (curves) ............................. 6
3 4 5
Test circuit
................................................ 9
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
2/14
STGW30NC60WD
Electrical ratings
1
Electrical ratings
Table 1.
Symbol VCES IC IC ICM(1) VGE PTOT Tstg Tj TL
Absolute maximum ratings
Parameter Collector-Emitter Voltage (VGS = 0) Collector Current (continuous) at 25C Collector Current (continuous) at 100C Collector Current (pulsed) Gate-Emitter Voltage Total Dissipation at TC = 25C Storage Temperature - 55 to 150 Operating Junction Temperature Maximum Lead Temperature for Soldering Purpose (1.6mm from case, for 10 sec.) 300 C C Value 600 60 30 200 20 200 Unit V A A A V W
1. Pulse width limited by max junction temperature
Table 2.
Thermal resistance
Min. Typ. Max. Unit
Rthj-case Rthj-amb
Thermal Resistance Junction-case Thermal Resistance Junction-ambient
0.625 C/W 62.5 C/W
3/14
Electrical characteristics
STGW30NC60WD
2
Electrical characteristics
(TCASE=25C unless otherwise specified) Table 3.
Symbol VBR(CES) VCE(SAT) VGE(th) ICES
Static
Parameter Collectro-Emitter Breakdown Voltage Collector-Emitter Saturation Voltage Gate Threshold Voltage Collector-Emitter Leakage Current (VCE = 0) Gate-Emitter Leakage Current (VCE = 0) Test Condictions IC = 1mA, V GE = 0 VGE=15V, IC= 20A, Tj= 25C VGE=15V, IC= 20A,Tj= 125C VCE= VGE, IC= 250A VCE = Max Rating,Tc=25C VCE = Max Rating, Tc=125C VGE = 20V , VCE = 0 15 3.75 Min. 600 2.1 1.8 2.5 Typ. Max. Unit V V V V A mA nA S
5.75 10 1 100
IGES gfs
Forward Transconductance VCE = 15V, IC= 20A
Table 4.
Symbol Cies Coes Cres Qg Qge Qgc ICL
Dynamic
Parameter Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate-Emitter Charge Gate-Collector Charge Turn-Off SOA Minimum Current Test Condictions Min. Typ. 2080 175 52 102 17.5 47 200 140 Max. Unit pF pF pF nC nC nC A
VCE = 25V, f = 1MHz, VGE=0
VCE = 390V, IC = 20A, VGE = 15V, (see Figure 16) Vclamp = 480V , Tj = 150C RG = 10, VGE= 15V
4/14
STGW30NC60WD
Electrical characteristics
Table 5.
Symbol td(on) tr (di/dt)on td(on) tr (di/dt)on tr(Voff) td(off) tf tr(Voff) td(off) tf
Switching on/off (inductive load)
Parameter Turn-on Delay Time Current Rise Time Turn-on Current Slope Turn-on Delay Time Current Rise Time Turn-on Current Slope Off Voltage Rise Time Turn-off Delay Time Current Fall Time Test Condictions VCC = 390V, IC = 20A RG= 10, VGE= 15V, TJ= 25C (see Figure 16) VCC = 390V, IC = 20A RG= 10, VGE= 15V, TJ= 125C (see Figure 16) Vcc = 390V, IC = 20A, RGE = 10 , VGE=15V,TJ=25C (see Figure 18) Vcc = 390V, IC = 20A, RGE=10 , VGE =15V, TJ=125C (see Figure 18) Min. Typ. 29.5 12 1640 29 13.5 1600 19.5 118 27 Max. Unit ns ns A/s ns ns A/s ns ns ns
Off Voltage Rise Time Turn-off Delay Time Current Fall Time
46 151 38
ns ns ns
Table 6.
Symbol Eon (1) Eoff(2) Ets Eon (1) Eoff(2) Ets
Switching energy (inductive load)
Parameter Turn-on Switching Losses Turn-off Switching Losses Total Switching Losses Turn-on Switching Losses Turn-off Switching Losses Total Switching Losses Test Condictions VCC = 390V, IC = 20A RG= 10, V GE= 15V, Tj= 25C (see Figure 18) VCC = 390V, IC = 20A RG= 10, V GE= 15V, Tj= 125C (see Figure 18) Min. Typ. 116 181 297 239 355 594 Max. Unit J J J J J J
1. Eon is the tun-on losses when a typical diode is used in the test circuit in figure 2. If the IGBT is offered in a package with a co-pak diode, the co-pack diode is used as external diode. IGBTs & Diode are at the same temperature (25C and 125C) 2. Turn-off losses include also the tail of the collector current
5/14
Electrical characteristics
STGW30NC60WD
Table 7.
Symbol Vf trr Qrr Irrm S trr Qrr Irrm S
Collector-emitter diode
Parameter Forward On-Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current Softness factor of the diode Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current Softness factor of the diode Test Conditions If = 10A If = 10A, Tj = 125C If = 20A, VR = 50V, di/dt=100A/s, Tj=25C (see Figure 19) Min. Typ. 1.5 1.1 44 66 3 0.375 88 237 5.4 0.57 Max. 2 Unit V V ns nC A
If = 20A, VR = 50V, di/dt=100A/s, Tj=125C (see Figure 19)
ns nC A
6/14
STGW30NC60WD
Electrical characteristics
2.1
Figure 1.
Electrical characteristics (curves)
Output characterisics Figure 2. Transfer characteristics
Figure 3.
Transconductance
Figure 4.
Collector-emitter on voltage vs temperature
Figure 5.
Gate charge vs gate-source voltage Figure 6.
Capacitance variations
7/14
Electrical characteristics Figure 7. Normalized gate threshold voltage vs temperature Figure 8.
STGW30NC60WD Collector-emitter on voltage vs collector current
Figure 9.
Normalized breakdown voltage vs temperature
Figure 10. Switching losses vs temperature
Figure 11. Switching losses vs gate resistance Figure 12. Switching losses vs collector current
8/14
STGW30NC60WD Figure 13. Thermal impedance
Electrical characteristics Figure 14. Turn-off SOA
Figure 15. Emitter-collector diode characteristics
9/14
Test circuit
STGW30NC60WD
3
Test circuit
Figure 17. Gate charge test circuit
Figure 16. Test circuit for inductive load switching
Figure 18. Switching waveform
Figure 19. Diode recovery time waveform
10/14
STGW30NC60WD
Package mechanical data
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
11/14
Package mechanical data
STGW30NC60WD
TO-247 MECHANICAL DATA
mm. MIN. 4.85 2.20 1.0 2.0 3.0 0.40 19.85 15.45 5.45 14.20 3.70 18.50 3.55 4.50 5.50 3.65 5.50 0.140 0.177 0.216 14.80 4.30 0.560 0.14 0.728 0.143 0.216 TYP MAX. 5.15 2.60 1.40 2.40 3.40 0.80 20.15 15.75 MIN. 0.19 0.086 0.039 0.079 0.118 0.015 0.781 0.608 0.214 0.582 0.17 inch TYP. MAX. 0.20 0.102 0.055 0.094 0.134 0.03 0.793 0.620
DIM. A A1 b b1 b2 c D E e L L1 L2 oP oR S
12/14
STGW30NC60WD
Revision history
5
Revision history
Table 8.
Date 21-Nov-2005 29-Nov-2005 06-Mar-2006
Revision history
Revision 1 2 3 Initial release. Modified Figure 4 and Figure 5 New template Changes
13/14
STGW30NC60WD
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZE REPRESENTATIVE OF ST, ST PRODUCTS ARE NOT DESIGNED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS, WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
14/14


▲Up To Search▲   

 
Price & Availability of STGW30NC60WD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X