Part Number Hot Search : 
G5250 A7BW99BA 08100 RJP40 MC68HC68 OP400 G1402P1T FSL110D1
Product Description
Full Text Search
 

To Download STGW20NB60K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STGW20NB60K
N-CHANNEL 20A - 600V - TO-247 SHORT CIRCUIT PROOF PowerMESHTM IGBT
TYPE STGW20NB60K
s s s s s s s s s
VCES 600 V
VCE(sat) < 2.8 V
IC 20 A
HIGH INPUT IMPEDANCE (VOLTAGE DRIVEN) LOW ON-VOLTAGE DROP (Vcesat) LOW ON-LOSSES LOW GATE CHARGE HIGH CURRENT CAPABILITY OFF LOSSES INCLUDE TAIL CURRENT VERY HIGH FREQUENCY OPERATION SHORT CIRCUIT RATED LATCH CURRENT FREE OPERATION
3 2 1
TO-247
DESCRIPTION INTERNAL SCHEMATIC DIAGRAM Using the latest high voltage technology based on a patented strip layout, STMicroelectronics has designed an advanced family of IGBTs, the PowerMESH TM IGBTs, with outstanding performances. The suffix "K" identifies a family optimized for high frequency motor control applications with short circuit withstand capability. APPLICATIONS s HIGH FREQUENCY MOTOR CONTROLS s U.P.S. s WELDING EQUIPMENTS
ABSOLUTE MAXIMUM RATINGS
Symbol VCES VECR VGE IC IC ICM ( ) Tsc PTOT Tstg Tj May 2003 Parameter Collector-Emitter Voltage (VGS = 0) Emitter-Collector Voltage Gate-Emitter Voltage Collector Current (continuos) at TC = 25C Collector Current (continuos) at TC = 100C Collector Current (pulsed) Short Circuit Withstand Total Dissipation at TC = 25C Derating Factor Storage Temperature Max. Operating Junction Temperature Value 600 20 20 40 20 80 10 150 1 -65 to 150 150 Unit V V V A A A
s
W W/C C C 1/8
STGW20NB60K
THERMAL DATA
Rthj-case Rthj-amb Rthc-h Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Thermal Resistance Case-heatsink Typ 0.83 62.5 0.5 C/W C/W C/W
ELECTRICAL CHARACTERISTICS (TCASE = 25 C UNLESS OTHERWISE SPECIFIED) OFF
Symbol VBR(CES) ICES IGES Parameter Collectro-Emitter Breakdown Voltage Collector cut-off (VGE = 0) Gate-Emitter Leakage Current (VCE = 0) Test Conditions IC = 250 A, VGE = 0 VCE = Max Rating, TC = 25 C VCE = Max Rating, TC = 125 C VGE = 20V , VCE = 0 Min. 600 10 100 100 Typ. Max. Unit V A A nA
ON (1)
Symbol VGE(th) VCE(sat) Parameter Gate Threshold Voltage Collector-Emitter Saturation Voltage Test Conditions VCE = VGE, IC = 250A VGE = 15V, IC = 20 A VGE = 15V, IC = 20 A, Tj =125C Min. 5 2.3 1.9 Typ. Max. 7 2.8 Unit V V V
DYNAMIC
Symbol gfs Cies Coes Cres Qg Qge Qgc tscw Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate-Emitter Charge Gate-Collector Charge Short Circuit Withstand Time Vce = 0.5 BVces , VGE = 15 V, Tj = 125C , RG = 10 10 VCE = 480V, IC = 20 A, VGE = 15V VCE = 25V, f = 1 MHz, VGE = 0 Test Conditions VCE = 25 V , IC =20 A Min. Typ. 8 1300 200 30 90 T.B.D. T.B.D. Max. Unit S pF pF pF nC nC nC s
SWITCHING ON
Symbol td(on) tr (di/dt)on Eon Parameter Turn-on Delay Time Rise Time Turn-on Current Slope Turn-on Switching Losses Test Conditions VCC = 480 V, IC = 20 A RG = 10 , VGE = 15 V VCC= 480 V, IC = 20 A RG=10 VGE = 15 V,Tj = 125C Min. Typ. 20 70 350 300 Max. Unit ns ns A/s J
2/8
STGW20NB60K
ELECTRICAL CHARACTERISTICS (CONTINUED) SWITCHING OFF
Symbol tc tr(Voff) td(off) tf Eoff(**) Ets tc tr(Voff) td(off) tf Eoff(**) Ets Parameter Cross-over Time Off Voltage Rise Time Delay Time Fall Time Turn-off Switching Loss Total Switching Loss Cross-over Time Off Voltage Rise Time Delay Time Fall Time Turn-off Switching Loss Total Switching Loss Vcc = 480 V, IC = 20 A, RGE = 10 , VGE = 15 V Tj = 125 C Test Conditions Vcc = 480 V, IC = 20 A, RGE = 10 , VGE = 15 V Min. Typ. 120 35 130 80 0.45 0.6 190 55 160 150 0.75 1.05 Max. Unit ns ns ns ns mJ mJ ns ns ns ns mJ mJ
Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Pulse width limited by max. junction temperature. (**)Losses include Also the Tail (Jedec Standardization)
3/8
STGW20NB60K
Thermal Impedance Switching Off Safe Operating Area
Output Characteristics
Transfer Characteristics
Normalized Gate Threshold Voltage vs Temp.
Transconductance
4/8
STGW20NB60K
Collector-Emitter On Voltage vs Temperature Gate-Charge vs Gate-Emitter Voltage
Capacitance Variations
Normalized Break-down Voltage vs Temp.
Collector-Emitter on Voltage vs Collector Current
Turn-Off Energy Losses vs Temperature
5/8
STGW20NB60K
Fig. 1: Gate Charge test Circuit Fig. 2: Test Circuit For Inductive Load Switching
6/8
STGW20NB60K
TO-247 MECHANICAL DATA
mm. MIN. 4.85 2.20 0.40 1 3 2 2 3 10.90 15.45 19.85 3.70 18.50 14.20 34.60 5.50 2 5 60 3.55 3.65 0.14 3 0.07 5 60 0.143 14.80 0.56 1.36 0.21 0.11 15.75 20.15 4.30 0.60 0.78 0.14 0.72 0.58 2.40 3.40 0.07 0.11 0.43 0.62 0.79 0.17 TYP MAX. 5.15 2.60 0.80 1.40 MIN. 0.19 0.08 0.015 0.04 0.11 0.07 0.09 0.13 inch TYP. MAX. 0.20 0.10 0.03 0.05
DIM. A D E F F1 F2 F3 F4 G H L L1 L2 L3 L4 L5 M V V2 Dia
7/8
STGW20NB60K
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
8/8


▲Up To Search▲   

 
Price & Availability of STGW20NB60K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X