Part Number Hot Search : 
LN233RPH RN60C B4908 LTC3330 A2411 MAX999 LM9836A VHC1G0
Product Description
Full Text Search
 

To Download STGP7NB60FD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STGP7NB60FD - STGB7NB60FD
N-CHANNEL 7A - 600V TO-220 / D2PAK PowerMESHTM IGBT
TYPE STGP7NB60FD STGB7NB60FD
s s s s s s s
VCES 600 V 600 V
VCE(sat) (Max) @25C < 2.4 V < 2.4 V
IC @100C 7A 7A
3 1 2
HIGH INPUT IMPEDANCE LOW ON-VOLTAGE DROP (Vcesat) OFF LOSSES INCLUDE TAIL CURRENT LOW GATE CHARGE HIGH CURRENT CAPABILITY HIGH FREQUENCY OPERATION CO-PACKAGED WITH TURBOSWITCHTM ANTIPARALLEL DIODE
3 1
TO-220
D2PAK
DESCRIPTION Using the latest high voltage technology based on a patented strip layout, STMicroelectronics has designed an advanced family of IGBTs, the PowerMESHTM IGBTs, with outstanding perfomances. The suffix "F" identifies a family optimized to achieve very low switching switching times for high frequency applications (<40KHZ)
INTERNAL SCHEMATIC DIAGRAM
APPLICATIONS MOTOR CONTROLS s SMPS AND PFC AND BOTH HARD SWITCH AND RESONANT TOPOLOGIES
s
ORDERING INFORMATION
SALES TYPE STGP7NB60FD STGB7NB60FDT4 MARKING GP7NB60FD GB7NB60FD PACKAGE TO-220 D2PAK PACKAGING TUBE TAPE & REEL
June 2003
1/11
STGP7NB60FD - STGB7NB60FD
ABSOLUTE MAXIMUM RATINGS
Symbol VCES VGE IC IC ICM ( ) PTOT Tstg Tj Parameter Collector-Emitter Voltage (VGS = 0) Gate-Emitter Voltage Collector Current (continuous) at TC = 25C Collector Current (continuous) at TC = 100C Collector Current (pulsed) Total Dissipation at TC = 25C Derating Factor Storage Temperature Max. Operating Junction Temperature Value 600 20 14 7 56 80 0.64 - 55 to 150 150 Unit V V A A A W W/C C C
( ) Pulse width limited by safe operating area
THERMAL DATA
Rthj-case Rthj-amb Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max 1.56 62.5 C/W C/W
ELECTRICAL CHARACTERISTICS (TCASE = 25 C UNLESS OTHERWISE SPECIFIED) OFF
Symbol VBR(CES) ICES IGES Parameter Collector-Emitter Breakdown Voltage Collector cut-off (VGE = 0) Gate-Emitter Leakage Current (VCE = 0) Test Conditions IC = 250 A, VGE = 0 VCE = Max Rating, TC = 25 C VCE = Max Rating, TC = 125 C VGE = 20V , VCE = 0 Min. 600 50 100 100 Typ. Max. Unit V A A nA
ON (1)
Symbol VGE(th) VCE(sat) Parameter Gate Threshold Voltage Collector-Emitter Saturation Voltage Test Conditions VCE = VGE, IC = 250 A VGE = 15V, IC = 7 A VGE = 15V, IC= 7 A, Tj =125C Min. 3 2.0 1.6 Typ. Max. 5 2.4 Unit V V V
2/11
STGP7NB60FD - STGB7NB60FD
ELECTRICAL CHARACTERISTICS (CONTINUED) DYNAMIC
Symbol gfs (1) Cies Coes Cres Qg Qge Qgc ICL Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate-Emitter Charge Gate-Collector Charge Latching Current VCE = 480V, IC = 7 A, VGE = 15V Vclamp = 480 V Tj = 125C , RG = 10 Test Conditions VCC = 480 V, IC = 7 A RG = 10 , VGE = 15 V VCC= 480 V, IC = 7 A RG=10 VGE = 15 V,Tj =125C Min. Test Conditions VCE = 25 V, Ic = 7 A VCE = 25V, f = 1 MHz, VGE = 0 Min. Typ. 6 540 80 13 37 4 18 28 50 Max. Unit S pF pF pF nC nC nC A
SWITCHING ON
Symbol td(on) tr (di/dt)on Eon Parameter Turn-on Delay Time Rise Time Turn-on Current Slope Turn-on Switching Losses Typ. 17 6 890 59 Max. Unit ns ns A/s J
SWITCHING OFF
Symbol tc tr(Voff) td(off) tf Eoff(**) Ets tc tr(Voff) td(off) tf Eoff(**) Ets Parameter Cross-over Time Off Voltage Rise Time Delay Time Fall Time Turn-off Switching Loss Total Switching Loss Cross-over Time Off Voltage Rise Time Delay Time Fall Time Turn-off Switching Loss Total Switching Loss Vcc = 480 V, IC = 7 A, RG = 10 , VGE = 15 V Tj = 125 C Test Conditions Vcc = 480 V, IC = 7 A, RG = 10 , VGE = 15 V Min. Typ. 190 45 107 140 240 300 410 195 204 650 565 625 Max. Unit ns ns ns ns
J J
ns ns ns ns
J J
COLLECTOR-EMITTER DIODE
Symbol If Ifm Vf trr Qrr Irrm Parameter Forward Current Forward Current pulsed Forward On-Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current If = 3.5 A If = 3.5 A, Tj = 125 C If = 7 A ,VR = 40 V, Tj =125C, di/dt = 100 A/s 1.4 1.1 50 70 2.7 Test Conditions Min. Typ. Max. 7 56 1.9 Unit A A V V ns nC A
Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Pulse width limited by max. junction temperature. (**)Losses include Also the Tail (Jedec Standardization)
3/11
STGP7NB60FD - STGB7NB60FD
Output Characteristics Transfer Characteristics
Transconductance
Normalized Collector-Emitter On Voltage vs Temp.
Collector-Emitter On Voltage vs Collector Current Gate Threshold vs Temperature
4/11
STGP7NB60FD - STGB7NB60FD
Normalized Breakdown Voltage vs Temperature Capacitance Variations
Gate Charge vs Gate-Emitter Voltage
Total Switching Losses vs Gate Resistance
Total Switching Losses vs Temperature
Total Switching Losses vs Collector Current
5/11
STGP7NB60FD - STGB7NB60FD
Thermal Impedance for TO-220/DPAK Turn-Off SOA
Emitter-Collector Diode Characteristics
6/11
STGP7NB60FD - STGB7NB60FD
Fig. 1: Gate Charge test Circuit Fig. 2: Test Circuit For Inductive Load Switching
7/11
STGP7NB60FD - STGB7NB60FD
TO-220 MECHANICAL DATA
mm. MIN. 4.40 0.61 1.15 0.49 15.25 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 TYP MAX. 4.60 0.88 1.70 0.70 15.75 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 MIN. 0.173 0.024 0.045 0.019 0.60 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 0.645 1.137 0.151 0.116 inch TYP. MAX. 0.181 0.034 0.066 0.027 0.620 0.409 0.106 0.202 0.052 0.256 0.107 0.551 0.154
DIM. A b b1 c D E e e1 F H1 J1 L L1 L20 L30 oP Q
8/11
STGP7NB60FD - STGB7NB60FD
D2PAK MECHANICAL DATA
mm. DIM. MIN. A A1 A2 B B2 C C2 D D1 E E1 G L L2 L3 M R V2 0 4.88 15 1.27 1.4 2.4 0.4 4 10 8.5 5.28 15.85 1.4 1.75 3.2 0.192 0.590 0.050 0.055 0.094 0.015 4.4 2.49 0.03 0.7 1.14 0.45 1.23 8.95 8 10.4 0.393 0.334 0.208 0.625 0.055 0.068 0.126 TYP MAX. 4.6 2.69 0.23 0.93 1.7 0.6 1.36 9.35 MIN. 0.173 0.098 0.001 0.027 0.044 0.017 0.048 0.352 0.315 TYP. MAX. 0.181 0.106 0.009 0.036 0.067 0.023 0.053 0.368 inch
3
9/11
1
STGP7NB60FD - STGB7NB60FD D2PAK FOOTPRINT
TUBE SHIPMENT (no suffix)*
TAPE AND REEL SHIPMENT (suffix "T4")*
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574 0.35 0.0098 0.0137 0.933 0.956
BASE QTY 1000
* on sales type
10/11
STGP7NB60FD - STGB7NB60FD
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
11/11


▲Up To Search▲   

 
Price & Availability of STGP7NB60FD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X