Part Number Hot Search : 
UPD17 2SD221 LM20343 P6KE160A BT222 UPD17 XDS560R 3302EM
Product Description
Full Text Search
 

To Download STGP10NB60SD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STGP10NB60SD
N-CHANNEL 10A - 600V - TO-220 Low Drop PowerMESHTM IGBT
General features
Type STGP10NB60SD

VCES 600V
VCE(sat) (Max)@ 25C < 1.7V
IC @100C 10A
HIGH CURRENT CAPABILITY HIGH INPUT IMPEDANCE (VOLTAGE DRIVEN) TO-220
3 1 2
Description
Using the latest high voltage technology based on a patented strip layout, STMicroelectronics has designed an advanced family of IGBTs, the PowerMESHTM IGBTs, with outstanding performances. The suffix "S" identifies a family optimized achieve minimum on-voltage drop for low frequency application (<1kHz).
Internal schematic diagram
Applications

LIGHT DIMMER STATIC RELAYS MOTOR CONTROL
Order codes
Sales Type STGP10NB60SD Marking GP10NB60SD Package TO-220 Packaging TUBE
November 2005
Rev 1 1/12
www.st.com 12
1 Electrical ratings
STGP10NB60SD
1
Table 1.
Electrical ratings
Absolute maximum ratings
Parameter Collector-Emitter Voltage (VGS = 0) Collector Current (continuous) at TC = 25C Collector Current (continuous) at TC = 100C Collector Current (pulsed) Gate-Emitter Voltage Total Dissipation at TC = 25C Storage Temperature - 65 to 150 Operating Junction Temperature C Value 600 20 10 80 20 31.5 Unit V A A W A W
Symbol VCES IC Note 5 IC Note 5 ICM Note 1 VGE PTOT Tstg Tj
Table 2.
Rthj-case Rthj-amb Rthc-sink
Thermal resistance
Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Thermal resistance Case-sink Typ 4.7 62.5 0.5 C/W C/W
2/12
STGP10NB60SD
2 Electrical characteristics
2
Electrical characteristics
(TCASE = 25 C unless otherwise specified)
Table 3.
Symbol VBR(CES) VBR(CES)
Static
Parameter Collector-Emitter Breakdown Voltage Collector-Emitter Breakdown Voltage Collector-Emitter Saturation Voltage Gate Threshold Voltage Collector cut-off Current (VGE = 0) Gate-Emitter Leakage Current (VCE = 0) Forward Transconductance Test Conditions IC= 250A, VGE= 0 IC= 1mA, VGE= 0 VGE= 15V, IC= 5A VGE= 15V, IC= 10A VGE=15V, IC= 10A, Tc= 125C VCE= VGE, IC= 250A VCE= Max Rating,TC= 25C VCE=Max Rating,TC= 125C VGE= 20V , VCE= 0 VCE = 25V, IC= 10A 5 2.5 Min. 600 20 1.15 1.35 1.25 Typ. Max. Unit V V V V V V A A nA S
VCE(sat)
1.7
VGE(th) ICES
5 10 100 100
IGES gfs
Table 4.
Symbol C ies C oes Cres Qg
Dynamic
Parameter Test Conditions Min. Typ. 610 65 12 33 Max. Unit pF pF pF nC
Input Capacitance VCE = 25V, f = 1MHz, V GE = 0 Output Capacitance Reverse Transfer Capacitance Total Gate Charge VCE = 400V, IC = 5A, VGE = 15V, (see Figure 17) Vclamp=480V, RG=1k Tj=125C 20
ICL
Latching Current
A
3/12
2 Electrical characteristics
STGP10NB60SD
Table 5.
Symbol td(on) tr (di/dt)on tc tr(Voff) tf tc tr(Voff) tf
Switching On/Off (inductive load)
Parameter Turn-on Delay Time Current Rise Time Turn-on Current Slope Cross-over Time Off Voltage Rise Time Current Fall Time Cross-over Time Off Voltage Rise Time Current Fall Time Test Conditions VCC = 480V, IC = 10A RG= 1k, VGE= 15V, Tj= 25C (see Figure 18) VCC = 480V, IC = 10A RG= 1k, VGE= 15V,Tj= 25C (see Figure 18) VCC = 480V, IC = 10A RG= 1k, VGE= 15V, Tj=125C (see Figure 18) Min. Typ. 0.7 0.46 8 2.2 1.2 1.2 3.8 1.2 1.9 Max. Unit ns ns A/s s s s s s s
Table 6.
Symbol Eon Note 3 Eoff Note 4 Ets
Switching energy (inductive load)
Parameter Turn-on Switching Losses Turn-off Switching Losses Total Switching Losses Test Conditions VCC = 480V, IC = 10A RG= 1k, VGE= 15V, Tj= 25C (see Figure 18) Min. Typ. 0.6 5.0 5.6 Max. Unit mJ mJ mJ
Table 7.
Symbol IF IFM Vf trr Qrr Irrm
Collector-emitter diode
Parameter Forward Current Forward Current pulsed Forward On-Voltage If = 3.5A If = 3.5A, Tj = 125C 1.4 1.15 50 70 2.7 Test Conditions Min. Typ. Max. 7 56 1.9 Unit A A V V ns nC A
If = 7A ,VR = 35V, Reverse Recovery Time Reverse Recovery Charge Tj =125C, di/dt = 100A/s Reverse Recovery Current (see Figure 19)
(1)Pulse width limited by max. junction temperature (2) Pulsed: Pulse duration = 300 s, duty cycle 1.5% (3)Eon is the tun-on losses when a typical diode is used in the test circuit in figure 2. If the IGBT is offered in a package with a co-pak diode, the co-pack diode is used as external diode. IGBTs & Diode are at the same temperature (25C and 125C) (4) Turn-off losses include also the tail of the collector current (5) Calculated according to the iterative formula:
T -T JMAX C I ( T ) = ------------------------------------------------------------------------------------------------CC R xV (T , I ) THJ - C CE SAT ( MAX ) C C
4/12
STGP10NB60SD
2 Electrical characteristics
2.1
Electrical characteristics (curves)
Safe Operating Area Figure 2. Thermal Impedance
Figure 1.
Figure 3.
Output Characteristics
Figure 4.
Transfer Characteristics
Figure 5.
Transconductance
Figure 6.
Collector-Emitter on Voltage vs Temperature
5/12
2 Electrical characteristics
STGP10NB60SD
Figure 8. Gate Threshold Voltage vs Temperature
Figure 7.
Collector-Emitter on Voltage vs Collector Current
Figure 9.
Capacitance Variations
Figure 10. Gate Charge vs Gate-Emitter Voltage
Figure 11. Switching Losses vs Gate Resistance
Figure 12. Switching Losses vs Collector Current
6/12
STGP10NB60SD
Figure 13. Switching Losses vs Temperature
2 Electrical characteristics
Figure 14. Normalized Breakdown Voltage vs Temperature
Figure 15. Emitter-Collector Diode Characteristics
7/12
3 Test Circuits
STGP10NB60SD
3
Test Circuits
Figure 17. Gate Charge Test Circuit
Figure 16. Test Circuit for Inductive Load Switching
Figure 18. Switching Waveform
Figure 19. Diode Recovery Time Waveform
8/12
STGP10NB60SD
4 Package mechanical data
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
9/12
4 Package mechanical data
STGP10NB60SD
TO-220 MECHANICAL DATA
DIM. A b b1 c D E e e1 F H1 J1 L L1 L20 L30 mm. MIN. 4.40 0.61 1.15 0.49 15.25 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 TYP MAX. 4.60 0.88 1.70 0.70 15.75 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 MIN. 0.173 0.024 0.045 0.019 0.60 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 0.645 1.137 0.151 0.116 inch TYP. MAX. 0.181 0.034 0.066 0.027 0.620 0.409 0.106 0.202 0.052 0.256 0.107 0.551 0.154
oP
Q
10/12
STGP10NB60SD
5 Revision History
5
Revision History
Date 18-Nov-2005 Revision 1 Initial release. Changes
11/12
5 Revision History
STGP10NB60SD
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners (c) 2005 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
12/12


▲Up To Search▲   

 
Price & Availability of STGP10NB60SD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X