Part Number Hot Search : 
TSM4N80 2SC5938B TEFD4300 LXP610 SLASE3 70N6T UF1502 D2010
Product Description
Full Text Search
 

To Download STG3856 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STG3856
Low Voltage 1.0 Max Dual SP3T Switch With Break Before Make Feature
TARGET SPECIFICATION
Features
HIGH SPEED: - tPD = 0.3ns (TYP.) at V CC = 3.0V - tPD = 0.4ns (TYP.) at V CC = 2.3V ULTRA LOW POWER DISSIPATION: - ICC = 0.2A (MAX.) at TA = 85C LOW "ON" RESISTANCE VIN = 0V: - RON = 1.0(MAX. TA = 25C) AT V CC=4.3V - RON = 1.5(MAX. TA = 25C) AT V CC=3.0V - RON = 1.8(MAX. TA = 25C) AT V CC=2.3V
WIDE OPERATING VOLTAGE RANGE: - VCC (OPR) = 1.65V to 4.3V SINGLE SUPPLY 4.3V TOLERANT AND 1.8V COMPATIBLE THRESHOLD ON DIGITAL CONTROL INPUT at VCC = 2.3 TO 4.3V LATCH-UP PERFORMANCE EXCEEDS 300mA (JESD 17) ESD PERFORMANCE (ANALOG CHAN. Vs. GND): HBM >2kV (MIL STD 883 method 3015)
QFN12L
Description
The STG3856 is a high-speed CMOS LOW VOLTAGE DUAL ANALOG S.P.3.T. (Single Pole Triple Throw) SWITCH or Dual 3:1 Multiplexer / Demultiplexer Switch fabricated in silicon gate C2MOS technology. It is designed to operate from 1.65V to 4.3V, making this device ideal for portable applications. The device offers very low ON-Resistance (<1.0) at VCC = 4.3V. The disabling and enabling of switches are done by setting the 1IN and 2IN control pins. Additional key features are fast switching speed, and Ultra Low Power Consumption. All inputs and outputs are equipped with protection circuits against static discharge, giving them ESD immunity and transient excess voltage.
Order Codes
Part Number STG3856 Temperature Range -40C to +85C Package QFN12L (2.2mm x 1.4mm) Comments STG3856QTR
December 2005
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
Rev. 2 1/13
www.st.com 13
STG3856
Contents
1 Summary Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
1.1 1.2 1.3 1.4 Pin Connections and Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Truth Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Internal Schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Input Equivalent Circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2 3
Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3.1 3.2 3.3 DC Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 AC Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Analog Switch . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
4 5
Package Mechanical Data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
2/13
STG3856
1 Summary Description
1
1.1
Summary Description
Pin Connections and Description
Figure 1. Connection Diagramn (Top through view)
V
CC
IN 1 12 1S1 1S2 1S3
1 2 3 4
IN 2 10
9 8 7
11 5
2S1 2S2 2S3
6
D1
GND
D2
Table 1.
Pin Description
Pin N 12, 10 Symbol 1IN, 2IN 1S1, 1S2, 1S3, 2S1, 2S2, 2S3 D1, D2 Name and Function Controls Independent Channels Common Channels Positive Supply Voltage Ground (0V)
1,2,3, 9,8,7 4,6 11 5
VCC
GND
1.2
Truth Table
Table 2. Truth Table
1IN L L H H 2IN L H L H High-Impedance D1-1S1, D2-2S1 D1-1S2, D2-2S2 D1-1S3, D2-2S3 Switch State
3/13
1 Summary Description
STG3856
1.3
Internal Schematic
Figure 2. Internal Schematic
1.4
Input Equivalent Circuit
Figure 3. Input Equivalent Circuit
4/13
STG3856
2 Maximum Ratings
2
Maximum Ratings
Stressing the device above the rating listed in the "Absolute Maximum Ratings" table may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality documents.
Table 3.
Symbol
Absolute Maximum Ratings
Parameter Supply Voltage DC Input voltage DC Control Input Voltage DC Output Voltage DC Input Diode Current on Control Pin (V IN < 0V) Value -0.5 to 5.5 -0.5 to VCC + 0.5 -0.5 to 5.5 -0.5 to VCC + 0.5 -50 50 20 150 300 100 Unit V V V V mA mA mA mA mA mA mW -65 to 150 300 C C
VCC VI VIC VO IIKC IIK IOK IO
IOP
DC Input Diode Current (VIN < 0V)
DC Output Diode Current DC Output Current DC Output Current Peak (pulse at 1ms, 10% duty cycle)
ICC or IGND PD TSTG TL
DC VCC or Ground Current Power Dissipation at TA = 70C (1)
Storage Temperature Lead Temperature (10 sec)
1. Derate above 70C by 18.5mW/C
5/13
3 Electrical Characteristics
STG3856
3
Table 4.
Symbol
Electrical Characteristics
Recommended Operating Conditions
Parameter Supply Voltage (1) Input Voltage Control Input Voltage Output Voltage Operating Temperature VCC =1.65V to 2.7V dt/dv Input rise and Fall Time Control Input VCC =3.0 to 4.3V 0 to 10 Value 1.4 to 4.3 0 to V CC 0 to V CC 0 to V CC -55 to 125 0 to 20 ns/V Unit V V V V C
VCC VI VIC VO TOP
1. Truth Table guaranteed: 1.2V to 4.3V
3.1
Table 5.
DC Electrical Characteristics
DC Electrical Characteristics
Test Condition Value TA = 25C VCC (V) Min. 1.65-1.95 0.65VCC 1.4 1.4 1.5 0.40 0.50 0.50 0.50 0.6 1.3 VS=0V to VCC IS=100mA 1.5 2.0 2.5 3.3 VS @ RON Max IS=100mA 1.0 1.5 1.8 2.2 3.0 4.0 Typ. Max. Min. 0.65VCC 1.4 1.4 1.5 0.40 0.50 0.50 0.50 1.2 1.8 2.2 2.6 3.6 4.8 Max. Min. 0.65V CC 1.4 1.4 1.5 0.40 0.50 V 2.7 - 3.0 3.3 - 4.3 4.3 3.0 0.50 0.50 V Max. -40 to 85C -55 to 125C Unit
Symbol
Parameter
VIH
High Level Input Voltage
2.3 - 2.5 2.7 - 3.0 3.3 - 4.3 1.65-1.95
VIL
Low Level Input Voltage
2.3 - 2.5
RON
Switch ON Resistance
2.7 2.3 1.8 1.65
RON
ON Resistance Match between channels
2.7
0.01
6/13
STG3856
Table 5. DC Electrical Characteristics
Test Condition Symbol Parameter VCC (V) Min. 4.3 ON Resistance FLATNESS
(1)(2)
3 Electrical Characteristics
Value TA = 25C Typ. Max. -40 to 85C Min. Max. -55 to 125C Min. Max. Unit
3.0 2.7 2.3 1.65
RFLAT
VS=0V to VCC IS=100mA
0.22
0.35
0.35
IOFF
OFF State Leakage Current (nSN), (Dn) Input Leakage Current
4.3
VS=0.3 or 4V VIN=0 to 4.3V VIN=VCC or GND VIN1, VIN2 = 1.65V 37 33 12
20
100
nA
IIN ICC
0 - 4.3
0.1 0.05 50 40 20
1 0.2 100 50 30 1
A A
Quiescent 1.65 - 4.3 Supply Current
ICCLV
Quiescent Supply Current Low Voltage Driving
4.3
VIN1, VIN2 = 1.80V VIN1, VIN2 = 2.60V
A
1. Ron = max |mSN-nSN|, where m = 1 and n = 2, N = 1..3 2. Flatness is defined as the difference between the maximum and minimum value of ON-resistance as measured over the specified analog signal ranges.
7/13
3 Electrical Characteristics
STG3856
3.2
Table 6.
AC Electrical Characteristics
AC Electrical Characteristics (CL = 35pF, RL = 50, tr = tf 5ns)
Test Condition Value TA = 25C VCC (V) Min. 1.65-1.95 Typ. 0.45 0.40 ns 3.0 - 3.3 3.6 - 4.3 1.65-1.95 VS=0.8V 0.30 0.30 56 33 VS=1.5V 21 19 VS=0.8 24 17 VS=1.5V 14 12 VS=0.8 10 10 VS=1.5V 10 10 31 22 18 7 25 35 pC 40 55 40 30 25 50 40 35 ns 25 20 20 40 30 30 ns 50 40 40 60 50 50 ns Max. Min. Max. Min. Max. -40 to 85C -55 to 125C Unit
Symbol
Parameter
tPLH, tPHL
Propagation Delay
2.3 - 2.7
tON
TURN-ON time
2.3-2.7 3.0-3.3 3.6-4.3 1.65-1.95
tOFF
TURN-OFF time
2.3-2.7 3.0-3.3 3.6-4.3 1.65-1.95
tD
Break Before Make Time Delay
2.3-2.7 3.0-3.3 3.6-4.3 1.65-1.95 C =100pF L 2.3-2.7 RL=1MO 3.0-3.3 3.6-4.3 VGEN=0V RGEN=0
Q
Charge Injection
8/13
STG3856
3 Electrical Characteristics
3.3
Table 7.
Analog Switch
Analog Switch Characteristics (CL = 5pF, RL = 50, TA = 25C)
Test Condition Value TA = 25C VCC (V) Min. Typ. Max. Min. Max. -82 Min. Max. dB VS=1VRMS f=100kHz VS=1VRMS f=100kHz RL=600 2.3-4.3 VIN=2V PP f=20Hz to 20kHz 0.03 % -40 to 85C -55 to 125C Unit
Symbol
Parameter
OIRR
Off Isolation (1) Crosstalk
1.65-4.3
Xtalk
1.6-4.3
-84
dB
THD
Total Harmonic Distortion -3dB Bandwidth Control Pin Input Capacitance Sn Port OFF Capacitance Sn Port ON Capacitance D Port Capacitance when Switch is Enabled
BW
1.65-4.3
R L=50
100
MHz
CIN
5
CSn(OFF) CSn(ON)
3.3 3.3
f = 1MHz f = 1MHz
23 pF 70
CD
3.3
f = 1MHz
70
1. OFF Isolation = 20Log10 (V D/VS), V D = output, VS = input at off switch
9/13
4 Package Mechanical Data
STG3856
4
Package Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second Level Interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
10/13
STG3856
Table 8. QFN12L (2.2mm x 1.4mm) Mechanical Data
Dimensions Millimeters Ref Min. A A1 b D E e L 0.35 0.50 0 0.15 1.30 2.10 Typ. 0.55 0.02 0.20 1.40 2.20 0.40 0.40 0.45 0.013 Max. 0.60 0.05 0.25 1.50 2.30 Min. 0.019 0 0.006 0.051 0.082
4 Package Mechanical Data
Inches Typ. 0.021 0.001 0.007 0.055 0.086 0.015 0.015 0.017 Max. 0.023 0.002 0.010 0.059 0.090
Figure 4.
QFN12L Package Dimensions
All dimensions are in millimeters 11/13
5 Revision History
STG3856
5
Revision History
Date 22-Dec-2005 23-Dec-2005 Revision 1 2 First Draft Few Changes Description of Change
12/13
STG3856
5 Revision History
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners (c) 2005 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
13/13


▲Up To Search▲   

 
Price & Availability of STG3856

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X