Part Number Hot Search : 
LP295 PEB3558 SA102 MCT5210 AVR750U MAX6920 STA124S HYA230
Product Description
Full Text Search
 

To Download STD55NH2LL06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STD55NH2LL STD55NH2LL-1
N-channel 24V - 0.010 - 40A - DPAK/IPAK Ultra low gate charge STripFETTM Power MOSFET
General features
Type STD55NH2LL-1 STD55NH2LL VDSS 24V 24V RDS(on) <0.011 <0.011 ID 40A(1) 40A(1)
2 1 3
1 3
1. Value limited by wire bonding
RDS(ON) * Qg industry's benchmark Conduction losses reduced Switching losses reduced Low threshold device
iPAK
DPAK
Description
The STD55NH2LL is based on the latest generation of ST's proprietary STripFETTM technology. An innovative layout enables the device to also exhibit extremely low gate charge for the most demanding requirements as highside switch in high-frequency DC-DC converters. It's therefore ideal for high-density converters in Telecom and Computer applications.
Internal schematic diagram
Applications
Switching application
Order codes
Part number STD55NH2LL-1 STD55NH2LLT4 Marking D55NH2LL D55NH2LL Package IPAK DPAK Packaging Tube Tape & reel
July 2006
Rev 5
1/16
www.st.com 16
Contents
STD55NH2LL - STD55NH2LL-1
Contents
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 Electrical characteristics (curves) ............................. 6
3 4 5 6 7
Test circuit
................................................ 8
Appendix A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Packing mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
2/16
STD55NH2LL - STD55NH2LL-1
Electrical ratings
1
Electrical ratings
Table 1.
Symbol Vspike (1) VDS VDGR VGS ID(2) ID(2) IDM
(3)
Absolute maximum ratings
Parameter Drain-source voltage rating Drain-source voltage (VGS = 0) Drain-gate voltage (RGS = 20 k) Gate- source voltage Drain current (continuous) at TC = 25C Drain current (continuous) at TC = 100C Drain current (pulsed) Total dissipation at TC = 25C Derating Factor Value 30 24 24 16 40 28 160 60 0.4 600 -55 to 175 Max. operating junction temperature Unit V V V V A A A W W/C mJ C
Ptot
(4)
EAS
Single pulse avalanche energy Storage temperature
Tstg Tj
1. Garanted when external Rg=4.7 and tf < tfmax. 2. Value limited by wire bonding 3. Pulse width limited by safe operating area. 4. Starting Tj = 25 C, ID = 20A, VDD = 15V
Table 2.
Rthj-case Rthj-amb TJ
Thermal data
Thermal resistance junction-case max Thermal resistance junction-ambient max Maximum lead temperature for soldering purpose 2.5 100 275 C/W C/W C
3/16
Electrical characteristics
STD55NH2LL - STD55NH2LL-1
2
Electrical characteristics
(TCASE=25C unless otherwise specified) Table 3.
Symbol V(BR)DSS
On/off states
Parameter Drain-source breakdown voltage Zero gate voltage drain current (VGS = 0) Gate-body leakage current (VDS = 0) Gate threshold voltage Static drain-source on resistance Test conditions ID = 25mA, VGS =0 VDS = max rating VDS = max rating TC = 125C VGS = 16V VDS = VGS, ID = 250A VGS = 10V, ID = 20A VGS = 4.5V, ID = 20A 1 0.010 0.012 0.011 0.0135 Min. 24 1 10 100 Typ. Max. Unit V A A nA V
IDSS
IGSS VGS(th) RDS(on)
Table 4.
Symbol gfs (1) Ciss Coss Crss
Dynamic
Parameter Forward transconductance Input capacitance Output capacitance Reverse transfer capacitance Test conditions VDS = 10V, ID = 10A Min. Typ. 18 990 385 40 Max. Unit S pF pF pF
VDS = 25V, f = 1MHz, VGS = 0 f = 1 MHz Gate DC Bias = 0 Test Signal Level = 20 mV Open Drain VDD = 10V, ID = 20A RG = 4.7 VGS = 4.5V (see Figure 13) 0.44V VDD 10V, ID = 40A, VGS = 4.5V, RG = 4.7 (see Figure 14) VDS= 16 V, VGS= 0 V
RG
Gate Input Resistance
1.3
td(on) tr td(off) tf Qg Qgs Qgd Qoss(2)
Turn-on delay time Rise time Turn-off delay time Fall time Total gate charge Gate-source charge Gate-drain charge Output charge
15 56 13 10 8.7 4.2 2.4 7.6 11
ns ns ns ns nC nC nC nC
1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Qoss = Coss* Vin , Coss = Cgd + Cds . See Chapter 4: Appendix A
4/16
STD55NH2LL - STD55NH2LL-1
Electrical characteristics
Table 5.
Symbol ISD ISDM (1) VSD (2) trr Qrr IRRM
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage ISD = 20A, VGS = 0 32.5 28 1.7 Test conditions Min. Typ. Max. 40 160 1.3 Unit A A V ns nC A
Reverse recovery time ISD = 40A, di/dt = 100A/s, Reverse recovery charge VDD = 15V, Tj = 150C Reverse recovery current (see Figure 15)
1. Pulse width limited by safe operating area. 2. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %
5/16
Electrical characteristics
STD55NH2LL - STD55NH2LL-1
2.1
Figure 1.
Electrical characteristics (curves)
Safe operating area Figure 2. Thermal impedance
Figure 3.
Output characterisics
Figure 4.
Transfer characteristics
Figure 5.
Transconductance
Figure 6.
Static drain-source on resistance
6/16
STD55NH2LL - STD55NH2LL-1 Figure 7. Gate charge vs gate-source voltage Figure 8.
Electrical characteristics Capacitance variations
Figure 9.
Normalized gate threshold voltage vs temperature
Figure 10. Normalized on resistance vs temperature
Figure 11. Source-drain diode forward characteristics
Figure 12. Normalized breakdown voltage vs temperature
7/16
Test circuit
STD55NH2LL - STD55NH2LL-1
3
Test circuit
Figure 14. Gate charge test circuit
Figure 13. Switching times test circuit for resistive load
Figure 15. Test circuit for inductive load Figure 16. Unclamped Inductive load test switching and diode recovery times circuit
Figure 17. Unclamped inductive waveform
Figure 18. Switching time waveform
8/16
STD55NH2LL - STD55NH2LL-1
Appendix A
4
Appendix A
Figure 19. Buck converter: power losses estimation
The power losses associated with the FETs in a synchronous buck converter can be estimated using the equations shown in the table below. The formulas give a good approximation, for the sake of performance comparison, of how different pairs of devices affect the converter efficiency. However a very important parameter, the working temperature, is not considered. The real device behavior is really dependent on how the heat generated inside the devices is removed to allow for a safer working junction temperature.

The low side (SW2) device requires: Very low RDS(on) to reduce conduction losses Small Qgls to reduce the gate charge losses Small Coss to reduce losses due to output capacitance Small Qrr to reduce losses on SW1 during its turn-on The Cgd/Cgs ratio lower than Vth/Vgg ratio especially with low drain to source voltage to avoid the cross conduction phenomenon; The high side (SW1) device requires: Small Rg and Ls to allow higher gate current peak and to limit the voltage feedback on the gate Small Qg to have a faster commutation and to reduce gate charge losses Low RDS(on) to reduce the conduction losses.
9/16
Appendix A
STD55NH2LL - STD55NH2LL-1
Table 6.
Power losses calculation
High side switching (SW1) Low side switch (SW2)
Pconduction
R DS(on)SW1 * I 2 * L
R DS(on)SW2 * I 2 * (1 - ) L
IL Ig
Pswitching
Vin * (Q gsth(SW1) + Q gd(SW1) ) * f *
Zero Voltage Switching
Recovery
(1)
Not applicable
Vin * Q rr(SW2) * f
Pdiode Conductio n Not applicable
Vf(SW2) * I L * t deadtime * f Q gls(SW2) * Vgg * f
Vin * Q oss(SW2) * f 2
Pgate(QG)
Q g(SW1) * Vgg * f
PQoss
Vin * Q oss(SW1) * f 2
1. Dissipated by SW1 during turn-on
Table 7.
Paramiters meaning
Meaning Duty-cycle Post threshold gate charge Third quadrant gate charge On state losses On-off transition losses Conduction and reverse recovery diode losses Gate drive losses Output capacitance losses
Parameter d Qgsth Qgls Pconduction Pswitching Pdiode Pgate PQoss
10/16
STD55NH2LL - STD55NH2LL-1
Package mechanical data
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
11/16
Package mechanical data
STD55NH2LL - STD55NH2LL-1
TO-251 (IPAK) MECHANICAL DATA
DIM. MIN. A A1 A3 B B2 B3 B5 B6 C C2 D E G H L L1 L2 0.45 0.48 6 6.4 4.4 15.9 9 0.8 0.8 0.3 0.95 0.6 0.6 6.2 6.6 4.6 16.3 9.4 1.2 1 0.017 0.019 0.236 0.252 0.173 0.626 0.354 0.031 0.031 2.2 0.9 0.7 0.64 5.2 mm TYP. MAX. 2.4 1.1 1.3 0.9 5.4 0.85 0.012 0.037 0.023 0.023 0.244 0.260 0.181 0.641 0.370 0.047 0.039 MIN. 0.086 0.035 0.027 0.025 0.204 inch TYP. MAX. 0.094 0.043 0.051 0.031 0.212 0.033
H
C A C2
L2
D
B3 B6
A1
L
=
=
3
B5
B
A3
=
B2
=
G
=
E
L1
1
2
=
0068771-E
12/16
STD55NH2LL - STD55NH2LL-1
Package mechanical data
DPAK MECHANICAL DATA
mm. DIM. MIN. A A1 A2 B b4 C C2 D D1 E E1 e e1 H L (L1) L2 L4 R V2 2.2 0.9 0.03 0.64 5.2 0.45 0.48 6 5.1 6.4 4.7 2.28 4.4 9.35 1 2.8 0.8 0.6 0.2 0 8 0 1 0.023 0.008 8 4.6 10.1 0.173 0.368 0.039 0.110 0.031 0.039 6.6 0.252 0.185 0.090 0.181 0.397 TYP MAX. 2.4 1.1 0.23 0.9 5.4 0.6 0.6 6.2 MIN. 0.086 0.035 0.001 0.025 0.204 0.017 0.019 0.236 0.200 0.260 TYP. MAX. 0.094 0.043 0.009 0.035 0.212 0.023 0.023 0.244 inch
0068772-F
13/16
Packing mechanical data
STD55NH2LL - STD55NH2LL-1
6
Packing mechanical data
DPAK FOOTPRINT
All dimensions are in millimeters
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 16.4 50 22.4 18.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0.795 0.645 0.724 1.968 0.881 BULK QTY 2500 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 B1 D D1 E F K0 P0 P1 P2 R
W
BASE QTY 2500
mm MIN. 6.8 10.4 1.5 1.5 1.65 7.4 2.55 3.9 7.9 1.9 40
15.7 16.3
inch MIN. MAX. 7 0.267 0.275 0.409 0.417 0.476 0.059 0.063 0.059 0.065 0.073 0.291 0.299 0.100 0.108 0.153 0.161 0.311 0.319 0.075 0.082 1.574
0.618 0.641
MAX. 10.6 12.1 1.6 1.85 7.6 2.75 4.1 8.1 2.1
14/16
STD55NH2LL - STD55NH2LL-1
Revision history
7
Revision history
Table 8.
Date 22-Jun-2004 21-Jul-2005 13-Jun-2006 16-Jul-2006
Revision history
Revision 2 3 4 5 Preliminary datasheet Complete version Packing mechanical data inserted New template, no content change Changes
15/16
STD55NH2LL - STD55NH2LL-1
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
16/16


▲Up To Search▲   

 
Price & Availability of STD55NH2LL06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X