Part Number Hot Search : 
MPC9331 166Y06 5932B 4ALVCH 2SC2898 2SC184 N5333 SG2626T
Product Description
Full Text Search
 

To Download ST3232E06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST3232E
15kV ESD-Protection, 3 to 5.5V, low power, up to 250KBPS, RS-232 drivers and receivers
Feature summary

ESD protection for RS-232 I/O pins 15KV human body model 8KV IEC 1000-4-2 contact discharge 300A supply current 250Kbps minimum guaranteed data rate 6V/s minimum guaranteed slew rate Meet EIA/TIA-232 specifications down to 3V Available in DIP-16, SO-16, SO-16 large SSOP16 and TSSOP16
SO-16 Large SSOP16 TSSOP16 DIP-16 SO-16
Description
The ST3232E is a 3V powered EIA/TIA-232 and V.28/V.24 communication interfaces with low power requirements, high data-rate capabilities and enhanced electrostatic discharge (ESD) protection to 8kV using IEC1000-4-2 Contact Discharge and 15kV using the Human Body Model. ST3232E has a proprietary low dropout transmitter output stage providing true RS-232 performance from 3 to 5V supplies with a dual charge pump. The charge pump requires only four small 0.1F standard external capacitors for operations from 3V supply. The ST3232E has two receivers and two drivers. The device is guaranteed to run at data rates of 250Kbps while maintaining RS-232 output levels. Typical applications are Notebook, Subnotebook and Palmtop Computers, Battery Powered Equipment, Hand-Held Equipment, Peripherals and Printers..
Order code
Part number ST3232ECN ST3232EBN ST3232ECDR ST3232EBDR ST3232ECWR ST3232EBWR ST3232ECPR ST3232EBPR ST3232ECTR ST3232EBTR September 2006 Temp. range 0 to 70 C -40 to 85 C 0 to 70 C -40 to 85 C 0 to 70 C -40 to 85 C 0 to 70 C -40 to 85 C 0 to 70 C -40 to 85 C Package DIP-16 DIP-16 SO-16 (Tape & Reel) SO-16 (Tape & Reel) SO-16 Large (Tape & Reel) SO-16 Large (Tape & Reel) SSOP16 (Tape & Reel) SSOP16 (Tape & Reel) TSSOP16 (Tape & Reel) TSSOP16 (Tape & Reel) Rev 3 Packaging 25parts per tube / 40tube per box 25parts per tube / 40tube per box 2500 parts per reel 2500 parts per reel 1000 parts per reel 1000 parts per reel 1350 parts per reel 1350 parts per reel 2500 parts per reel 2500 parts per reel 1/20
www.st.com
20
Contents
ST3232E
Contents
1 2 3 4 5 6 7 Pin configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Application . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Typical performance characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
2/20
ST3232E
Pin configuration
1
Figure 1.
Pin configuration
Pin connection
Table 1.
Pin description
Symbol C1+ V+ C1C2+ C2VT2OUT R2IN R2OUT T2IN T1IN R1OUT R1IN T1OUT GND VCC Name and function Positive terminal for the first charge pump capacitor Doubled voltage terminal Negative Terminal for the first charge pump capacitor Positive terminal for the second charge pump capacitor Negative terminal for the second charge pump capacitor Inverted voltage terminal Second transmitter output voltage Second receiver input voltage Second receiver output voltage Second transmitter input voltage First transmitter input voltage First receiver output voltage First receiver input voltage First transmitter output voltage Ground Supply voltage
Pln N 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
3/20
Absolute maximum ratings
ST3232E
2
Table 2.
Symbol VCC V+ VV+ +|V-| TIN RIN TOUT ROUT tSHORT
Absolute maximum ratings
Absolute maximum ratings
Parameter Supply voltage Doubled voltage terminal Inverted voltage terminal Value -0.3 to 6 (VCC - 0.3) to 7 0.3 to -7 13 Transmitter input voltage range Receiver input voltage range Transmitter output voltage range Receiver output voltage range Transmitter output short to gnd time -0.3 to 6 25 13.2 -0.3 to (VCC + 0.3) Continuous Unit V V V V V V V V
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. V+ and V- can have a maximum magnitude of +7V, but their absolute addition can not exceed 13 V.
ESD performance: transmitter outputs, receiver inputs
Parameter ESD protection voltage ESD protection voltage Test conditions Human body model IEC-1000-4-2 Min. 15 8 Typ. Max. Unit kV kV
Figure 2.
Symbol ESD ESD
4/20
ST3232E
Electrical characteristics
3
Table 3.
Symbol ISUPPLY
Electrical characteristics
Electrical characteristics (C1 - C4 = 0.1F, VCC = 3V to 5.5V, TA = -40 to 85C, unless otherwise specified. Typical values are referred to TA = 25C)
Parameter Test conditions Min. Typ. 0.3 Max. 1 Unit mA
VCC Power supply current No Load, VCC = 3V or 5V, TA = 25C
Table 4.
Symbol VTIL VHYS VTIH IIL
Logic input (C1 - C4 = 0.1F, VCC = 3V to 5.5V, TA = -40 to 85C, unless otherwise specified. Typical values are referred to TA = 25C)
Parameter Input logic threshold low Transmitter input hysteresis Input logic threshold high Input leakage current VCC = 3.3V VCC = 5V T-IN 2 V 2.4 0.01 1 A T-IN 0.25 Test conditions Min. Typ. Max. 0.8 Unit V V
Table 5.
Symbol VTOUT RTOUT ISC ITOL
Transmitter (C1 - C4 = 0.1F tested at 3.3V10%, VCC = 3V to 5.5V, TA = -40 to 85C, unless otherwise specified. Typical values are referred to TA = 25C)
Parameter Output voltage swing Transmitter output resistance Output short circuit current Output leakage current VCC = 0V or 3.3V to 5.5V VOUT = 12V Transmitters disable Test conditions All transmitter outputs are loaded with 3K to GND VCC = 0V, VOUT = 2V Min. 5 300 Typ. 5.4 10M 60 25 Max. Unit V mA A
5/20
Electrical characteristics
ST3232E
Table 6.
Symbol VRIN VRIL
Receiver (C1 - C4 = 0.1F tested at 3.3V10%, VCC = 3V to 5.5V, TA = -40 to 85C, unless otherwise specified. Typical values are referred to TA = 25C)
Parameter Receiver input voltage operating range RS-232 Input threshold low TA = 25C, VCC = 3.3V TA = 25C, VCC = 5V RS-232 Input threshold high Input hysteresis Input resistance TTL/CMOS Output voltage low TA = 25C IOUT = 1.6mA VCC-0.6 VCC-0.1 3 TA = 25C, VCC = 3.3V TA = 25C, VCC = 5V Test conditions Min. -25 0.6 0.8 1.1 V 1.5 1.4 1.8 0.5 5 7 0.4 2.4 V 2.4 V k V V Typ. Max. 25 Unit V
VRIH VRIHYS RRIN VROL VROH
TTL/CMOS Output voltage high IOUT = -1mA
Table 7.
Symbol DR tPHLR tPLHR tOER tODR |tPHLT - tTHL| |tPHLR - tTHR|
Timing characteristics (C1 - C4 = 0.1F tested at 3.3V10%, VCC = 3V to 5.5V, TA = -40 to 85C, unless otherwise specified. Typical values are referred to TA = 25C)
Parameter Data transfer rate Propagation delay input to output Test conditions , RL = 3K CL2= 1000pF one transmitter switching RXIN = RXOUT, CL = 150pF Min. 250 0.15 50 50 200 50 TA = 25C RL = 3K to 7K VCC = 3.3V measured from +3V to -3V or -3V to +3V CL = 150pF to 1000pF CL = 150pF to 2500pF Typ. Max. Unit Kbps s ns ns ns ns
Receiver output enable time Normal Operation Receiver output disable time Normal Operation Transmitter propagation delay difference Receiver propagation delay difference (Note 1)
SRT
Transition slew rate
6 4
30 30
V/s V/s
Note:
1
Transmitter Skew is measured at the transmitter zero cross points
6/20
ST3232E
Application
4
Application
Figure 3. Application circuits
Table 8.
VCC
Capacitance value (F)
C1 0.1 0.047 0.1 C2 0.1 0.33 0.47 C3 0.1 0.33 0.47 C4 0.1 0.33 0.47 Cbypass 0.1 0.1 0.1
3.0 to 3.6 4.5 to 5.5 3.0 to 5.5
7/20
Typical performance characteristics
ST3232E
5
Typical performance characteristics
(unless otherwise specified TJ = 25C)
Figure 4.
Output current vs output high voltage
Figure 5.
Output current vs output high voltage
Figure 6.
Output current vs output low voltage
Figure 7.
Output current vs output low voltage
Figure 8.
Voltage transfer characteristics for transmitter inputs
Figure 9.
Receiver input resistance
8/20
ST3232E
Package mechanical data
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect. The category of second Level Interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
9/20
Package mechanical data
ST3232E
Plastic DIP-16 (0.25) MECHANICAL DATA
mm. DIM. MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 TYP. MAX. inch
P001C
10/20
ST3232E
Package mechanical data
SO-16 MECHANICAL DATA
DIM. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm. MIN. TYP MAX. 1.75 0.25 1.64 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.010 0.063 0.018 0.010
0016020D
11/20
Package mechanical data
ST3232E
SO-16L MECHANICAL DATA
DIM. A a1 a2 b b1 C c1 D E e e3 F G L M S 8 0.5 1.27 0.75 (max.) 0.020 0.050 0.029 7.4 10.1 10.0 1.27 8.89 7.6 0.291 10.5 10.65 0.35 0.23 0.5 45 (typ.) 0.397 0.393 0.050 0.350 0.300 0.413 0.419 0.1 mm. MIN. TYP MAX. 2.65 0.2 2.45 0.49 0.32 0.014 0.009 0.020 0.004 MIN. inch TYP. MAX. 0.104 0.008 0.096 0.019 0.012
PO13I
12/20
ST3232E
Package mechanical data
SSOP16 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.55 0.05 1.65 0.22 0.09 5.9 7.4 5.3 5 0.65 8 0.95 0 0.022 TYP MAX. 2 0.21 1.85 0.38 0.25 6.5 8.2 5.6 0.002 0.065 0.009 0.0035 0.232 0.291 0.197 0.209 0.0256 8 0.037 MIN. TYP. MAX. 0.079 0.008 0.073 0.015 0.0098 0.256 0.323 0.220 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
7299589/A
13/20
Package mechanical data
ST3232E
TSSOP16 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.45 0.60 0.05 0.8 0.19 0.09 4.9 6.2 4.3 5 6.4 4.4 0.65 BSC 8 0.75 0 0.018 0.024 1 TYP MAX. 1.2 0.15 1.05 0.30 0.20 5.1 6.6 4.48 0.002 0.031 0.007 0.004 0.193 0.244 0.169 0.197 0.252 0.173 0.0256 BSC 8 0.030 0.004 0.039 MIN. TYP. MAX. 0.047 0.006 0.041 0.012 0.0079 0.201 0.260 0.176 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
0080338D
14/20
ST3232E
Package mechanical data
Tape & Reel SO-16 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 6.45 10.3 2.1 3.9 7.9 12.8 20.2 60 22.4 6.65 10.5 2.3 4.1 8.1 0.254 0.406 0.082 0.153 0.311 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.262 0.414 0.090 0.161 0.319 MIN. TYP. MAX. 12.992 0.519 inch
15/20
Package mechanical data
ST3232E
Tape & Reel SO-16L MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 10.8 10.7 2.9 3.9 11.9 12.8 20.2 60 22.4 11.0 10.9 3.1 4.1 12.1 0.425 0.421 0.114 0.153 0.468 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.433 0.429 0.122 0.161 0.476 MIN. TYP. MAX. 12.992 0.519 inch
16/20
ST3232E
Package mechanical data
Tape & Reel SSOP16 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 8.4 6.7 2.9 3.9 11.9 12.8 20.2 60 22.4 8.6 6.9 3.1 4.1 12.1 0.331 0.264 0.114 0.153 0.468 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.339 0.272 0.122 0.161 0.476 MIN. TYP. MAX. 12.992 0.519 inch
17/20
Package mechanical data
ST3232E
Tape & Reel TSSOP16 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 6.7 5.3 1.6 3.9 7.9 12.8 20.2 60 22.4 6.9 5.5 1.8 4.1 8.1 0.264 0.209 0.063 0.153 0.311 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.272 0.217 0.071 0.161 0.319 MIN. TYP. MAX. 12.992 0.519 inch
18/20
ST3232E
Revision history
7
Table 9.
Date
Revision history
Revision history
Revision 3 Changes Order codes has been updated and new template.
06-Sep-2006
19/20
ST3232E
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
20/20


▲Up To Search▲   

 
Price & Availability of ST3232E06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X