Part Number Hot Search : 
LT30101 B4049 BZX84C3W PX0401 HA1451 1718A 00115 C1455P1
Product Description
Full Text Search
 

To Download ST19WS04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST19WS04
Smartcard MCU With 4 Kbytes EEPROM
DATA BRIEF
PRODUCT FEATURES ENHANCED 8 BIT CPU WITH EXTENDED ADDRESSING MODES I 64 KBYTES USER ROM WITH PARTITIONING I 2 KBYTES USER RAM WITH PARTITIONING I 4 KBYTES USER EEPROM WITH PARTITIONING plus 128 BYTES USER and ST OTP AREA: - Highly reliable CMOS EEPROM submicron technology - Error Correction Code for single bit fail correction within a byte - 10 year data retention - 500,000 Erase/Write cycles endurance - 1 to 32 bytes Erase or Program in 1 ms I SECURITY FIREWALLS FOR MEMORIES, and ENHANCED DES ACCELERATOR. I VERY HIGH SECURITY FEATURES INCLUDING EEPROM FLASH PROGRAMMING AND CLOCK MANAGEMENT. I 2x8 BIT TIMERS WITH INTERRUPT CAPABILITY I HARDWARE SECURITY ENHANCED DES ACCELERATOR WITH LIBRARY SUPPORT FOR SYMMETRICAL ALGORITHMS: - DES, triple DES computations and CBC chaining mode... I ISO 3309 CRC CALCULATION BLOCK I FIPS 140-2 COMPLIANT RANDOM NUMBER GENERATOR WITH TWO GUN REGISTERS (Generators of Unpredictable Number)
I
I I I I I I I I
2.7 V TO 5.5 V SUPPLY VOLTAGE EXTERNAL CLOCK FREQUENCY UP TO 10 MHz HIGH PERFORMANCE PROVIDED USING INTERNAL CLOCK FREQUENCY UNIQUE SERIAL NUMBER ON EACH DIE POWER SAVING STANDBY MODE CONTACT ASSIGNMENT COMPATIBLE ISO 7816-2 SERIAL ACCESS I/O, ISO 7816-3 COMPATIBLE ESD PROTECTION GREATER THAN 5000 V
Figure 1. Delivery Form
259a.ai
Micromodule
Wafer
Function Triple DES (with enhanced security) Single DES (with enhanced security)
Speed(1) 58.0 s 43.0 s
1. Typical values, independent from external clock frequency and supply voltage.
September 2004
For further information contact your local ST sales office.
1/3
3
ST19WS04
HARDWARE DESCRIPTION The product, member of the ST19W platform, is a serial access microcontroller specially designed for cost effective secure portable applications. It is manufactured using an advanced highly reliable ST CMOS EEPROM technology. It is based on the STMicroelectronics 8 bit CPU already implemented on the ST19X product family and includes on-chip memories: User ROM, User RAM and EEPROM with state of the art security features. ROM, RAM and EEPROM memories can be configured into partitions with customized access rules. An additional ST ROM contains all ST provided functions and libraries. Access from any memory area to another are protected by hardware FIREWALLS. Access rules are User defined and can be selected by mask options. The chip includes an Enhanced DES accelerator which is accessible via cryptographic software libraries located in ST ROM. As with all the other ST19W products, a serial interface fully compatible with the ISO7816 standard for Smartcard applications is available. A CRC calculation block is also available and is directly accessible by the User.
Figure 2. Block Diagram
RAM
EEPROM
USER ROM
ST ROM, and EDES LIBRARY
EDES ACCELE -RATOR
MEMORY ACCESS FIREWALL
ST ROM, and EDES FIREWALL
INTERNAL BUS
CRC MODULE
CLOCK GENERATOR MODULE
2X 8 BIT TIMERS
SECURITY ADMIN.
GUN A & GUN B
8 BIT CPU
1X SERIAL INTERFACE
CLK
RESET
Vcc
GND
I/O 469
SOFTWARE DEVELOPMENT Software development and firmware generation (ROM and options) are supported by a comprehensive set of development tools, dedicated at development and validation of softwares:
- - - -
Smartcard ICs Emulator, ST19X simulation package, ScDevTools environment for WindowsTM NT, 2000, XP based stations, Powerful C/C++ compiler and debugger are also available (third party tools).
2/3
ST19WS04
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners (c) 2004 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
3/3


▲Up To Search▲   

 
Price & Availability of ST19WS04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X