Part Number Hot Search : 
30F60 LC866432 SL4019BD VTALF LPR550AL TCA105 M62464AE SN74LVC
Product Description
Full Text Search
 

To Download ST19WR66 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST19WR66
Dual Contactless Smartcard MCU with MAP, RF UART, IART & 66 Kbytes High Density EEPROM
DATA BRIEF
PRODUCT FEATURES ENHANCED 8 BIT CPU WITH EXTENDED ADDRESSING MODES I 224 KBYTES USER ROM WITH PARTITIONING I 6 KBYTES USER RAM WITH PARTITIONING I 66 KBYTES USER EEPROM WITH PARTITIONING including 128 BYTES USER and ST OTP AREA: - Highly reliable CMOS EEPROM submicron technology - Error Correction Code for single bit fail correction within a byte - 10 year data retention - 500,000 Erase/Write cycles endurance - 1 to 64 bytes Erase or Program in 1.5 ms I SECURITY FIREWALLS FOR MEMORIES, MODULAR ARITHMETIC PROCESSOR and ENHANCED DES ACCELERATOR. I VERY HIGH SECURITY FEATURES INCLUDING EEPROM FLASH PROGRAMMING AND CLOCK MANAGEMENT. I 3x8 BIT TIMERS WITH INTERRUPT CAPABILITY I HARDWARE SECURITY ENHANCED DES ACCELERATOR WITH LIBRARY SUPPORT FOR SYMMETRICAL ALGORITHMS: - DES, triple DES computations and CBC chaining mode... I AES-128 SOFTWARE LIBRARY I 1088 Bit MODULAR ARITHMETIC PROCESSOR WITH LIBRARY SUPPORT FOR ASYMMETRICAL ALGORITHMS - Fast modular multiplication and squaring using Montgomery method - Software Crypto libraries in separate ST ROM area for efficient algorithm coding using a set of advanced functions - Software selectable operand length up to 2176 bits. I ISO 3309 CRC CALCULATION BLOCK
I
FIPS 140-2 COMPLIANT RANDOM NUMBER GENERATOR WITH TWO GUN REGISTERS (Generators of Unpredictable Number) I 1.62 V TO 5.5 V SUPPLY VOLTAGE I EXTERNAL CLOCK FREQUENCY UP TO 8.5 MHz I HIGH PERFORMANCE PROVIDED USING INTERNAL CLOCK FREQUENCY I UNIQUE SERIAL NUMBER ON EACH DIE I POWER SAVING STANDBY MODE I CONTACT ASSIGNMENT COMPATIBLE ISO 7816-2 I SERIAL ACCESS I/O, ISO 7816-3 COMPATIBLE I ISO ASYNCHRONOUS RECEIVER TRANSMITTER FOR HIGH SPEED SERIAL DATA SUPPORT I ESD PROTECTION GREATER THAN 5000 V CONTACTLESS SPECIFIC FEATURES I BASED UPON ISO 14443 TYPE B I 13.56 MHz CARRIER FREQUENCY I USING RF UNIVERSAL ASYNCHRONOUS RECEIVE TRANSMITTER (RF UART) ENABLES EASY TO MANAGE HIGH SPEED DATA TRANSFER UP TO 848 KBITS/S I RF FRAME UP TO 256 BYTES I 10% AMPLITUDE MODULATION RECEPTION (READER TO CARD) I BPSK - NRZ LOAD MODULATION (CARD TO READER) I INTERFACE WITH RF READERS SUPPORTED THROUGH A LIBRARY OF EMBEDDED SOFTWARE FUNCTIONS COMPATIBLE WITH ISO 14443 STANDARD I ESD PROTECTION ON ANTENNA PADS GREATER THAN 3000 V
I
August 2004
For further information contact your local ST sales office.
1/4
4
ST19WR66
Figure 1. Delivery Form
Function RSA 1024 bits signature with CRT
(2)
Speed(1) 85 ms 282 ms 5.5 ms 2.5 s 570 ms 91 ms 58.0 s 43.0 s
RSA 1024 bits signature without CRT(2) RSA 1024 bits verification (e='$10001') RSA 1024 bits key generation
259a.ai
Micromodule
Wafer
RSA 2048 bits signature with CRT(2) RSA 2048 bits verification (e='$10001') Triple DES (with enhanced security) Single DES (with enhanced security)
1. Typical values, independent from external clock frequency and supply voltage. 2. CRT: Chinese Remainder Theorem.
2/4
ST19WR66
HARDWARE DESCRIPTION The product, member of the ST19W platform, is a serial access microcontroller specially designed for cost effective secure portable applications. It is manufactured using an advanced highly reliable ST CMOS EEPROM technology. It is based on the STMicroelectronics 8 bit CPU already implemented on the ST19X product family and includes on-chip memories: User ROM, User RAM and EEPROM with state of the art security features. ROM, RAM and EEPROM memories can be configured into partitions with customized access rules. An additional ST ROM contains all ST provided functions and libraries. Access from any memory area to another are protected by hardware FIREWALLS. Access rules are User defined and can be selected by mask options or during the life of the product. The chip includes an Enhanced DES accelerator which is accessible via cryptographic software libraries located in ST ROM. The chip includes also a MAP which is based on a 1088 bits processor architecture. It processes modular multiplication, squaring and additional calculations up to 2176 bit operands. Internal Modular Arithmetic Processor (MAP) and enhanced DES accelerator are designed to speed up cryptographic calculations using Public Key Algorithms and Secret Key Algorithms. An RF Inteface including an RF Universal Asychornous Receiver Transmitter (UART) enables contactless communication up to 848 Kbits/s compatible with the ISO 14443-N standard. As with all the other ST19W products, a serial interface fully compatible with the ISO7816 standard for Smartcard applications is available. A CRC calculation block is also available and is directly accessible by the User.
Figure 2. Block Diagram
ST ROM, RF and CRYPTO LIBRARIES EDES ACCELERATOR
RAM
EEPROM
USER ROM
MAP
MEMORY ACCESS FIREWALL
ST ROM, MAP and EDES FIREWALL
INTERNAL BUS
CRC Module
Clock Generator Module
3x8 Bit Timer
Security Admin.
Gun A & Gun B
8 Bit CPU
1 Serial I/O Interface
IART
RF Interface
RF UART
CLK
RESET
Vcc
GND
I/O
AC0
AC1 529
SOFTWARE DEVELOPMENT Software development and firmware generation (ROM and options) are supported by a comprehensive set of development tools, dedicated at development and validation of softwares: - Smartcard ICs Emulator,
- - - -
ST19X simulation package, ScDevTools environment for WindowsTM NT, 2000, XP based stations, Powerful C/C++ compiler and debugger are also available (third party tools). RF contactless demokit based upon ISO 14443 type B standard.
3/4
ST19WR66
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners (c) 2004 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
4/4


▲Up To Search▲   

 
Price & Availability of ST19WR66

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X