Part Number Hot Search : 
SZN4469 LM257606 VN750 M68300 74453010 SLA608L AH293Y 1H220
Product Description
Full Text Search
 

To Download ST16RF58 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ST16RF58
DATA BRIEFING
Smartcard MCU With 8176 Bytes EEPROM for Contactless/Contact Applications
s s
8 BIT ARCHITECTURE CPU 22 KBytes of USER ROM, SECTOR COMBINATIVE 5 KBytes of SYSTEM ROM 512 Bytes of RAM 8176 Bytes of EEPROM, SECTOR COMBINATIVE - Highly reliable CMOS EEPROM technology - 10 year data retention - 300,000 Erase/Write cycle endurance - Protected One Time Programmable block (32 or 64 bytes) - 1 to 32 bytes block either Erase or Write in single cycle programming
Micromodule (D5)
2 2
2
2
s s s
s s
POWER SAVING STANDBY MODE VERY HIGH SECURITY FEATURES INCLUDING EEPROM FLASH ERASE ESD PROTECTION GREATER THAN 5000V 2 OPERATING CONFIGURATIONS - ISSUER - USER
Wafer
s s
s s s
CONTACTLESS SPECIFIC FEATURES 13.56 MHZ OPERATION 106 KBIT/S DATA TRANSFER AMPLITUDE MODULATION READER TO CARD LOAD MODULATION CARD TO READER 3V OPERATION
s
CONTACT SPECIFIC FEATURES EXTENDED VOLTAGE OPERATION, Vcc Range: 2.7V to 5.5V SERIAL ACCESS, ISO 7816-3 COMPATIBLE UP TO 5 MHz INTERNAL OPERATING FREQUENCY CONTACT ASSIGNMENT COMPATIBLE ISO 7816-2
s s
s s
s
BD.RF58/9809VP2
This is Brief Data from STMicroelectronics. Details are subject to change without notice. For complete data, please contact your nearest Sales Office or SmartCard Products Divison, Rousset, France. Fax: (+33) 4 42 25 87 29
1/2
1
ST16RF58
DESCRIPTION The ST16RF58, a member of the standard ST16 device family, is a serial access microcontroller especially designed for large volume contactless/ contact Smartcard applications. The ST16RF58 is based on 8 bit CPU core and includes on chip memories: 512 Bytes of RAM, 22 KBytes of USER ROM, 5 KBytes of SYSTEM ROM, and 8176 Bytes of EEPROM. Both ROM and EEPROM memories can be configured into two sectors. Access rules from any memory section or sector to any other are set-up by the User's defined Memory Access Control Matrix (MACM). Reliability data related to the ST16RF58 product, manufactured using STMicroelectronics' advanced CMOS EEPROM technology, confirm data retention of up to 10 years and endurance up to 300,000 Erase/Write cycles. Contact operation is fully compatible with the ISO standards for Smartcard applications.
Figure 1 Block Diagram
VCC GENERATION RAM 8 BIT CPU SYSTEM ROM ROM
512 Bytes
5 KBytes
22 KBytes
SECTORS COMBIN.
EEPROM
8176 Bytes
SECTORS COMBINATIVE SECTOR A SECTOR B
SECT. S
SECT. A
SECT. B
MEMORY ACCESS CONTROL MATRIX
CLK
INTERNAL BUS RST
SERIAL I/0 INTERFACE
RF INTERFACE
NUMBER GENERATOR
SECURITY LOGIC V CC
AC1 I/O1
AC0 GND
SCP 076c/DS
2/2


▲Up To Search▲   

 
Price & Availability of ST16RF58

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X