Part Number Hot Search : 
WSD751B LM267 UR3KB 1H100 KBPC2510 SAA7111A SC416 1H100
Product Description
Full Text Search
 

To Download SSTVF16857EV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
SSTVF16857 DDR PC1600-PC3200 14-bit SSTL_2 registered driver with differential clock inputs
Product data 2003 Sep 19
Philips Semiconductors
Philips Semiconductors
Product data
DDR PC1600-PC3200 14-bit SSTL_2 registered driver with differential clock inputs
SSTVF16857
FEATURES
* Stub-series terminated logic for 2.5 V VDDQ (SSTL_2) * Optimized for PC 2700 DDR (Double Data Rate) SDRAM * Suitable for PC1600/PC2100 DDR SDRAM applications * Suitable for PC3200 applications when used at VDD = 2.6 V * Inputs compatible with JESD8-9 SSTL_2 specifications. * Flow-through architecture optimizes PCB layout * ESD classification testing is done to JEDEC Standard JESD22. * Latch-up testing is done to JEDEC Standard JESD78, which * Full DDR300/333/400 solution @ 2.5V when used with PCKV857 * Available in TSSOP-48, TVSOP-48 and 56 ball VFBGA packages * Superior VREF noise rejection
DESCRIPTION
The SSTVF16857 is a 14-bit SSTL_2 registered driver with differential clock inputs, designed to operate between 2.3 V and 2.7 V. VDDQ must not exceed VCC. Inputs are SSTL_2 type with VREF normally at 0.5*VDDQ. The outputs support class I which can be used for standard stub-series applications or capacitive loads. Master reset (RESET) asynchronously resets all registers to zero. The SSTVF16857 is intended to be incorporated into standard DIMM (Dual In-Line Memory Module) designs defined by JEDEC, such as DDR (Double Data Rate) SDRAM or SDRAM II Memory Modules. Different from traditional SDRAM, DDR SDRAM transfers data on both clock edges (rising and falling), thus doubling the peak bus bandwidth. A DDR DRAM rated at 166 MHz will have a burst rate of 333 MT/s (mega-transfers per second). The modules require between 23 and 27 registered control and address lines, so two 14-bit wide devices will be used on each module. The SSTVF16857 is intended to be used for SSTL_2 input and output signals. The device data inputs consist of differential receivers. One differential input is tied to the input pin while the other is tied to a reference input pad, which is shared by all inputs. The clock input is fully differential to be compatible with DRAM devices that are installed on the DIMM. However, since the control inputs to the SDRAM change at only half the data rate, the device must only change state on the positive transition of the CLK signal. In order to be able to provide defined outputs from the device even before a stable clock has been supplied, the device must support an asynchronous input pin (reset), which when held to the LOW state will assume that all registers are reset to the LOW state and all outputs drive a LOW signal as well. exceeds 100 mA. Protection exceeds 2000 V to HBM per method A114. applications
PIN CONFIGURATION
Q1 Q2 GND VDDQ Q3 Q4 Q5 GND VDDQ 1 2 3 4 5 6 7 8 9 48 D1 47 D2 46 GND 45 VCC 44 D3 43 D4 42 D5 41 D6 40 D7 39 CLK38 CLK+ 37 VCC 36 GND 35 VREF 34 RESET 33 D8 32 D9 31 D10 30 D11 29 D12 28 VCC 27 GND 26 D13 25 D14 SW00685
Q6 10 Q7 11 VDDQ 12 GND 13 Q8 14 Q9 15 VDDQ 16 GND 17 Q10 18 Q11 19 Q12 20 VDDQ 21 GND 22 Q13 23 Q14 24
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25C; tr =tf v2.5 ns SYMBOL tPHL/tPLH CI PARAMETER Propagation delay; CLK to Qn Input capacitance CONDITIONS CL = 30 pF; VDDQ = 2.5 V VCC = 2.5 V TYPICAL 1.9 2.9 UNIT ns pF
2003 Sep 19
2
Philips Semiconductors
Product data
DDR PC1600-PC3200 14-bit SSTL_2 registered driver with differential clock inputs
SSTVF16857
ORDERING INFORMATION
PACKAGES 48-Pin Plastic TSSOP Type I 48-Pin Plastic TSSOP (TVSOP) 56-Ball Plastic VFBGA TEMPERATURE RANGE 0 to +70 C 0 to +70 C 0 to +70 C ORDER CODE SSTVF16857DGG SSTVF16857DGV SSTVF16857EV DWG NUMBER SOT362-1 SOT480-1 SOT702-1
PIN DESCRIPTION
PIN NUMBER 34 48, 47, 44, 43, 42, 41, 40, 33, 32, 31, 30, 29, 26, 25 1, 2, 5, 6, 7, 10, 11, 14, 15, 18, 19, 20, 23, 24 35 3, 8, 13, 17, 22, 27, 36, 46 28, 37, 45 4, 9, 12, 16, 21 38 39 SYMBOL RESET NAME AND FUNCTION LVCMOS asynchronous master reset (Active LOW) SSTL_2 data inputs
LOGIC DIAGRAM
RESET VREF D1
REGISTER
Q1
D1 - D14
D2
REGISTER
Q2
Q1 - Q14 VREF GND VCC VDDQ CLK+ CLK-
SSTL_2 data outputs SSTL_2 input reference level Ground (0 V) Positive supply voltage Output supply voltage Differential clock inputs
D3
REGISTER
Q3
D4
REGISTER
Q4
D5
REGISTER
Q5
D6
REGISTER
Q6
D7
REGISTER
Q7
FUNCTION TABLE
INPUTS RESET L H H H CLK X L or H CLK X L or H D X H L X OUTPUT Q L
D8
REGISTER
Q8
D9
REGISTER
Q9
D10
H L Q0
D12 D11
REGISTER
Q10
REGISTER
Q11
H = High voltage level L = High voltage level = High-to-Low transition = Low-to-High transition X = Don't care
REGISTER
Q12
D13
REGISTER
Q13
D14 CLK+ CLK-
REGISTER
Q14
SW00763
2003 Sep 19
3
Philips Semiconductors
Product data
DDR PC1600-PC3200 14-bit SSTL_2 registered driver with differential clock inputs
SSTVF16857
BALL CONFIGURATION
1 2 3 4 5 6
A
Q1
NC
NC
NC
NC
D1
B
GND
Q2
VCC
VCC
D2
GND
C
Q4
Q3
Q5
D5
D3
D4
D
VCC
GND
Q6
CLK-
D6
D7
E
VCC
Q7
CLK+
VCC
F
GND
Q8
VREF
GND
G
VCC
GND
Q9
RESET
D9
D8
H
Q11
Q12
Q10
D10
D12
D11
J
GND
Q13
VCC
VCC
D13
GND
K
Q14
NC
NC
NC
NC
D14
SW00952
ABSOLUTE MAXIMUM RATINGS1
SYMBOL VCC IIK VI IOK VOUT IOUT PARAMETER DC supply voltage DC input diode current DC input voltage3 DC output diode current DC output voltage3 DC output current Continuous current4 VO = 0 to VDDQ VCC, VDDQ, or GND VO < 0 VI < 0 CONDITION LIMITS MIN -0.5 -- -0.5 -- -0.5 -- -- MAX +4.6 -50 VDDQ + 0.5 -50 VDDQ + 0.5 50 100 UNIT V mA V mA V mA
Tstg Storage temperature range2 -65 +150 C NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150C. 3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 4. The continuous current at VCC, VDDQ, or GND should not exceed 100 mA.
2003 Sep 19
4
Philips Semiconductors
Product data
DDR PC1600-PC3200 14-bit SSTL_2 registered driver with differential clock inputs
SSTVF16857
RECOMMENDED OPERATING CONDITIONS1
SYMBOL VCC VDDQ VREF VTT VI VIH VIL VIH VIL IOH IOL PARAMETER Supply voltage Output supply voltage Reference voltage (VREF = 0.5 x VDDQ) Termination voltage Input voltage AC HIGH-level input voltage AC LOW-level input voltage DC HIGH-level input voltage DC LOW-level input voltage HIGH-level output current LOW-level output current All inputs All inputs All inputs All inputs PC1600-PC2700 PC3200 TEST CONDITIONS MIN 2.3 2.3 1.15 1.25 VREF - 40 mV 0 VREF + 310 mV -- VREF + 150 mV VSS - 0.5 V -- -- 0 TYP 2.5 2.5 1.25 1.30 VREF -- -- -- -- -- -- -- -- MAX 2.7 2.7 1.35 1.35 VREF + 40 mV VCC -- VREF - 310 mV VDDQ + 0.5 V VREF - 150 mV -20 20 70 UNIT V V V V V V V V V V mA mA C
Tamb Operating free-air temperature range NOTE: 1. Unused control inputs must be held HIGH or LOW to prevent them from floating.
DC ELECTRICAL CHARACTERISTICS--PC1600-PC2700
Over recommended operating conditions. Voltages are referenced to GND (ground = 0 V). LIMITS SYMBOL VIK VOH VOL VCMR VPPmim PARAMETER I/O supply voltage HIGH-level output voltage LOW-level output voltage CLK, CLK CLK, CLK Data inputs, RESET II CLK, CLK VREF ICC Quiescent supply current CLK and CLK in opposite state1 Data inputs CI CLK, CLK RESET TEST CONDITIONS VCC = 2.3 V; II = -18 mA VCC = 2.3 V to 2.7 V; IOH = -100 A VCC = 2.3 V; IOH = -16 mA VCC = 2.3 V to 2.7 V; IOL = 100 A VCC = 2.3 V; IOL = 16 mA Common mode range for reliable performance Minimum peak-to-peak input to ensure logic state VCC = 2.7 V; VI = 1.7 V or 0.8 V VCC = 2.7 V; VI = 2.7 V or 0 V VCC = 2.7 V; VI = 1.7 V or 0.8 V VCC = 2.7 V; VI = 2.7 V or 0 V VCC = 2.7 V VCC = 2.7 V; VI = 1.7 V or 0.8 V VCC = 2.7 V; VI = 2.7 V or 0 V VI = VREF 310 mV, VCC = 2.5 V VICR = 1.25 V, VI(PP) = 360 mV, VCC = 2.5 V VI = VCC or GND, VCC = 2.5 V VREF = 1.15 V or 1.35 V VREF = 1.15 V or 1.35 V VREF = 1.15 V or 1.35 V RESET = GND RESET = VCC VREF = 1.15 V or 1.35 V VREF = 1.15 V or 1.35 V VREF = 1.15 V or 1.35 V Temp = 0 to +70 C MIN -- VCC - 0.2 1.95 -- -- 0.97 -- -- -- -- -- -- -- -- 2.5 2.5 2.5 TYP2 -- -- -- -- -- -- -- 0.01 0.01 0.05 0.05 0.05 0.5 10 2.9 2.9 2.9 MAX -1.2 -- -- 0.2 0.35 1.53 360 5 5 5 5 5 10 25 3.4 3.4 3.4 pF V V mV A A A A mA V UNIT
NOTES: 1. When CLK and CLK are HIGH, typical ICC = 25 mA. 2. All typical values are at VCC = 2.5 V and Tamb = 25 C (unless otherwise specified).
2003 Sep 19
5
Philips Semiconductors
Product data
DDR PC1600-PC3200 14-bit SSTL_2 registered driver with differential clock inputs
SSTVF16857
DC ELECTRICAL CHARACTERISTICS--PC3200
Over recommended operating conditions. Voltages are referenced to GND (ground = 0 V). LIMITS SYMBOL VIK VOH VOL VCMR VPPmim PARAMETER I/O supply voltage HIGH-level output voltage LOW-level output voltage CLK, CLK CLK, CLK Data inputs, RESET II CLK, CLK VREF ICC Quiescent supply current CLK and CLK in opposite state1 Data inputs CI CLK, CLK RESET TEST CONDITIONS VCC = 2.5 V; II = -18 mA VCC = 2.5 V to 2.7 V; IOH = -100 A VCC = 2.5 V; IOH = -16 mA VCC = 2.5 V to 2.7 V; IOL = 100 A VCC = 2.5 V; IOL = 16 mA Common mode range for reliable performance Minimum peak-to-peak input to ensure logic state VCC = 2.7 V; VI = 1.7 V or 0.8 V VCC = 2.7 V; VI = 2.7 V or 0 V VCC = 2.7 V; VI = 1.7 V or 0.8 V VCC = 2.7 V; VI = 2.7 V or 0 V VCC = 2.7 V VCC = 2.7 V; VI = 1.7 V or 0.8 V VCC = 2.7 V; VI = 2.7 V or 0 V VI = VREF 310 mV, VCC = 2.6 V VICR = 1.25 V, VI(PP) = 360 mV, VCC = 2.6 V VI = VCC or GND, VCC = 2.6 V VREF = 1.25 V or 1.35 V VREF = 1.25 V or 1.35 V VREF = 1.25 V or 1.35 V RESET = GND RESET = VCC VREF = 1.25 V or 1.35 V VREF = 1.25 V or 1.35 V VREF = 1.25 V or 1.35 V Temp = 0 to +70 C MIN -- VCC - 0.2 1.95 -- -- 0.97 -- -- -- -- -- -- -- -- 2.5 2.5 2.5 TYP2 -- -- -- -- -- -- -- 0.01 0.01 0.05 0.05 0.05 0.5 10 2.9 2.9 2.9 MAX -1.2 -- -- 0.2 0.35 1.53 360 5 5 5 5 5 10 25 3.4 3.4 3.4 pF V V mV A A A A mA V UNIT
NOTES: 1. When CLK and CLK are HIGH, typical ICC = 25 mA. 2. All typical values are at VCC = 2.6 V and Tamb = 25 C (unless otherwise specified).
TIMING REQUIREMENTS--PC1600-PC2700
Over recommended operating conditions; Tamb = 0 to +70 C (unless otherwise noted) (see Figure 1) LIMITS SYMBOL PARAMETER TEST CONDITIONS VCC = 2.5 V 0.2 V MIN fclock tw tsu th Clock frequency Pulse duration, CLK, CLK HIGH or LOW Data before CLK, CLK Setup time Hold time RESET HIGH before CLK, CLK -- 1.0 0.2 0.8 0.75 MAX 200 -- -- -- -- ns ns MHz ns UNIT
TIMING REQUIREMENTS--PC3200
Over recommended operating conditions; Tamb = 0 to +70 C (unless otherwise noted) (see Figure 1) LIMITS SYMBOL PARAMETER TEST CONDITIONS VCC = 2.5 V 0.2 V MIN fclock tw tsu th Clock frequency Pulse duration, CLK, CLK HIGH or LOW Data before CLK, CLK Setup time Hold time RESET HIGH before CLK, CLK -- 1.0 0.2 0.8 0.75 MAX 210 -- -- -- -- ns ns MHz ns UNIT
2003 Sep 19
6
Philips Semiconductors
Product data
DDR PC1600-PC3200 14-bit SSTL_2 registered driver with differential clock inputs
SSTVF16857
SWITCHING CHARACTERISTICS--PC1600-PC2700
Over recommended operating conditions; Tamb = 0 to +70 C; VDDQ = 2.3 - 2.7 V and VDDQ does not exceed VCC. Class I, VREF = VTT = VDDQ x 0.5 and CL = 10 pF (unless otherwise noted) (see Figure 1) LIMITS SYMBOL FROM (INPUT) Maximum clock frequency CLK and CLK RESET Q Q TO (OUTPUT) VCC = 2.5 V 0.2 V MIN fmax tPLH/tPHL tPHL 200 1.0 2.0 MAX -- 2.6 4.0 MHz ns ns UNIT
SWITCHING CHARACTERISTICS--PC3200
Over recommended operating conditions; Tamb = 0 to +70 C; VDDQ = 2.3 - 2.7 V and VDDQ does not exceed VCC. Class I, VREF = VTT = VDDQ x 0.5 and CL = 10 pF (unless otherwise noted) (see Figure 1) LIMITS SYMBOL FROM (INPUT) Maximum clock frequency CLK and CLK RESET Q Q TO (OUTPUT) VCC = 2.5 V 0.2 V MIN fmax tPLH/tPHL tPHL 210 1.0 2.0 MAX -- 2.6 4.0 MHz ns ns UNIT
2003 Sep 19
7
Philips Semiconductors
Product data
DDR PC1600-PC3200 14-bit SSTL_2 registered driver with differential clock inputs
SSTVF16857
PARAMETER MEASUREMENT INFORMATION AC WAVEFORMS
VIH CLK VREF VREF INPUT VIL tPLH tPHL VOH OUTPUT VREF VREF VOL SW00836 SW00339 VREF VREF VIL tW VIH
Waveform 3. Pulse duration
Waveform 1. Propagation delay times
VIH TIMING INPUT VIH RESET VREF VIL tPHL VOH OUTPUT VREF VOL SW00837 SW00340 DATA INPUT VREF VREF VIL tsu th VIH VREF VIL
Waveform 2. Propagation delay RESET to output. Waveform 4. Setup and hold times
TEST CIRCUIT
VTT 50 TEST POINT CL = 30 pF
NOTES: CL includes probe and jig capacitance All input pulses are supplied by generators having the following characteristics: PRR 10 MHz, ZO = 50 , tr 1.25 ns/V, tf 1.25 ns/V. The outputs are measured one at a time with one transition per measurement. VTT = VREF = VDDQ x 0.5 SW00838
Figure 1. Load circuitry
2003 Sep 19
8
Philips Semiconductors
Product data
DDR PC1600-PC3200 14-bit SSTL_2 registered driver with differential clock inputs
SSTVF16857
TSSOP48: plastic thin shrink small outline package; 48 leads; body width 6.1 mm
SOT362-1
2003 Sep 19
9
Philips Semiconductors
Product data
DDR PC1600-PC3200 14-bit SSTL_2 registered driver with differential clock inputs
SSTVF16857
TSSOP48: plastic thin shrink small outline package; 48 leads; body width 4.4 mm; lead pitch 0.4 mm
SOT480-1
2003 Sep 19
10
Philips Semiconductors
Product data
DDR PC1600-PC3200 14-bit SSTL_2 registered driver with differential clock inputs
SSTVF16857
VFBGA56: plastic very thin fine-pitch ball grid array package; 56 balls; body 4.5 x 7 x 0.65 mm
SOT702-1
2003 Sep 19
11
Philips Semiconductors
Product data
DDR PC1600-PC3200 14-bit SSTL_2 registered driver with differential clock inputs
SSTVF16857
REVISION HISTORY Rev Date _1 20030919
Description Product data (9397 750 12077); ECN 853-2405 30362 dated 18 September 2003.
2003 Sep 19
12
Philips Semiconductors
Product data
DDR PC1600-PC3200 14-bit SSTL_2 registered driver with differential clock inputs
SSTVF16857
Data sheet status
Level
I
Data sheet status[1]
Objective data
Product status[2] [3]
Development
Definitions
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
II
Preliminary data
Qualification
III
Product data
Production
[1] Please consult the most recently issued data sheet before initiating or completing a design. [2] The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. [3] For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes in the products--including circuits, standard cells, and/or software--described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
Contact information
For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825
Koninklijke Philips Electronics N.V. 2003 All rights reserved. Printed in U.S.A. Date of release: 09-03
For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
Document order number:
9397 750 12077
Philips Semiconductors
2003 Sep 19 13


▲Up To Search▲   

 
Price & Availability of SSTVF16857EV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X