Part Number Hot Search : 
244R7 PD5616S MUPTB10 2N684 AN311 GT15J101 BH6513F HAL220
Product Description
Full Text Search
 

To Download SSR8045-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSR8045/3
SOLID STATE DEVICES, INC.
14830 Valley View Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
Designer's Data Sheet
FEATURES:
* * * * * * * Low Forward Voltage Drop Low Reverse Leakage Hermetically Sealed Power Package Guard Ring for Overvoltage Protection Available in Isolated and non-Isolated Versions Eutectic Die Attach 175oC Operating Junction Temperature
80AMPS 45 VOLTS SCHOTTKY RECTIFIER
TO-3
* TX, TXV and Space Level Screening Available
Available in Following Configurations: SSR8045/3 - Rectifier SSR8045CT/3 - Common Cathode (See Data Sheet RS0057) SSR8045CA/3 - Common Anode (See Data Sheet RS0057) SSR8045CA/3 - Doubler (See Data Sheet RS0057)
Maximum Ratings
Peak Repetitive Reverse and DC Blocking Voltage Average Rectified Forward Current. (Resistive load, 60Hz, Sine Wave, TA =25oC) Peak Surge Current (8.3 ms Pulse, Half Sine Wave Superimposed on Io, allow junction to reach equilibrium between pulses, TA = 25oC) Operating and Storage Temperature Maximum Thermal Resistance Junction to Case
SYMBOL VRRM VRWM VR Io
VALUE
UNITS
45
Volts
80
Amps
IFSM
600
Amps
TOP & Tstg RJC
-65 TO +175 0.7
o
o
C
C/W
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0051B
SSR8045/3
SOLID STATE DEVICES, INC.
14830 Valley View Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
Electrical Characteristics
Instantaneous Forward Voltage Drop (TA = 25oC, 300sec Pulse ) Instantaneous Forward Voltage Drop (IF = 40 A, TA = -55oC, 300sec pulse ) Reverse Leakage Current (Rated VR, 300s pulse min.) Junction Capacitance (VR = 10VDC, TA = 25oC, f = 1MHz) CASE OUTLINE: TO-3 TA = 25oC TC = 100oC IF = 20A IF = 40A IF = 80A
SYMBOL VF1 VF2 VF3 VF4 IR1 IR2 CJ
MINIMUM --------
MAXIMUM 0.50 0.58 0.72 0.65 800 60 3200
UNITS VDC
VDC A mA pF
PIN ASSIGNMENT
CODE -FUNCTION Rectifier PIN 1 Anode PIN 2 Anode CASE Cathode
TYPICAL OPERATING CURVES
(TA = 25oC unless otherwise specified)
PERCENT OF MAXIMUM FORWARD CURRENT RATING (%)
135oC
100 80
60
40
20
0 0 25 50 75 100 125 150 175 200
END TAB TEMPERATURE (oC)


▲Up To Search▲   

 
Price & Availability of SSR8045-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X