Part Number Hot Search : 
XB0485P 975AE UA741EJ CNS471Q N1A4M 8002A S1C60L08 KM681000
Product Description
Full Text Search
 

To Download SSR2010DRJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SSR2010CTJ, SSR2010CAJ, SSR2010DJ, & SSR2010DRJ Series
20 AMPS, 100 VOLTS CENTERTAP SCHOTTKY RECTIFIER
FEATURES: * PIV 100 Volts * Low Forward Voltage Drop * Low Reverse Leakage Current * Hermetically Sealed Isolated Package * Custom Lead Forming Available * Ultrasonic Aluminum Wire Bonds * Guard Ring for Overvoltage Protection * Eutectic Die Attach * 175C Operating Junction Temperature * TX, TXV, or Space Level Screening Available
DESIGNER'S DATA SHEET
Part Number / Ordering Information 1/ SSR2010 __ J __ __
Screening 2/ __ = Not Screened TX = TX Level TXV = TXV Level S = S Level Lead Bending: 3/ __ = Straight UB = Up Bend DB = Down Bend Package: 3/ J = TO-257 CT = Common Cathode Configuration: CA = Common Anode D = Doubler DR = Doubler Reverse
Maximum Ratings
Peak Repetitive Reverse Voltage and DC Blocking Voltage SSR2010CTJ, SSR2010CAJ SSR2010DJ, SSR2010DRJ Average Rectified Output Current 3/ (Resistive Load, 60Hz, Sine Wave, TA=25 C) Peak Surge Current (8.3 ms Pulse, Half Sine Wave, superimposed on IO, allow junction to reach equilibrium between pulses, TA=25C) Operating and Storage Temperature Maximum Thermal Resistance Junction to Case Junction to Case 3/
4/ 3/
Symbol
VRRM VRWM VR IO IFSM 100
Value
Volts
Units
10 200
Amps Amps
TOP & TSTG RJC
-65 to +175 1.0 2.0
C
C/W
Available in the following configurations: Rectifier: SSR2010J, SSR2010JDB, and SSR2010JUB (See Data Sheet RS0087) Common Cathode Centertap: SSR2010CTJ, SSR2010CTJDB, and SSR2010CTJUB Common Anode Centertap: SSR2010CAJ, SSR2010CAJDB, and SSR2010CAJUB Doubler: SSR2010DJ, SSR2010DJDB, and SSR2010DJUB Doubler Reverse: SSR2010DRJ, SSR2010DRJDB, and SSR2010DRJUB NOTES: 1/ For ordering information, Price, and Availability- Contact Factory.
TO-257(J)
2/ Screened to MIL-PRF-19500. 3/ Per Leg. 4/ Both Legs Tied Together.
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0073E
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SSR2010CTJ, SSR2010CAJ, SSR2010DJ, & SSR2010DRJ Series
Symbol VF1 VF2 VF3 VF4 IR1 IR2 CJ Min Max 0.72 0.76 0.88 0.85 100 5 Units
Electrical Characteristic 5/ Instantaneous Forward Voltage Drop (IF = 3 Adc, TA = 25C, 300s Pulse) (IF = 5 Adc, TA = 25C, 300s Pulse) (IF = 10 Adc, TA = 25C, 300s Pulse) Instantaneous Forward Voltage Drop (IF = 5 Adc, TA = -55C, 300s Pulse) Reverse Leakage Current (Rated VR, TA = 25C, 300s Pulse Minimum) Reverse Leakage Current (Rated VR, TA = 100C, 300s Pulse Minimum) Junction Capacitance (VR = 10 Vdc, TA = 25C, f = 1 MHz)
O.150 .140 .660 .645 1.100 .500
Vdc
Vdc A mA pF
400
.430 .410
PIN 3
.420 .410
PIN 2 PIN 1
.105 .095
.537 .527
3x O.035 .025 .125 .110
.210 .190
.045 .035
SUFFIX: J
2x .180 .150 .200 MIN
PIN ASSIGNMENT CONFIGURATION Pin 1 Pin 2 Common Cathode (CT) Anode Cathode Common Anode (CA) Cathode Anode Doubler (D) Cathode AC Doubler Reverse (DR) Anode AC
Pin 3 Anode Cathode Anode Cathode
SUFFIX: JD
.200 MIN
SUFFIX: JU
.180 .150
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0073E
DOC


▲Up To Search▲   

 
Price & Availability of SSR2010DRJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X