Part Number Hot Search : 
P2950CZ FF200 Y6215 2SC510 25T10 0901I STUS020 YMF743
Product Description
Full Text Search
 

To Download SSR2010CTZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SSR2008CTM, SSR2008CTZ SSR2009CTM, SSR2009CTZ SSR2010CTM, SSR2010CTZ
20 AMPS 100 VOLTS CENTER TAP SCHOTTKY RECTIFIER
TO-254 TO-254Z
Designer's Data Sheet
FEATURES:
* * * * * * * * * PIV: 100 Volts Low Reverse Leakage Current Low Forward Voltage Drop Guard Ring for Overvoltage Protection Isolated Hermetically Sealed Package Available in Glass or Ceramic Seal Packages Custom Lead Forming Available Eutectic Die Attach 175C Operating Junction Temperature TX, TXV, and Space Level Screening Available
*
Available in Given Voltage (2008, 2009, 2010) in the Following Configurations: TO-254: SSR2010CTM, SSR2010CTMUB, SSR2010CTMDB, SSR2010CAM, SSR2010CAMUB, SSR2010CAMDB SSR1010DM, SSR1010DMUB, SSR1010DMDB TO-254Z: SSR2010CTZ, SSR2010CTZUB, SSR2010CTZDB, SSR2010CAZ, SSR2010CAZUB, SSR2010CAZDB SSR1010DZ, SSR1010DZUB, SSR1010DZDB
MAXIMUM RATINGS 1/
Peak Repetitive Reverse Voltage and DC Blocking Voltage Average Rectified Forward Current 3/ 4/ (Resistive Load, 60 Hz, Sine Wave, TC = 25C) Peak Surge Current 3/ 4/ (8.3 ms Pulse, Half Sine Wave, TA = 25C) Operating and Storage Temperature Maximum Thermal Resistance
NOTE: SSR2008CTM & CTZ SSR2090CTM & CTZ SSR2010CTM & CTZ
Symbol
VRRM VRWM VR IO IFSM TOP & Tstg Junction to Case 3/ Junction to Case 2/ RJC
Value
80 90 100 20 300 -65 to +175 1.0 1.7
Unit
Volts Amps Amps
C
C/W
1/ 2/ 3/ 4/
All Electrical Characteristics @25C, Unless Otherwise Specified. Per Leg. Pins 1 and 3 Connected Together. Doubler: IO = 10A, IFSM = 200A.
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0075F
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SSR2008CTM, SSR2008CTZ SSR2009CTM, SSR2009CTZ SSR2010CTM, SSR2010CTZ
Symbol
IF = 1A IF = 5A IF = 10A IF = 10A, TA = 100C IF = 10A, TA = -55C, VR = 100V, TA = 25C VR = 100V, TC = 100C VF1 VF2 VF3 VF4 VF5 IR1 IR2 CJ
ELECTRICAL CHARACTERISTICS 1/, 2/
Instantaneous Forward Voltage Drop (300 - 500s Pulse) Instantaneous Forward Voltage Drop (300 - 500s Pulse) Reverse Leakage Current (300s pulse minimum) Junction Capacitance (VR = 10 V, f = 1MHz, TA = 25C) CASE OUTLINE: TO-254 (Suffix M)
Max
0.57 0.72 0.80 0.70 0.90 100 5 400
Unit
Volts Volts A mA pF
CASE OUTLINE: TO-254Z (Suffix Z)
OPTIONAL LEAD BEND CONFIGURATION
CODE CT CA D DR SUFFIX MDB & ZDB NOTE: SUFFUX MUB & ZUB
PIN ASSIGNMENT FUNCTION Common Cathode Common Anode Doubler Reverse Doubler PIN 1 Anode Cathode Anode PIN 2 Cathode Anode PIN 3 Anode Cathode Anode
Cathode Common
Common Cathode
1/ All Electrical Characteristics @25C, Unless Otherwise Specified. 2/ Per Leg.
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0075F
DOC


▲Up To Search▲   

 
Price & Availability of SSR2010CTZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X