Part Number Hot Search : 
IRF83 26150 12W12 TDA2051V SBT1045 P78083 SP7615ER MC145
Product Description
Full Text Search
 

To Download SSM6K201FE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSM6K201FE
Tentative
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6K201FE
Power Management Switch Applications High Speed Switching Applications
* * 1.8 V drive Low ON-resistance: Ron = 186 m (max) (@VGS = 1.8V) Ron = 119 m (max) (@VGS = 2.5V) Ron = 91 m (max) (@VGS = 4.0V) Unit: mm
Absolute Maximum Ratings (Ta = 25C)
Characteristic Drain-source voltage Gate-source voltage Drain current Drain power dissipation Channel temperature Storage temperature range DC Pulse Symbol VDS VGSS ID IDP PD (Note 1) Tch Tstg Rating 20 12 2.3 4.6 500 150 -55~150 Unit V V A ES6 W C C 1, 2, 5, 6 : Drain 3 : Gate 4 : Source
JEDEC JEITA TOSHIBA
2-2N1A
Note 1: Mounted on an FR4 board. (25.4 mm x 25.4 mm x 1.6 t, Cu Pad: 645 mm2 )
Weight: 3 mg (typ.)
Electrical Characteristics (Ta = 25C)
Characteristic Drain-source breakdown voltage Drain cutoff current Gate leakage current Gate threshold voltage Forward transfer admittance Symbol V (BR) DSS V (BR) DSX IDSS IGSS Vth Yfs Test Condition ID = 1 mA, VGS = 0 ID = 1 mA, VGS = -12 V VDS = 20 V, VGS = 0 VGS = 12 V, VDS = 0 VDS = 3 V, ID = 1 mA VDS = 3 V, ID = 1.0 A ID = 1.0 A, VGS = 4.0 V Drain-source ON-resistance RDS (ON) ID = 0.5 A, VGS = 2.5 V ID = 0.2 A, VGS = 1.8 V Input capacitance Output capacitance Reverse transfer capacitance Switching time Turn-on time Turn-off time Ciss Coss Crss ton toff VDSF (Note2) (Note2) (Note2) (Note2) Min 20 10 0.4 2.8 (Note2) Typ. 5.5 71 91 121 220 51 42 12 10 - 0.85 Max 1 1 1.0 91 119 186 - 1.20 pF pF pF ns V m Unit V V A A V S
VDS = 10 V, VGS = 0, f = 1 MHz VDS = 10 V, VGS = 0, f = 1 MHz VDS = 10 V, VGS = 0, f = 1 MHz VDD = 10 V, ID = 2.0 A, VGS = 0 to 2.5 V, RG = 4.7 ID = - 2.3 A, VGS = 0 V
Drain-source forward voltage
Note2: Pulse test
1
2006-04-25
SSM6K201FE
Switching Time Test Circuit
(a) Test Circuit
OUT IN 0V RG 10 s VDD = 10 V RG = 4.7 < D.U. = 1% VIN: tr, tf < 5 ns Common Source Ta = 25C 10%
(b) VIN
2.5 V 90%
2.5 V 0
VDD
(c) VOUT
VDD
10% 90% tr ton tf toff
VDS (ON)
Marking
6 5 4
Equivalent Circuit (top view)
6 5 4
KC
1 2 3 1 2 3
Notice on Usage
Vth can be expressed as the voltage between gate and source when the low operating current value is ID = 1 mA for this product. For normal switching operation, VGS (on) requires a higher voltage than Vth and VGS (off) requires a lower voltage than Vth. (The relationship can be established as follows: VGS (off) < Vth < VGS (on).) Take this into consideration when using the device. The VGS recommended voltage for turning on this product is 1.8 V or higher.
Handling Precaution
When handling individual devices that are not yet mounted on a circuit board, make sure that the environment is protected against electrostatic discharge. Operators should wear antistatic clothing, and containers and other objects that come into direct contact with devices should be made of antistatic materials.
2
2006-04-25
SSM6K201FE
ID - VDS
5 10 V 4.0 V 2.5 V 1.8 V 10 Common Source VDS = 3 V 1
ID - VGS
Drain current ID (A)
4
3 1.5 V 2
Drain current ID (A)
0.1 Ta = 85 C 0.01 - 25 C 25 C
1
VGS = 1.2 V Common Source Ta = 25C
0.001
0
0
0.2
0.4
0.6
0.8
1
0.0001 0
1.0
2.0
Drain-source voltage VDS (V)
Gate-source voltage VGS (V)
RDS (ON) - VGS
200 ID = 1.0 A Common Source 150 Ta = 25C 200 Ta = 25C
RDS (ON) - ID
Common Source
Drain-source ON-resistance RDS (ON) (m)
Drain-source ON-resistance RDS (ON) (m)
150
1.8 V 100 2.5 V VGS = 4.0 50
100
50
0
0
2
4
6
8
10
0
0
1
2
3
4
5
Gate-source voltage VGS (V)
Drain current ID (A)
RDS (ON) - Ta
300 1.0
Vth - Ta Gate threshold voltage Vth (V)
Common Source
Drain-source on-resistance RDS (ON) (m)
250
200
150
0.2 A / 1.8 V 0.5 A / 2.5 V
0.5
100 ID = 1.0 A / VGS = 4.0 V
50
Common source VDS = 3 V ID = 1 mA 0 -50 0 50 100 150
0 -50
0
50
100
150
Ambient temperature
Ta
(C)
Ambient temperature
Ta
(C)
3
2006-04-25
SSM6K201FE
10
|Yfs| - ID
Common Source VDS = 5 V Ta = 25C
IDR - VDS
10 Common Source VGS = 0 V 1 Ta = 25C
(S)
Forward transfer admittance Yfs
(A)
D IDR S
Drain reverse current IDR
3
G
1
0.1 Ta =85 C
0.3
0.01
25 C
-25 C 0.001 0 -0.2 -0.4 -0.6 -0.8 -1.0
0.1 0.01
0.1
1
10
Drain current ID
(A)
Drain-source voltage VDS (V)
1000
C - VDS
1000
t - ID
Common Source VDD = 10 V VGS = 0 to 2.5 V
500
(pF)
(ns)
300 Ciss
toff 100 tf
Ta = 25C RG = 4.7
Capacitance C
100
50 30 Common Source Ta = 25C f = 1 MHz VGS = 0 V 10 0.1 Coss Crss
Switching time
t
10
ton tr
1
10
100
1 0.01
0.1
1
10
Drain-source voltage VDS (V)
Drain current ID
(A)
PD - Ta
1000
Drain Power Dissipation PD (mW)
Mounted on an FR4 board 2 (25.4 x 25.4 x 1.6 mm P PadT645 mm ) Cu - :
D
a
800
600
400
200
0 -40
-20
0
20
40
60
80
100 120 140
160
Ambient temperature
Ta
(C)
4
2006-04-25
SSM6K201FE
5
2006-04-25


▲Up To Search▲   

 
Price & Availability of SSM6K201FE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X