Part Number Hot Search : 
1N6642US FS2KM16A YD1117 CQY80NG FBR3506W 00ETTS D1010 BGU7051
Product Description
Full Text Search
 

To Download SSM6K07FU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSM6K07FU
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6K07FU
DC-DC Converters High Speed Switching Applications
* * * Small package Low on resistance : Ron = 130 m max (@VGS = 10 V) : Ron = 220 m max (@VGS = 4 V) Low input capacitance : Ciss = 102 pF typ. : Crss = 22 pF typ. Unit: mm
Maximum Ratings (Ta = 25C)
Characteristics Drain-source voltage Gate-source voltage Drain current DC Pulse Symbol VDS VGSS ID IDP PD (Note 1) Tch Tstg Rating 30 20 1.5 3.0 300 150 -55~150 Unit V V A
Drain power dissipation Channel temperature Storage temperature range
mW C C
JEDEC JEITA TOSHIBA
2-2J1D
Note 1: Mounted on FR4 board. (25.4 mm 25.4 mm 1.6 t, Cu pad: 0.32 mm 6)
2
Weight: 6.8 mg (typ.)
Marking
Equivalent Circuit (top view)
Handling Precaution
When handling individual devices (which are not yet mounting on a circuit board), be sure that the environment is protected against electrostatic electricity. Operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials.
1
2003-03-28
SSM6K07FU
Electrical Characteristics (Ta = 25C)
Characteristics Gate leakage current Drain-source breakdown voltage Drain cut-off current Gate threshold voltage Forward transfer admittance Symbol IGSS V (BR) DSS IDSS Vth iYfsi RDS (ON) Drain-source ON resistance RDS (ON) RDS (ON) Input capacitance Reverse transfer capacitance Output capacitance Switching time Turn-on time Turn-off time Ciss Crss Coss ton toff Test Condition VGS = 16 V, VDS = 0 ID = 1 mA, VGS = 0 VDS = 30 V, VGS = 0 VDS = 5 V, ID = 0.1 mA VDS = 5 V, ID = 0.75 A ID = 0.75 A, VGS = 10 V ID = 0.75 A, VGS = 4 V ID = 0.75 A, VGS = 3.3 V (Note 2) (Note 2) (Note 2) (Note 2) Min 3/4 30 3/4 1.1 1.0 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 Typ. 3/4 3/4 3/4 3/4 3/4 105 170 230 102 22 57 46 65 Max 1 3/4 1 1.8 3/4 130 220 500 3/4 3/4 3/4 3/4 3/4 pF pF pF ns mW Unit mA V mA V S
VDS = 15 V, VGS = 0, f = 1 MHz VDS = 15 V, VGS = 0, f = 1 MHz VDS = 15 V, VGS = 0, f = 1 MHz VDD = 15 V, ID = 0.75 A, VGS = 0~4 V, RG = 10 W
Note 2: Pulse test
Switching Time Test Circuit
Precaution
Vth can be expressed as voltage between gate and source when low operating current value is ID = 100 mA for this product. For normal switching operation, VGS (on) requires higher voltage than Vth and VGS (off) requires lower voltage than Vth. (Relationship can be established as follows: VGS (off) < Vth < VGS (on)) Please take this into consideration for using the device. VGS recommended voltage of 4 V or higher to turn on this product.
2
2003-03-28
SSM6K07FU
3
2003-03-28
SSM6K07FU
4
2003-03-28
SSM6K07FU
Figure 1
25.4 mm 25.4 mm 1.6 t, Cu Pad: 0.32 mm2 6
5
2003-03-28
SSM6K07FU
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
6
2003-03-28


▲Up To Search▲   

 
Price & Availability of SSM6K07FU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X