Part Number Hot Search : 
M66261FP GU4407 LA462 CMM1330 20VDK1 APT60 0G000 150DA6
Product Description
Full Text Search
 

To Download SSM6J07FU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSM6J07FU
TOSHIBA Transistor Silicon P Channel MOS Type
SSM6J07FU
Power Management Switch High Speed Switching Applications
* * Small package Low on resistance : Ron = 450 m (max) (VGS = -10 V) : Ron = 800 m (max) (VGS = -4 V) Unit: mm
Maximum Ratings (Ta = 25C)
Characteristics Drain-source voltage Gate-source voltage Drain current Drain power dissipation Channel temperature Storage temperature range DC Pulse Symbol VDS VGSS ID IDP PD (Note1) Tch Tstg Rating -30 20 -0.8 -1.6 300 150 -55~150 Unit V V A mW C C
JEDEC JEITA TOSHIBA
2-2J1D
Note 1: Mounted on FR4 board 2 (25.4 mm 25.4 mm 1.6 t, Cu Pad: 0.32 mm 6)
Weight: 6.8 mg (typ.)
Marking
Equivalent Circuit
Figure 1: (top view)
25.4 mm 25.4 mm 1.6 t, Cu Pad: 0.32 mm2 6
0.4 mm
6
5
4
6
5
4 0.8 mm
KDF
1
2
3
1
2
3
1
2002-01-24
SSM6J07FU
Handling Precaution
When handling individual devices (which are not yet mounting on a circuit board), be sure that the environment is protected against electrostatic electricity. Operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials.
Electrical Characteristics (Ta = 25C)
Characteristics Gate leakage current Drain-source breakdown voltage Drain cut-off current Gate threshold voltage Forward transfer admittance Symbol IGSS V (BR) DSS IDSS Vth 1/2Yfs1/2 Test Condition VGS = 16 V, VDS = 0 ID = -1 mA, VGS = 0 VDS = -30 V, VGS = 0 VDS = -5 V, ID = -0.1 mA VDS = -5 V, ID = -0.4 A ID = -0.4 A, VGS = -10 V Drain-source ON resistance RDS (ON) ID = -0.4 A, VGS = -4 V ID = -0.4 A, VGS = -3.3 V Input capacitance Reverse transfer capacitance Output capacitance Switching time Turn-on time Turn-off time Ciss Crss Coss ton toff (Note2) (Note2) (Note2) (Note2) Min 3/4 -30 3/4 -1.1 0.7 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 Typ. 3/4 3/4 3/4 3/4 3/4 350 570 0.7 130 16 52 28 38 Max 1 3/4 -1 -1.8 3/4 450 800 1.6 3/4 3/4 3/4 3/4 3/4 Unit mA V mA V S mW W pF pF pF ns ns
VDS = -15 V, VGS = 0, f = 1 MHz VDS = -15 V, VGS = 0, f = 1 MHz VDS = -15 V, VGS = 0, f = 1 MHz VDD = -15 V, ID = -0.4 A, VGS = 0~-4 V, RG = 10 W
Note 2: Pulse test
Switching Time Test Circuit
(a) Test circuit
ID Input RG -4 V VDD Output
(b) VIN
0V
0 -4 V 10 ms
10% 90%
(c) VOUT
VDS (ON)
VDD = -15 V RG = 10 W D.U. < 1% = Input: tr, tf < 5 ns Common source Ta = 25C
90% 10% tr ton tf toff
VDD
Precaution
Vth can be expressed as voltage between gate and source when low operating current value is ID = -100 mA for this product. For normal switching operation, VGS (on) requires higher voltage than Vth and VGS (off) requires lower voltage than Vth. (relationship can be established as follows: VGS (off) < Vth < VGS (on) ) Please take this into consideration for using the device. VGS recommended voltage of -4.0 V or higher to turn on this product.
2
2002-01-24
SSM6J07FU
ID - VDS
-2 Common Source -10 -4 Ta = 25C -3000 -1000 Common Source VDS = -5 V
ID - VGS
Ta = 100C 25C -25C
(mA) ID Drain current
-2
(A)
-1.5 -3.3
-100
ID
Drain current
-1 -3.0 -2.8 -0.5 -2.6
-10
-1
-0.1
0 0
VGS = -2.4 V -0.5 -1 -1.5
-0.01 0
-0.5
-1
-1.5
-2
-2.5
-3
-3.5
Drain-Source voltage VDS
(V)
Gate-Source voltage
VGS
(V)
RDS (ON) - ID
1600 Common Source 1400 Ta = 25C 1400 ID = -0.4 A 1600 Common Source
RDS (ON) - Ta
Drain-Source on resistance RDS (ON) (mW)
1200 1000 800 600 400 200 0 0 -10 V VGS = -3.3 V -4 V
Drain-Source on resistance RDS (ON) (mW)
1200 1000 VGS = -3.3 V 800 600 400 200 0 -25 -4 V -10 V
-0.5
-1
-1.5
-2
0
25
50
75
100
125
150
Drain current
ID
(A)
Ambient temperature Ta (C)
|Yfs| - ID
10 Common Source -2 Common Source VGS = 0 -1.5 Ta = 25C
IDR - VDS
VDS = -5 V 3 Ta = 25C
|Yfs|
(S)
Forward transfer admittance
Drain reverse current IDR
1
(A)
D IDR S
G
-1
0.3
0.1
-0.5
0.03
0.01 -0.01
-0.03
-0.1
-0.3
-1
-3
-10
0 0
0.2
0.4
0.6
0.8
1
1.2
1.4
Drain current
ID
(A)
Drain-Source voltage VDS
(V)
3
2002-01-24
SSM6J07FU
C - VDS
1000 500 500 300 toff 100 50 Ciss
t - ID
Common Source VDD = -15 V VGS = 0~-4 V Rg = 10 W Ta = 25C 100 tf
(pF)
Capacitance C
Switching time
Coss Common Source
t
50 30 ton 10 tr 5 -0.01 -0.03 -0.1 -0.3 -1 10 VGS = 0 V f = 1 MHz 5 -0.1 Ta = 25C -0.5 -1 -5 -10 -50 -100 Crss
Drain-Source voltage VDS
(V)
(ns)
Drain current
ID
(A)
Safe Operating Area
-10 350
PD - Ta
Mounted on FR4 board 300 (25.4 mm 25.4 mm 1.6 t, 2 Cu pad: 0.32 mm 6) Figure 1
ID max (pulse) * -1 10 ms ID max (continuous)
1 ms
(mW) PD Power dissipation
250 200 150 100 50 0 0
(A)
100 ms
ID
Drain current
-0.1
DC operation Ta = 25C Mounted on FR4 board (25.4 mm 25.4 mm 1.6 t 2 Cu pad: 0.32 mm 6) Figure 1
20
40
60
80
100
120
140
160
-0.01
* Single non-repetitive pulse Ta = 25C Curves must be derated linearly with increase in VDSS max -10 -100
Ambient temperature Ta (C)
temperature. -0.001 -0.1
-1
Drain-Source voltage VDS
(V)
4
2002-01-24
SSM6J07FU
RESTRICTIONS ON PRODUCT USE
000707EAA
*TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. *The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. *The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. *The information contained herein is subject to change without notice.
5
2002-01-24


▲Up To Search▲   

 
Price & Availability of SSM6J07FU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X