Part Number Hot Search : 
037N0059 TPVP93 08W2828 AKD4203 IRISMPS1 D1NL20U R30LT1G R30LT1G
Product Description
Full Text Search
 

To Download SSM5N05FU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSM5N05FU
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM5N05FU
High Speed Switching Applications
* * * Small package Low on resistance : Ron = 0.8 (max) (@VGS = 4 V) : Ron = 1.2 (max) (@VGS = 2.5 V) Low gate threshold voltage Unit: mm
Maximum Ratings (Ta = 25C) (Q1, Q2 Common)
Characteristics Drain-Source voltage Gate-Source voltage Drain current DC Pulse Symbol VDS VGSS ID IDP PD (Note1) Tch Tstg Rating 20 12 400 800 300 150 -55~150 Unit V V mA mW C C
Drain power dissipation (Ta = 25C) Channel temperature Storage temperature range
JEDEC JEITA TOSHIBA
2-2L1B
Note1: Total rating, mounted on FR4 board 2 (25.4 mm 25.4 mm 1.6 t, Cu Pad: 0.32 mm 5)
Weight: 6.2 mg (typ.)
Handling Precaution
When handling individual devices (which are not yet mounting on a circuit board), be sure that the environment is protected against electrostatic electricity. Operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials.
1
2002-01-24
SSM5N05FU
Marking
5 4
Equivalent Circuit (top view)
5 4
DF
1 2 3
Q1
Q2
1
2
3
Electrical Characteristics (Ta = 25C) (Q1, Q2 common)
Characteristics Gate leakage current Drain-Source breakdown voltage Drain cut-off current Gate threshold voltage Forward transfer admittance Drain-Source ON resistance Input capacitance Reverse transfer capacitance Output capacitance Switching time Turn-on time Turn-off time Symbol IGSS V (BR) DSS IDSS Vth iYfsi RDS (ON) Ciss Crss Coss ton toff VDD = 3 V, ID = 100 mA, VGS = 0~2.5 V VDS = 3 V, VGS = 0, f = 1 MHz Test Condition VGS = 12 V, VDS = 0 ID = 1 mA, VGS = 0 VDS = 20 V, VGS = 0 VDS = 3 V, ID = 0.1 mA VDS = 3 V, ID = 200 mA ID = 200 mA, VGS = 4 V ID = 200 mA, VGS = 2.5 V (Note2) (Note2) (Note2) Min 3/4 20 3/4 0.6 350 3/4 3/4 3/4 3/4 Typ. 3/4 3/4 3/4 3/4 3/4 0.6 0.85 22 9 21 60 70 Max 1 3/4 1 1.1 3/4 0.8 1.2 3/4 3/4 Unit mA V mA V mS W pF pF pF ns
3/4 3/4
3/4
3/4 3/4 3/4
Note2: Pulse test
Switching Time Test Circuit
(a) Test circuit
2.5 V 0 10 ms VDD = 3 V Duty < 1% = VIN: tr, tf < 5 ns (Zout = 50 W) Common Source Ta = 25C OUT IN 50 9 RL VDD 0V 10%
(b) VIN
2.5 V 90%
(c) VOUT
VDD
10% 90% tr ton tf toff
VDS (ON)
Precaution
Vth can be expressed as voltage between gate and source when low operating current value is ID = 100 mA for this product. For normal switching operation, VGS (on) requires higher voltage than Vth and VGS (off) requires lower voltage than Vth. (Relationship can be established as follows: VGS (off) < Vth < VGS (on) ) Please take this into consideration for using the device. VGS recommended voltage of 2.5 V or higher to turn on this product.
2
2002-01-24
SSM5N05FU
(Q1, Q2 common)
ID - VDS
1000 Common Source 800 10 4 3 2.5 2.3 Ta = 25C 100 1000 Common Source VDS = 3 V
ID - VGS
(mA)
(mA) ID
2.1 10
ID
600
Ta = 100C
Drain current
400
1.9
Drain current
1 25C -25C 0.1
1.7 200 VGS = 1.5 V 0 0
0.5
1.0
1.5
2.0
0.01 0
0.5
1.0
1.5
2.0
2.5
3.0
Drain-Source voltage VDS
(V)
Gate-Source voltage
VGS
(V)
RDS (ON) - ID
2.0 Common Source Ta = 25C 1.6 1.6 2.0
RDS (ON) - VGS
Common Source ID = 200 mA
Drain-Source on resistance RDS (ON) (W)
1.2 2.5 V 0.8 VGS = 4 V
Drain-Source on resistance RDS (ON) (W)
1.2
0.8
Ta = 100C 25C
0.4
0.4 -25C
0 0
200
400
600
800
1000
0 0
2
4
6
8
10
Drain current
ID
(mA)
Gate-Source voltage
VGS
(V)
RDS (ON) - Ta
2.0
iYfsi - ID
(mS)
5000 Common Source 3000 VDS = 3 V Ta = 25C
Common Source ID = 200 mA 1.6
Drain-Source on resistance RDS (ON) (W)
Forward transfer admittance
125 150
1.2
2.5 V
iYfsi
VGS = 4 V 0 25 50 75 100
1000
0.8
500 300
0.4
0 -25
100 10
30
50
100
300
500
1000
Ambient temperature Ta (C)
Drain current
ID
(mA)
3
2002-01-24
SSM5N05FU
(Q1, Q2 common)
IDR - VDS
1000 Common Source VGS = 0 Ta = 25C D 600 G IDR S 100 50 30
C - VDS
(mA)
800
(pF)
Drain reverse current IDR
Ciss 10 5 3 Common Source VGS = 0 f = 1 MHz Ta = 25C 1 0.1 0.3 1 3 10 30 Crss
Capacitance C
Coss
400
200
0 0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
Drain-Source voltage VDS
(V)
Drain-Source voltage VDS
(V)
t - ID
1000 Common Source 500 toff VDD = 3 V VGS = 0~2.5 V Ta = 25C tf 400
PD* - Ta
Mounted on FR4 board.
(mW)
(ns)
300
(25.4 mm 25.4 mm 1.6 t 2 Cu Pad: 0.32 mm 5) 300
Switching time
100 50 30
Drain power dissipation
3 10 30 100 300
P D*
t
200
ton tr
100
10 1
Drain current
ID
(mA)
0 0
20
40
60
80
100
120
140
160
Ambient temperature Ta (C)
*: Total rating
4
2002-01-24
SSM5N05FU
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
5
2002-01-24


▲Up To Search▲   

 
Price & Availability of SSM5N05FU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X