Part Number Hot Search : 
99000 VISHAY MG100 EC50A 11101 2SJ343 ON2018 6A100
Product Description
Full Text Search
 

To Download SSM3J14T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSM3J14T
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM3J14T
Power Management Switch DC-DC Converters
* * * Suitable for high-density mounting due to compact package Low on Resistance : Ron = 145 m (max) (@VGS = -4.5 V) : Ron = 85 m (max) (@VGS = -10 V) High-speed switching Unit: mm
Maximum Ratings (Ta = 25C)
Characteristics Drain-Source voltage Gate-Source voltage DC Drain current Pulse PD Symbol VDS VGSS ID IDP (Note 2) t = 10 s (Note 1) Tch Tstg Rating -30 20 -2.7 -5.4 1.25 0.7 150 -55 to 150 A Unit V V
Drain power dissipation Channel temperature Storage temperature range
W C C
JEDEC JEITA TOSHIBA
2-3S1A
Note 1: Mounted on FR4 board 2 (25.4 mm 25.4 mm 1.6 t, Cu pad: 645 mm ) Note 2: The pulse width limited by maximum channel temperature.
Weight: 10 mg (typ.)
Marking
3
Equivalent Circuit
3
KDL
1
2
1
2
Handling Precaution
When handling individual devices (which are not yet mounted on a circuit board), be sure that the environment is protected against electrostatic electricity. Operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials. The Channel-to-Ambient thermal resistance Rth (ch-a) and the drain power dissipation PD vary according to the board material, board area, board thickness and pad area, and are also affected by the environment in which the product is used. When using this device, please take heat dissipation fully into account
1
2002-04-17
SSM3J14T
Electrical Characteristics (Ta = 25C)
Characteristic Gate leakage current Drain-source breakdown voltage Drain cut-off current Gate threshold voltage Forward transfer admittance Symbol IGSS V (BR) DSS V (BR) DSX IDSS Vth |Yfs| Test Condition VGS = 16 V, VDS = 0 ID = -1 mA, VGS = 0 ID = -1 mA, VGS = 20 V VDS = -30 V, VGS = 0 VDS = -5 V, ID = -0.1 mA VDS = -5 V, ID = -1.35 A ID = -1.35 A, VGS = -10 V Drain-source on resistance RDS (ON) (Note 3) (Note 3) Min 3/4 -30 -15 3/4 -0.8 2.0 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 Typ. 3/4 3/4 3/4 3/4 3/4 Max 1 3/4 3/4 -1 -2.0 3/4 85 145 170 3/4 3/4 3/4 3/4 3/4 pF pF pF ns mW Unit mA V V mA V S
3/4
63 106 120 413 77 113 29 29
ID = -1.35 A, VGS = -4.5 V (Note 3) ID = -1.35 A, VGS = -4.0 V (Note 3)
Input capacitance Reverse transfer capacitance Output capacitance Switching time Turn-on time Turn-off time
Ciss Crss Coss ton toff
VDS = -15 V, VGS = 0, f = 1 MHz VDS = -15 V, VGS = 0, f = 1 MHz VDS = -15 V, VGS = 0, f = 1 MHz VDD = -15 V, ID = -1 A VGS = 0~-4 V, RG = 10 W
Note 3: Pulse test
Switching Time Test Circuit
(a) Test circuit
0 -4 V 10 ms VDD OUT VDD = -10 V RG = 4.7 W D.U. < 1% = VIN: tr, tf < 5 ns Common source Ta = 25C
(b) VIN
0V
10% 90%
IN RG
-4 V VDS (ON) 90% tr ton 10%
(c) VOUT
VDD
tf toff
Precaution
Vth can be expressed as voltage between gate and source when low operating current value is ID = -100 mA for this product. For normal switching operation, VGS (on) requires higher voltage than Vth and VGS (off) requires lower voltage than Vth. (relationship can be established as follows: VGS (off) < Vth < VGS (on)) Please take this into consideration for using the device. VGS recommended voltage of -4 V or higher to turn on this product.
2
2002-04-17
SSM3J14T
ID - VDS
-6 -10 V -5 V -4 V -3.5 V -1000 -10000 Common source VDS = -5 V
ID - VGS
(mA)
(A)
Common source Ta = 25C -4 -3 V
-100
Ta = 25C
ID
Drain current
ID Drain current
-10
100C
-25C
-2 VGS = -2.5V
-1
-0.1
0 0
-0.5
-1
-1.5
-2
-0.01 0
-1
-2
-3
-4
Drain-source voltage
VDS
(V)
Gate-source voltage
VGS
(V)
RDS (ON) -ID
300 Common source 250 Ta = 25C 1000
RDS (ON) - VGS
Common source ID = -1.35 A
Drain-Source on resistance RDS (ON) (mW)
200 VGS = -4 V
Drain-Source on resistance RDS (ON) (mW)
150
100
25C Ta = 100C
100
-4.5 V
-25C
50
-10 V 10 0
0 0
-1
-2
-3
-4
-5
-6
-7
-5
-10
-15
-20
Drain current
ID
(A)
Gate-source voltage
VGS
(V)
RDS (ON) - Ta
300 Common source 250 ID = -1.35 A 10
|Yfs| - ID
Drain-Source on resistance RDS (ON) (mW)
Forward transfer admittance |Yfs| (S)
3
200 VGS = -4 V 150 -4.5 V
1
100 -10 V 50
0.3
0.1
Common source VDS = -5 V Ta = 25C -0.1 -1 -10
0 -25
0
25
50
75
100
125
150
0.03 -0.01
Ambient temperature Ta (C)
Drain current
ID
(A)
3
2002-04-17
SSM3J14T
Vth - Ta
-1.8 -1.6 Common source VDS = -5 V ID = -0.1 mA 700
C - VDS
Common source 600 VGS = 0 f = 1 MHz Ta = 25C
(V)
Gate threshold voltage Vth
(pF) Capacitance C
-1.4 -1.2 -1.0 -0.8 -0.6 -0.4 -0.2 0 -25 0 25 50 75
500 400 300 200 100 0 0
Ciss
Coss Crss -5 -10 -15 -20 -25 -30 -35
100
125
150
Ambient temperature Ta (C)
Drain-source voltage
VDS
(V)
t - ID
1000 Common source VDD = -15 V VGS = 0~-4 V Ta = 25C RG = 10 W -3 Common source VGS = 0 Ta = 25C -2
IDR - VDS
(A)
(ns)
300
D
Drain reverse current IDR
G S
t Switching time
100 tf 30 ton 10 tr 3 -0.01 toff
-1
-0.1
-1
-10
Drain current
ID
(A)
0 0
0.2
0.4
0.6
0.8
1
Drain-source voltage
VDS
(V)
Dynamic input characteristic
-10 Common source 1.5
PD - Ta
Mounted on FR4 board (25.4 mm 25.4 mm 1.6 t, Cu Pad: 645 mm2 1
(V)
-8 Ta = 25C
-12 V
VGS
Gate-source voltage
-6
Drain power dissipation
VDD = -24 V
PD
(W)
ID = -2.7 A
t = 10 s
DC
-4
0.5
-2
0 0
2
4
6
8
10
12
0 0
50
100
150
200
Total gate charge Qg (nC)
Ambient temperature Ta (C)
4
2002-04-17
SSM3J14T
rth - tw
300
Transient thermal impedance
Single pulse 100 Mounted on FR4 board (25.4 mm 25.4 mm 1.6 t, 2 Cu Pad: 645 mm )
rth (C /W)
30
10
3
1 0.001
0.01
0.1
1
10
100
1000
Pulse width
tw
(s)
Safe operating area
-10 ID max (pulse) I max (continuous) -3 D 1 ms* 10 ms*
(A)
-1 DC operation Ta = 25C
Drain current
ID
10 s*
-0.3
Mounted on FR4 board -0.1 (25.4 mm 25.4 mm 1.6 t, Cu Pad: 645 mm2) -0.03 *: Single pulse Ta = 25C Curves must be derated linearly with increase in temperature. -0.3 -1 -3 -10 -30
-0.01 -0.1
VDSS max -100
Drain-source voltage
VDS
(V)
5
2002-04-17
SSM3J14T
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
6
2002-04-17


▲Up To Search▲   

 
Price & Availability of SSM3J14T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X