Part Number Hot Search : 
SD335 LB1413 PC1002 IRFP3 MC4053 C3500 100BGC LVC1G32
Product Description
Full Text Search
 

To Download SSM3J13T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSM3J13T
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM3J13T
Power Management Switch High Speed Switching Applications
* * * Small Package Low on Resistance : Ron = 70 m (max) (@VGS = -4 V) : Ron = 95 m (max) (@VGS = -2.5 V) Low Gate Threshold Voltage Unit: mm
Maximum Ratings (Ta = 25C)
Characteristics Drain-Source voltage Gate-Source voltage DC Drain current Pulse Symbol VDS VGSS ID IDP (Note 2) PD (Note 1) Tch Tstg Rating -12 8 -3.0 -6.0 1.25 150 -55~150 A Unit V V
Drain power dissipation Channel temperature Storage temperature range
W C C
JEDEC JEITA TOSHIBA
2-3S1A
Note 1: Mounted on FR4 board (25.4 mm 25.4 mm 1.6 t, Cu pad: 645 mm , t = 10 s) Note 2: The pulse width limited by max channel temperature.
2
Weight: 10 mg (typ.)
Marking
3
Equivalent Circuit
3
KDH
1
2
1
2
Handling Precaution
When handling individual devices (which are not yet mounted on a circuit board), be sure that the environment is protected against electrostatic electricity. Operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials. The Channel-to-Ambient thermal resistance Rth (ch-a) and the drain power dissipation PD vary according to the board material, board area, board thickness and pad area, and are also affected by the environment in which the product is used. When using this device, please take heat dissipation fully into account
1
2002-03-27
SSM3J13T
Electrical Characteristics (Ta = 25C)
Characteristic Gate leakage current Drain-Source breakdown voltage Drain Cut-off current Gate threshold voltage Forward transfer admittance Symbol IGSS V (BR) DSS V (BR) DSX IDSS Vth |Yfs| Test Condition VGS = 8 V, VDS = 0 ID = -1 mA, VGS = 0 ID = -1 mA, VGS = 8 V VDS = -12 V, VGS = 0 VDS = -3 V, ID = -0.1 mA VDS = -3 V, ID = -1.5 A ID = -1.5 A, VGS = -4 V Drain-Source ON resistance RDS (ON) ID = -1.5 A, VGS = -2.5 V ID = -1.5 A, VGS = -2.0 V Input capacitance Reverse transfer capacitance Output capacitance Switching time Turn-on time Turn-off time Ciss Crss Coss ton toff (Note 3) (Note 3) (Note 3) (Note 3) Min 3/4 -12 -4 3/4 -0.45 3.8 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 Typ. 3/4 3/4 3/4 3/4 3/4 Max 1 3/4 3/4 -1 -1.1 3/4 70 95 180 3/4 3/4 3/4 3/4 3/4 pF pF pF ns mW Unit mA V V mA V S
3/4
50 70 90 890 203 288 48 120
VDS = -10 V, VGS = 0, f = 1 MHz VDS = -10 V, VGS = 0, f = 1 MHz VDS = -10 V, VGS = 0, f = 1 MHz VDD = -10 V, ID = -1 A VGS = 0~-2.5 V, RG = 4.7 W
Note 3: Pulse test
Switching Time Test Circuit
(a) Test circuit
0 -2.5 V 10 ms VDD OUT VDD = -10 V RG = 4.7 W D.U. < 1% = VIN: tr, tf < 5 ns COMMON SOURCE Ta = 25C
(b) VIN
0V
10% 90%
IN RG
-2.5 V VDS (ON) 90% 10% tr ton
(c) VOUT
VDD
tf toff
Precaution
Vth can be expressed as voltage between gate and source when low operating current value is ID = -100 mA for this product. For normal switching operation, VGS (on) requires higher voltage than Vth and VGS (off) requires lower voltage than Vth. (relationship can be established as follows: VGS (off) < Vth < VGS (on)) Please take this into consideration for using the device. VGS recommended voltage of -2.5 V or higher to turn on this product.
2
2002-03-27
SSM3J13T
ID - VDS
-4 -4 V -2.5 V -3 -2.0 V -1.8 V -1.6 V -10000 Common Source Ta = 25C -1000 Common Source VDS = -3 V
ID - VGS
(mA)
(A)
75C -100 Ta = 25C
ID
ID
-1.5 V -2 -1.4 V -1 VGS = -1.2 V 0 0
Drain current
Drain current
-10
-25C
-1
-0.1
-0.5
-1
-1.5
-2
-0.01 0
-0.5
-1
-1.5
-2
Drain-Source voltage VDS
(V)
Gate-Source voltage
VGS
(V)
RDS (ON) -ID
250 Common Source Ta = 25C 200 400 500
RDS (ON) - VGS
Common Source ID = -1.5 A Ta = 25C
Drain-Source on resistance RDS (ON) (mW)
150 VGS = -2 V -2.5 V 50 -4 V
Drain-Source on resistance RDS (ON) (mW)
-6
300
100
200
100
0 0
-2
-4
0 0
-2
-4
-6
-8
Drain current
ID
(A)
Gate-Source voltage
VGS
(V)
RDS (ON) - Ta
160 Common 140 Source 120 100 80 60 40 20 0 -25 0.1 -0.01 -2.5 V -4 V ID = -1.5 A VGS = -2 V 100
|Yfs| - ID
Common Source VDS = -3 V Ta = 25C 10
Forward transfer admittance |Yfs| (S)
Drain-Source on resistance RDS (ON) (mW)
1
0
25
50
75
100
125
150
-0.1
-1
-10
Ambient temperature Ta (C)
Drain current
ID
(A)
3
2002-03-27
SSM3J13T
Vth - Ta
-1 Common Source -0.8 VDS = -3 V ID = -0.1 mA 1400
C - VDS
Common Source 1200 VGS = 0 f = 1 MHz Ta = 25C Ciss 800 600 400 Coss 200 Crss
(V)
Gate threshold voltage Vth
(pF)
-0.4 -0.2
1000
Capacitance C
-0.6
0 -25
0
25
50
75
100
125
150
0 0
2
4
6
8
10
12
14
Ambient temperature Ta (C)
Drain-Source voltage VDS
(V)
t - ID
1000 Common Source 500 300 VDD = -10 V VGS = 0~ -2.5 V Ta = 25C RG = 4.7 W toff 100 50 30 ton tr 10 -0.01 0 0 tf -3 Common Source VGS = 0 Ta = 25C -2
IDR - VDS
(A)
D
Drain reverse current IDR
(ns)
G S
Switching time
t
-1
-0.1
-1
-10
0.4
0.8
1.2
Drain current
ID
(A)
Drain-Source voltage VDS
(V)
PD - Ta
1.5 t = 10 s Mounted on FR4 board (25.4 mm 25.4 mm 1.6 t, 2 Cu Pad: 645 mm
(W) PD Drain power dissipation
1.25
1
0.75
DC
0.5
0.25
0 0
25
50
75
100
125
150
Ambient temperature Ta (C)
4
2002-03-27
SSM3J13T
Safe operating area
-10 ID max (pulsed) ID max (continuous) 10 ms*
ID
(A)
-1
10 s*
Drain current
DC operation
-0.1 Mounted on FR4 board (25.4 mm 25.4 mm 1.6 t, 2 Cu Pad: 645 mm ) *: Single nonrepetitive Pulse Ta = 25C Curves must be derated linearly with increase in temperature. -1
VDSS max -10 -100
-0.01 -0.1
Drain-Source voltage VDS
(V)
rth - tw
1000 Single pulse
(C /W)
Transient thermal impedance
rth
100
Mounted on FR4 board (25.4 mm 25.4 mm 1.6 t, 2 Cu Pad: 645 mm )
10
1
0.1 0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse width
tw
(s)
5
2002-03-27
SSM3J13T
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
6
2002-03-27


▲Up To Search▲   

 
Price & Availability of SSM3J13T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X