Part Number Hot Search : 
2SC4691G AT24LC02 0015453 MOF1W LN449YPH 2SD1615A C12419 48VDC
Product Description
Full Text Search
 

To Download SSM3J02T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSM3J02T
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J02T
Power Management Switch High Speed Switching Applications
* * * * Component package suitable for high-density mounting Small Package Low ON Resistance : Ron = 0.5 (max) (@VGS = -4 V) : Ron = 0.7 (max) (@VGS = -2.5 V) Low-voltage operation possible Unit: mm
Maximum Ratings (Ta = 25C)
Characteristic Drain-Source voltage Gate-Source voltage DC Drain current Pulse Symbol VDS VGSS ID IDP (Note2) PD (Note1) Tch Tstg Rating -30 10 -1.5 -3.0 1250 150 -55 to 150 A Unit V V
Drain power dissipation (Ta = 25C) Channel temperature Storage temperature range
mW C C
JEDEC JEITA TOSHIBA
2-3S1A
Note1:
Mounted on FR4 board (25.4 mm 25.4 mm 1.6 t, Cu pad: 645 mm2, t = 10 s)
Weight: 10 mg (typ.)
Note2:
The pulse width limited by max channel temperature.
Marking
3
Equivalent Circuit
3
DD
1
2
1
2
Handling Precaution
When handling individual devices (which are not yet mounted on a circuit board), be sure that the environment is protected against electrostatic electricity. Operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials.
1
2002-01-17
SSM3J02T
Electrical Characteristics (Ta = 25C)
Characteristic Gate leakage current Drain-Source breakdown voltage Drain Cut-off current Gate threshold voltage Forward transfer admittance Drain-Source ON resistance Input capacitance Reverse transfer capacitance Output capacitance Switching time Turn-on time Turn-off time Symbol IGSS V (BR) DSS IDSS Vth |Yfs| RDS (ON) Ciss Crss Coss ton toff Test Condition VGS = 10 V, VDS = 0 ID = -1 mA, VGS = 0 VDS = -30 V, VGS = 0 VDS = -3 V, ID = -0.1 mA VDS = -3 V, ID = -0.3 A ID = -0.3 A, VGS = -4 V ID = -0.3 A, VGS = -2.5 V (Note3) (Note3) (Note3) Min 3/4 -30 3/4 -0.6 0.6 3/4 3/4 3/4 3/4 3/4 3/4 3/4 Typ. 3/4 3/4 3/4 3/4 3/4 0.4 0.55 150 21 61 55 52 Max 1 3/4 -1 -1.1 3/4 0.5 0.7 3/4 3/4 3/4 3/4 3/4 Unit mA V mA V S W pF pF pF ns
VDS = -10 V, VGS = 0, f = 1 MHz VDS = -10 V, VGS = 0, f = 1 MHz VDS = -10 V, VGS = 0, f = 1 MHz VDD = -15 V, ID = -0.3 A, VGS = 0 to -2.5 V, RG = 4.7 W
Note3:
Pulse test
Switching Time Test Circuit
(a) Test circuit 0 0 -2.5 V 10 ms VIN OUT (b) VIN VGS -2.5 V RG RL VDS (ON) (c) VOUT VDS VDD tr ton tf toff 10% 90% 90% 10%
IN
VDD VDD = -15 V RG = 4.7 W D.U. < 1% = VIN: tr, tf < 5 ns COMMON SOURCE Ta = 25C
Precaution
Vth can be expressed as voltage between gate and source when low operating current value is ID = -100 mA for this product. For normal switching operation, VGS (on) requires higher voltage than Vth and VGS (off) requires lower voltage than Vth. (relationship can be established as follows: VGS (off) < Vth < VGS (on)) Please take this into consideration for using the device. VGS recommended voltage of -2.5 V or higher to turn on this product.
2
2002-01-17
SSM3J02T
ID - VDS
-1.4 -1.2 -4.0 -2.5 -2.2 Common Source Ta = 25C -10000 Common Source -1000 VDS = -3 V
ID - VGS
-1 -0.8 -0.6 -0.4
(mA)
(A)
-2.0
-100 -10 -1 -0.1 -0.01 -0.001 0 -25C Ta = 100C 25C
ID
Drain current
-1.8
-1.6 -0.2 0 0 VGS = -1.4 V -0.5 -1 -1.5 -2
Drain current
ID
-0.5
-1
-1.5
-2
-2.5
-3
Drain-source voltage
VDS
(V)
Gate-source voltage
VGS
(V)
RDS (ON) - ID
1.5 Common Source Ta = 25C 0.8 1 Common Source ID = -0.3 A
RDS (ON) - Ta
Drain-Source on resistance RDS (ON) (9)
1
Drain-Source on resistance RDS (ON) (9)
VGS = -2.5 V -4 V
0.6
VGS = -2.5 V 0.5 -4 V
0.4
0.2
0 0
-0.2
-0.4
-0.6
-0.8
-1
-1.2
0 -50
0
50
100
150
Drain current
ID
(A)
Ambient temperature Ta (C)
|Yfs| - ID
10
C - VDS
1000
Forward transfer admittance |Yfs| (S)
(pF)
3 1
Common Source VDS = -3 V Ta = 25C
300 100 Ciss
Capacitance C
0.3 0.1
30 10
Coss Crss Common Source VGS = 0 V f = 1 MHz Ta = 25C
0.03 0.01 -0.001
3 1 -0.1
-0.01
-0.1
-1
-4
-1
-10
-100
-400
Drain current
ID
(A)
Drain-Source voltage VDS
(V)
3
2002-01-17
SSM3J02T
t - ID
10000 Common Source VDD = -15 V VGS = 0 to -2.5 V RG = 4.7 W Ta = 25C 1.5 t = 10 s
PD - Ta
Mounted on FR4 board (25.4 mm 25.4 mm 1.6 t, Cu Pad: 645 mm2) 1
3000 toff tf
(W) Drain power dissipation PD
1.25
t
300
(ns)
1000
Switching time
0.75
DC
100 ton tr -0.01 -0.1 -1 -4
0.5
30
0.25
10 -0.001
Drain current
ID
(A)
0 0
25
50
75
100
125
150
Ambient temperature Ta (C)
Safe operating area
-10 ID max (pulsed)* ID max (continuous) 10 ms* -1 1 ms*
ID
(A)
Drain current
-0.1
DC operation Ta = 25C
10 s
-0.01
Mounted on FR4 board (25.4 mm 25.4 mm 1.6 t, Cu Pad: 645 mm2) *: Single nonrepetitive Pulse Ta = 25C Curves must be derated linearly with increase in temperature. -1 -10
VDSS max -100
-0.001 -0.1
Drain-Source voltage VDS
(V)
rth - tw
1000
rth Transient thermal impedance
(C /W)
100
10 Single pulse Mounted on FR4 board (25.4 mm 25.4 mm 1.6 t, Cu Pad: 645 mm2) 1 0.001 0.01 0.1 1 10 100 1000
Pulse width
tw
(s)
4
2002-01-17
SSM3J02T
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
5
2002-01-17


▲Up To Search▲   

 
Price & Availability of SSM3J02T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X