Part Number Hot Search : 
5TUZ47C S7241 10A10 M1104 1N6019 24B000 TM162GD 1SMB60A
Product Description
Full Text Search
 

To Download SSL34 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSL32 THRU SSL34
3.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
Voltage Range 20 to 40 Volts Current 3.0 Amperes
Features
For surface mounted application Metal silicon junction, majority carrier conduction Low forward voltage drop Easy pick and place High surge current capability Plastic material used carries Underwriters Laboratory Classification 94V-O Epitaxial construction High temperature soldering: 260oC / 10 seconds at terminals
.129(3.27) .118(3.0)
SMC/DO-214AB
.245(6.22) .220(5.59)
.280(7.11) .260(6.60) .012(.31) .006(.15)
.103(2.62) .079(2.00)
Mechanical Data
Cases: Molded plastic Terminals: Solder plated Polarity: Indicated by cathode band Packaging: 16mm tape per EIA STD RS-481 Weight: 0.21gram
.060(1.52) .030(0.76) .320(8.13) .305(7.75) .008(.20) .004(.10)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol Type Number SSL32
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage (Note 1) @3.0A Maximum DC Reverse Current @ TA =25 at Rated DC Blocking Voltage @ TA=100 Maximum Thermal Resistance (Note 2) Marking Code Operating Temperature Range Storage Temperature Range
SSL33
30 21 30 3.0 100
SSL34
40 28 40
Units
V V V A A
VRRM VRMS VDC I(AV) IFSM VF IR RJL RJA
20 14 20
0.385 1.0 150 17 55 SL33 -55 to +125 -55 to + 150
0.40
V mA mA /W
SL32 TJ TSTG
SL34
Notes:1. Pulse Test with PW=300 usec, 1% Duty Cycle. 2. Measured on P.C. Board with 0.6 x 0.6"(16 x 16mm) Copper Pad Areas.
- 62 -
RATINGS AND CHARACTERISTIC CURVES (SSL32 THRU SSL34)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
3 100
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
AVERAGE FORWARD CURRENT. (A)
RESISTIVE OR INDUCTIVE LOAD
80
AT RATED TL 8.3ms Single Half Sine Wave JEDEC Method
2
60
40
1
20
PCB MOUNTED ON 0.6X0.6" (16X16mm) COPPER PAD AREAS
0 50 60 70 80 90 100 110 120
o
0 130 140 150 160 LEAD TEMPERATURE. ( C)
1
10 NUMBER OF CYCLES AT 60Hz
100
FIG.3- TYPICAL FORWARD CHARACTERISTICS
50
FIG.4- TYPICAL REVERSE CHARACTERISTICS
20 10
Tj=125 0C
TJ=100 0C
INSTANTANEOUS FORWARD CURRENT. (A)
10
PULSE WIDTH=300 S 1% DUTY CYCLE
INSTANTANEOUS REVERSE CURRENT. (mA)
1
1
SSL32-33 Tj=25 0C
TJ=75 0C
0.1
0.1
SSL34 Tj=25 0C
0.01
TJ=25 0C
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 FORWARD VOLTAGE. (V)
0.001 0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE
1000
JUNCTION CAPACITANCE.(pF)
Tj=25 0C f=1.0MHz Vsig=50mVp-p
100
10
0.1
1 REVERSE VOLTAGE. (V)
10
100
- 63 -


▲Up To Search▲   

 
Price & Availability of SSL34

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X