Part Number Hot Search : 
10206 2SC2271 SP237ACX 2SB1005 08140 ALVCH 2KMD80SJ FD103M
Product Description
Full Text Search
 

To Download SSF7N90A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 N-CHANNEL POWER MOSFET
SSF7N90A
FEATURES
BVDSS = 900V * * * * * * * Avalanche Rugged Technology Rugged Gate Oxide Technology Lower Input Capacitance Improved Gate Charge Extended Safe Operating Area Lower Leakage Current: 25A (Max.) @ VDS = 900V Lower RDS(ON): 1.247 (Typ.)
1 2 3
RDS(ON) = 1.8 ID = 5A
TO-3P
ABSOLUTE MAXIMUM RATINGS
Symbol VDSS ID IDM VGS EAS IAR EAR dv/dt PD TJ, TSTG TL Characteristics Drain-to-Source Voltage Continuous Drain Current (TC = 25C) Continuous Drain Current (TC = 100C) Drain Current-Pulsed Gate-to-Source Voltage Single Pulsed Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Total Power Dissipation (TC = 25C) Linear Derating Factor Operating Junction and Storage Temperature Range Maximum Lead Temp. for Soldering Purposes, 1/8" from case for 5-seconds y x x z x Value 900 5 3.2 28 30 794 5 9.5 1.5 95 0.76 -55 to +150
1. Gate 2. Drain 3. Source
Units V A A V mJ A mJ V/ns W W/C
C 300
THERMAL RESISTANCE
Symbol RJC RJA Characteristics Junction-to-Case Junction-to-Ambient Typ. - - Max. 1.32 40 Units C/W
REV. B
1
1999 Fairchild Semiconductor Corporation
SSF7N90A
N-CHANNEL POWER MOSFET
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise specified)
Symbol BVDSS BV/TJ VGS(th) IGSS IDSS RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd Characteristics Drain-Source Breakdown Voltage Breakdown Voltage Temp. Coeff. Gate Threshold Voltage Gate-Source Leakage, Forward Gate-Source Leakage, Reverse Drain-to-Source Leakage Current Static Drain-Source On-State Resistance Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain (Miller) Charge Min. 900 - 2.0 - - - - - - - - - - - - - - - - Typ. - 1.06 - - - - - - 4.72 2070 185 78 25 35 122 41 94 14.9 43.5 Max. - - 3.5 100 -100 25 250 1.8 - 2690 215 90 60 85 255 90 123 - - nC VDS=720V, VGS=10V ID=8A See Fig 6 & Fig 12 { | ns VDD=450V, ID=8A RG=10 See Fig 13 pF Units V V/C V nA A S Test Conditions VGS=0V, ID=250A ID=250A, VGS=30V VGS= -30V VDS=900V VDS=720V, TC=125C VGS=10V, ID=2.5A VDS=50V, ID=2.5A VGS=0V, VDS=25V f=1MHz See Fig 5 { { See Fig 7 VDS=5V, ID=250A
{|
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Symbol IS ISM VSD trr Qrr Characteristics Continuous Source Current Pulsed-Source Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge x { Min. - - - - - Typ. - - - 620 9.3 Max. 5 28 1.4 - - Units A V ns C Test Conditions Integral reverse pn-diode in the MOSFET TJ=25C, IS=5A, VGS=0V TJ=25C, IF=8A diF/dt=100A/s {
Notes: x Repetitive Rating: Pulse Width Limited by Maximum Junction Temperature y L=60mH, IAS=5A, VDD=50V, RG=27, Starting TJ =25C z ISD 8A, di/dt 170A/s, VDD BVDSS, Starting TJ =25C { Pulse Test: Pulse Width 250s, Duty Cycle 2% | Essentially Independent of Operating Temperature
2
N-CHANNEL POWER MOSFET
SSF7N90A
Fig 1. Output Characteristics
VGS Top : 15 V 10 V 8.0 V 7.0 V 6.0 V 5.5 V 5.0 V Bottom : 4.5 V
Fig 2. Transfer Characteristics
ID , Drain Current [A]
ID , Drain Current [A]
1 0
1
11 0
10 0
10 0
1 0 oC 5 2 oC 5 @Nts: oe 1 V =0V . GS 2 V =5 V . DS 0 us et 3 2 0 s P l e T s .5 6 8 1 0
1 -1 0 1 -1 0 10 0
@Nts: oe 1 2 0 s P l e T s .5 us et 2 T = 2 oC .C 5 11 0
- 5 oC 5 1 -1 0 2 4
VDS , Drain-Source Voltage [V]
VGS , Gate-Source Voltage [V]
Fig 3. On-Resistance vs. Drain Current
5
Fig 4. Source-Drain Diode Forward Voltage
IDR , Reverse Drain Current [A]
RDS(on) , [ ] Drain-Source On-Resistance
4 V =1 V 0 GS 3
11 0
2 V =2 V 0 GS 1 @ N t : T = 2 oC oe J 5 0 0 5 1 0 1 5 2 0 2 5 3 0 3 5
10 0 @Nts: oe 1 V =0V . GS 2 2 0 s P l e T s .5 us et 08 . 10 . 12 .
1 0 oC 5 2 oC 5 1 0
-1
02 .
04 .
06 .
ID , Drain Current [A]
VSD , Source-Drain Voltage [V]
Fig 5. Capacitance vs. Drain-Source Voltage
30 00 C =C +C (C =sotd) iss gs gd ds h r e C =C +C oss ds gd C =C rss gd
Fig 6. Gate Charge vs. Gate-Source Voltage
V =10V 8 DS V =40V 5 DS V =70V 2 DS
1 0
20 00
VGS , Gate-Source Voltage [V]
C iss
Capacitance [pF]
5
10 00 C oss C rss 00 1 0 11 0
@Nts: oe 1 V =0V . GS 2 f=1Mz . H
@Nts:I =80A oe . D 0 0 2 0 4 0 6 0 8 0 10 0
VDS , Drain-Source Voltage [V]
QG , Total Gate Charge [nC]
3
SSF7N90A
N-CHANNEL POWER MOSFET
Fig 7. Breakdown Voltage vs. Temperature
12 . 30 .
Fig 8. On-Resistance vs. Temperature
BVDSS , (Normalized) Drain-Source Breakdown Voltage
11 .
RDS(on) , (Normalized) Drain-Source On-Resistance
25 .
20 .
10 .
15 .
10 . @Nts: oe 1 V =1 V . GS 0 2 I =40A .D . -0 5 -5 2 0 2 5 5 0 7 5 10 0 15 2 10 5 15 7
09 .
@Nts: oe 1 V =0V . GS 2 I = 2 0 A .D 5 -0 5 -5 2 0 2 5 5 0 7 5 10 0
o
05 .
08 . -5 7
15 2
10 5
15 7
00 . -5 7
TJ , Junction Temperature [ C]
TJ , Junction Temperature [oC]
Fig 9. Max. Safe Operating Area
Oeaini Ti Ae prto n hs ra i L m t d b R DS(on) s iie y 1 s 0
Fig 10. Max. Drain Current vs. Case Temperature
6
12 0
ID , Drain Current [A]
ID , Drain Current [A]
11 0 1m s 1m 0s 10 0 @Nts: oe 1 T = 2 oC .C 5 2 T = 1 0 oC .J 5 3 Snl Ple . ige us 1 -2 0 11 0 12 0 D C
1 0 s 0
4
2
1 0
-1
13 0
0 2 5
5 0
7 5
10 0
15 2
10 5
VDS , Drain-Source Voltage [V]
Tc , Case Temperature [oC]
Fig 11. Thermal Response
Thermal Response
100 D=0.5
0.2 0.1 10- 1 0.05 0.02 0.01 single pulse 10- 2 - 5 10 10- 4 10- 3 10- 2
@ Notes : 1. Z J C (t)=1.32 o C/W Max. 2. Duty Factor, D=t1 /t2 3. TJ M -TC =PD M *Z J C (t)
PDM t1 t2
ZJC (t) ,
10- 1
100
101
t1 , Square Wave Pulse Duration
[sec]
4
N-CHANNEL POWER MOSFET
SSF7N90A
Fig 12. Gate Charge Test Circuit & Waveform
Current Regulator
50K 12V 200nF 300nF
Same Type as DUT
VGS Qg
10V
VDS VGS DUT
3mA
Qgs
Qgd
R1
Current Sampling (IG) Resistor
R2
Current Sampling (ID) Resistor
Charge
Fig 13. Resistive Switching Test Circuit & Waveforms
RL Vout Vin RG DUT Vin 10V
td(on) t on tr td(off) t off tf 10%
Vout VDD
( 0.5 rated VDS )
90%
Fig 14. Unclamped Inductive Switching Test Circuit & Waveforms
LL VDS
Vary tp to obtain required peak ID
BVDSS 1 EAS = ---- LL IAS2 -------------------2 BVDSS -- VDD BVDSS IAS C VDD VDD
tp
ID
RG DUT 10V
tp
ID (t) VDS (t) Time
5
SSF7N90A
N-CHANNEL POWER MOSFET
Fig 15. Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
+ VDS --
IS L Driver RG VGS
Same Type as DUT
VGS
VDD
* dv/dt controlled by G * IS controlled by Duty Factor ?
VGS ( Driver )
Gate Pulse Width D = -------------------------Gate Pulse Period
10V
IFM , Body Diode Forward Current
IS ( DUT ) IRM
di/dt
Body Diode Reverse Current
VDS ( DUT )
Body Diode Recovery dv/dt
Vf
VDD
Body Diode Forward Voltage Drop
6
TO-3P Package Dimensions
TO-3P (FS PKG CODE AF)
15.60 0.20 3.80 0.20 13.60 0.20 o3.20 0.10 9.60 0.20 4.80 0.20 1.50 -0.05
+0.15
12.76 0.20
19.90 0.20
16.50 0.30
3.00 0.20 1.00 0.20
3.50 0.20
2.00 0.20
13.90 0.20
23.40 0.20
18.70 0.20
1.40 0.20
5.45TYP [5.45 0.30]
5.45TYP [5.45 0.30]
0.60 -0.05
+0.15
Dimensions in Millimeters
August 1999, Rev B
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM HiSeCTM
DISCLAIMER
ISOPLANARTM MICROWIRETM POPTM PowerTrenchTM QFETTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8
TinyLogicTM UHCTM VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.


▲Up To Search▲   

 
Price & Availability of SSF7N90A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X