Part Number Hot Search : 
2SJ651 W83791D 2SJ651 EMTG56 472E3 XCV400E 50105 RXE010
Product Description
Full Text Search
 

To Download SSD1809TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOLOMON SYSTECH
SEMICONDUCTOR TECHNICAL DATA
LCD Segment / Common Driver With Controller
CMOS
SSD1809 is a single-chip CMOS LCD driver with controller for liquid crystal dot-matrix graphic display system. It consists of 225 high voltage driving output pins for driving 160 Segments, 64 Commons and 1icon driving-Common. SSD1809 displays data directly from its internal Graphic RAM (160x65). Data/Commands are sent from general MCU through a software selectable 6800-/8080-series compatible Parallel Interface or Serial Peripheral Interface. SSD1809 embeds a DC-DC Converter, an On-chip Bias Divider and an On-Chip Oscillator which reduce the number of external components. With the special design on minimizing power consumption and package layout, SSD1809 is suitable for any portable battery-driven application requiring a long operation period and a compact size.
SSD1809
SSD1809TR TAB
* * * * * * * * * * * * * * * * * * * * * *
ORDERING INFORMATION 160x64 Graphic Display with a Icon Line Programmable Multiplex Ratio (1 Mux - 65 Mux) [Partial Display] TAB Graphic Display Mode Operation / Chinese Character Display Mode Operation SSD1809TR Supply Operation, 2.2 V - 3.5 V Enhanced Low Power Icon Mode (160 icons, <19uA) On-Chip Internal DC-DC Converter / External Power Supply 2X / 3X / 4X / 5X DC-DC Converter On-Chip Oscillator On-Chip Bias Voltage Generator 1:5 / 1:7 / 1:8 / 1:9 Bias Ratio Maximum 16.5V LCD Driving Output Voltage 8-bit 6800-Series Parallel Interface, 8-bit 80-Series Parallel Interface and Serial Peripheral Interface (SPI) On-Chip 160 x 65 Display Data RAM Re-mapping of Row and Column Drivers Vertical Scrolling Display Masks for implementation of blinking effect Programmable Frame Frequency Master Clear RAM External Contrast Control 16 Level Internal Contrast Control Selectable LCD Driving Voltage Temperature Coefficients Available in TAB (Tape Automated Bonding)
This document contains information on a new product. Specifications and information herein and subject to change without notice.
Copyright (c) 2001 SOLOMON Systech Limited
REV1.3 03/02
Block Diagram
COM0 ~ COM64
SEG0 ~ SEG159
HV Buffer Cell Level Shifter
Level Selector
V LL2 ~ V LL6 65 Bit Latch OSC1 160 Bit Latch V CC Voltage Divider Temperature Compensation Contrast Control VR VF
OSC2
Display Timing Generator
DUM1 ~ DUM4 GDDRAM 65x 160 Bits Voltage Regulator C+ CV DC Control Logic 2X/3X/4X/5X DC-DC Converter C 1P ~ C 3P C 1N ~ C 3N AV DD AV SS DV DD DV SS CE Command/Data Interface
Command Decoder
RES
P/S
68/80
D/C
CLK / W R / S C K
R/W / RD
SDA/D0,D1~D7
SSD1809 2
REV1.3 03/02
SOLOMON
SOLOMON
DUMMY 274 CO M3 1 273 CO M3 0 272 CO M2 9
*
245 244 243 242 241 240 239 CO M2 CO M1 CO M0 CO M6 4 SEG1 59 SEG1 58 SEG1 57 164 SEG8 2 163 SEG8 1 162 SEG8 0 DUMMY
DIE
*
VCC VF VR AV SS OS C2 A VDD P /S 68 /80 DUMMY DUMMY DUMMY DUMMY DUMMY
SSD1809T PIN ASSIGNMENT
Normal Design TAB
161 160 159 84 83 82 81 80 79 78
ENCAPSULANT COPPER
(COPPER VIEW)
DUMMY S EG79 S EG78 S EG77
VDC DVDD RES D/C R/W/RD CLK//WR/S CK DV SS SDA/D0 D1 D2 D3 D4 D5 D6 D7 CE C1 P C 1N C2 P C 2N C3 P C 3N NC NC DV SS VLL2 VLL3 DUM4 DUM3 DUM2 DV SS DUM1 DV SS VLL4 VLL5 VLL6 OS C1 DV SS C+ C1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 S EG2 S EG1 S EG0 COM32 COM33 COM34 COM35
POLYIMIDE
*Remarks: In the TAB package, pin1(VDC) & pin2(DVDD) are connected to DVDD. Pin46(AVDD), pin47(P/S) & pin48(68/80) are connected to AVDD.
REV 1.3 03/02
51 50 49
COM62 COM63 COM64 DUMMY
SSD1809 3
SSD1809T Pin Assignment Table
TAB Pin # 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 Signal Name VDC DV DD RES D/C R/W / RD CLK/ WR/SCK DV SS SDA/D 0 D1 D2 D3 D4 D5 D6 D7 CE C1 P C1 N C2 P C2 N C3 P C3 N NC NC DV SS VLL2 VLL3 DUM4 DUM3 DUM2 DV SS DUM1 DV SS VLL4 VLL5 VLL6 OSC1 DV SS C+ CVCC VF VR AVSS OSC2 AVD D P/S 68/80 COM64 COM63 COM62 COM61 COM60 COM59 COM58 COM57 COM56 COM55 COM54 COM53 TAB Pin # 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 Signal Name COM52 COM51 COM50 COM49 COM48 COM47 COM46 COM45 COM44 COM43 COM42 COM41 COM40 COM39 COM38 COM37 COM36 COM35 COM34 COM33 COM32 SEG0 SEG1 SEG2 SEG3 SEG4 SEG5 SEG6 SEG7 SEG8 SEG9 SEG10 SEG11 SEG12 SEG13 SEG14 SEG15 SEG16 SEG17 SEG18 SEG19 SEG20 SEG21 SEG22 SEG23 SEG24 SEG25 SEG26 SEG27 SEG28 SEG29 SEG30 SEG31 SEG32 SEG33 SEG34 SEG35 SEG36 SEG37 SEG38 TAB Pin # 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 145 146 147 148 149 150 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 169 170 171 172 173 174 175 176 177 178 179 180 Signal Name SEG39 SEG40 SEG41 SEG42 SEG43 SEG44 SEG45 SEG46 SEG47 SEG48 SEG49 SEG50 SEG51 SEG52 SEG53 SEG54 SEG55 SEG56 SEG57 SEG58 SEG59 SEG60 SEG61 SEG62 SEG63 SEG64 SEG65 SEG66 SEG67 SEG68 SEG69 SEG70 SEG71 SEG72 SEG73 SEG74 SEG75 SEG76 SEG77 SEG78 SEG79 SEG80 SEG81 SEG82 SEG83 SEG84 SEG85 SEG86 SEG87 SEG88 SEG89 SEG90 SEG91 SEG92 SEG93 SEG94 SEG95 SEG96 SEG97 SEG98 TAB Pin # 181 182 183 184 185 186 187 188 189 190 191 192 193 194 195 196 197 198 199 200 201 202 203 204 205 206 207 208 209 210 211 212 213 214 215 216 217 218 219 220 221 222 223 224 225 226 227 228 229 230 231 232 233 234 235 236 237 238 239 240 Signal Name SEG99 SEG100 SEG101 SEG102 SEG103 SEG104 SEG105 SEG106 SEG107 SEG108 SEG109 SEG110 SEG111 SEG112 SEG113 SEG114 SEG115 SEG116 SEG117 SEG118 SEG119 SEG120 SEG121 SEG122 SEG123 SEG124 SEG125 SEG126 SEG127 SEG128 SEG129 SEG130 SEG131 SEG132 SEG133 SEG134 SEG135 SEG136 SEG137 SEG138 SEG139 SEG140 SEG141 SEG142 SEG143 SEG144 SEG145 SEG146 SEG147 SEG148 SEG149 SEG150 SEG151 SEG152 SEG153 SEG154 SEG155 SEG156 SEG157 SEG158 TAB Pin # 241 242 243 244 245 246 247 248 249 250 251 252 253 254 255 256 257 258 259 260 261 262 263 264 265 266 267 268 269 270 271 272 273 274 Signal Name SEG159 COM64 COM0 COM1 COM2 COM3 COM4 COM5 COM6 COM7 COM8 COM9 COM10 COM11 COM12 COM13 COM14 COM15 COM16 COM17 COM18 COM19 COM20 COM21 COM22 COM23 COM24 COM25 COM26 COM27 COM28 COM29 COM30 COM31
SSD1809 4
REV1.3 03/02
SOLOMON
MAXIMUM RATINGS* (Voltages Referenced to VSS , TA =25C)
Symbol AV DD ,DVDD ,V DC Supply Voltage V CC V in I TA Tstg Input Voltage Current Drain Per Pin Excluding V DD and V SS Operating Temperature Storage Temperature Range Parameter Value -0.3 to +4.0 V SS -0.3 to VSS +18 V SS -0.3 to VDD+0.3 25 -30 to +85 -65 to +150 Unit V V V mA C C
This device contains circuitry to protect the inputs against damage due to high static voltages or electric fields; however, it is advised that normal precautions to be taken to avoid application of any voltage higher than maximum rated voltages to this high impedance circuit. For proper operation it is recommended that V and Vout be constrained to the in range V SS < or = (V in or V out) < or = V D D. Reliability of operation is enhanced if unused input are connected to an appropriate logic voltage level (e.g., either VSS o r VDD). Unused outputs must be left open. This device may be light sensitive. Caution should be taken to avoid exposure of this device to any light source during normal operation. This device is not radiation protected.
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the limits in the Electrical Characteristics tables or Pin Description section. V SS = AVSS = DV SS (DVSS = V SS of Digital circuit, AV SS = VSS of Analogue Circuit) V DD = AV DD = DV DD (DVDD = V D D of Digital circuit, AVDD = VDD of Analogue Circuit)
ELECTRICAL CHARACTERISTICS (Voltage Referenced to V S S, VDD =2.2 to 3.5V, T A=25C; unless otherwise specified.)
Symbol DV DD A VDD V DC IAC Parameter Logic Circuit Supply Voltage Range Voltage Generator Circuit Supply Voltage Range DC/DC Converter Circuit Supply Voltage Range Access Mode Supply Current Drain (AV DD + DV DD + VDC Pins) Test Condition (Absolute value referenced to VSS ) Min 2.2 2.2 2.2 Typ 3.0 Max 3.5 3.5 3.5 450 Unit V V V A
V DD=3.0V, Voltage Generator On, 5X Converter Enabled, 65Mux Ratio, R/W accessing, T cyc =200kHz, Internal Oscillator Enabled, Frame Freq.=60Hz, Display On. V DD=3.0V, Voltage Generator On, 5X Converter Enabled, 65Mux Ratio, R/W Halt, Internal Oscillator Enabled, Frame Freq.=60Hz, Display On. V DD=3.0V, Display Off, Oscillator Disabled, R/W halt. V DD=3.0V, Internal Oscillator Enabled, 65Mux Ratio, Display On, Icon Mode C, R/W halt, Frame Freq.= 81.25Hz Display On, Voltage Generator Enabled, DC/DC Converter Enabled, Frame Freq.=60Hz, Voltage Regulator Enabled, Voltage Divider Enabled. Voltage Generator Disabled, 1:5 Bias. Iout=100mA
IDP
Display Mode Supply Current Drain (AV DD + DV DD Pins)
-
170
270
A
ISB
Standby Mode Supply Current Drain (AV DD + DV DD Pins) Icon Mode Supply Current Drain (AV DD + DV DD Pins) LCD Driving Voltage Generator Output (V CC Pin)
-
-
1
A
IICON V CC
5
11 -
19 16.5
A V
V LCD V OH1
LCD Driving Voltage Input (V CC Pin) Output High Voltage (SDA/D 0 -D7 , OSC2) Output Low Voltage (SDA/D 0 -D7 , OSC2) LCD Driving Voltage Source (V R Pin)
5 0.9*V DD
-
16.5 V DD
V V
V OL1
Iout=100mA
0
-
0.1*V D D
V
V R1
Voltage Regulator Enabled (V R voltage depends on TC and Int/Ext Contrast Control ) Regulated DC/DC Converter Mode Voltage Regulator & Regulated DC/DC Disabled. Voltage Regulator Enabled, Internal Contrast control Enabled. (16 Voltage Levels Controlled by Software. )
0
-
V CC-0.5
V
V R3 V R2 V CN
LCD Driving Voltage Source (V R Pin) LCD Driving Voltage Source (V R Pin) Internal Contrast Control (V R Output Voltage)
-5
V CC Floating -
5
V V %
SOLOMON
REV 1.3 03/02
SSD1809 5
ELECTRICAL CHARACTERISTICS (Voltage Referenced to V S S, VDD =2.2 to 3.5V, T A=25C; unless otherwise specified.)
Symbol V IH1 Parameter Input high voltage (RES, OSC2, CLK/WR/SCK,SDA/D 0 -D 7 , CE , R/W/RD, D/ C, P/S, 68/80, OSC1) Input Low voltage (RES, OSC2, CLK/WR/SCK,SDA/D 0 -D 7 , CE , R/W/RD, D/ C, P/S, 68/80, OSC1) V LL6 V LL5 V LL4 V LL3 V LL2 V LL6 V LL5 V LL4 V LL3 V LL2 V LL6 V LL5 V LL4 V LL3 V LL2 V LL6 V LL5 V LL4 V LL3 V LL2 V LL6 V LL5 V LL4 V LL3 V LL2 IO H LCD Display Voltage Output (V LL6, VLL5 , VLL4 , VLL3, VLL2 Pins) Voltage Divider Enabled, 1:5 bias ratio Test Condition Min 0.8*VDD Typ Max V DD Unit V
V IL1 0 0.2*V DD V
7 0 0 0 0 50
VR 4/5*V R 3/5*V R 2/5*V R 1/5*V R VR 6/7*V R 5/7*V R 2/7*V R 1/7*V R VR 7/8*V R 6/8*V R 2/8*V R 1/8*V R VR 8/9*V R 7/9*V R 2/9*V R 1/9*V R -
V CC V LL6 V LL5 V LL4 V LL3 -
V V V V V V V V V V V V V V V V V V V V V V V V V A
LCD Display Voltage Output (V LL6, VLL5 , VLL4 , VLL3, VLL2 Pins)
Voltage Divider Enabled, 1:7 bias ratio
LCD Display Voltage Input (V LL6, VLL5 , VLL4 , VLL3, VLL2 Pins)
Voltage Divider Enabled, 1:8 bias ratio
LCD Display Voltage Input (V LL6, VLL5 , VLL4 , VLL3, VLL2 Pins)
Voltage Divider Enabled, 1:9 bias ratio
LCD Display Voltage Input (V LL6, VLL5 , VLL4 , VLL3, VLL2 Pins)
External Voltage Generator, Voltage Divider Disable
Output High Current Source (SDA/D 0-D 7, OSC2) Output Low Current Drain (SDA/D 0-D 7, OSC2) Output Tri-state Current Drain Source (SDA/D 0-D 7, OSC2) Input Current (RES, OSC2, CLK/WR/SCK,SDA/D 0 -D 7 , CE , R/W/RD, D/ C, P/S, 68/80, OSC1) Channel resistance between LCD driving signal pins (SEG and COM) and driving voltage input pins (V LL2 to V LL6) Memory Retention Voltage (DV DD) Input Capacitance (OSC1, OSC2, all logic pins) Temperature Coefficient Compensation* Flat Temperature Coefficient Temperature Coefficient 3*
V out =VDD -0.4V
IOL
V out =0.4V
-
-
-50
A
IO Z IIL /IIH
-1 -1
-
1 1
A A
R on
During Display on, 0.1V apply between two terminals, V CC within operating voltage range Standby mode, retain all internal configuration and RAM data
-
-
10
k
V SB CIN
2 -
5
7.5
V pF
PTC0 PTC3
TC1=0, TC2=0, Voltage Regulator Disabled TC1=1, TC2=1, Voltage Regulator Enabled
-
0.0 -0.35
-
% %
*The formula for the temperature coefficient (TC) is: TC(%)= V R at 50C - V R at 0C 50C - 0C 1 X V R at 25C X 100%
SSD1809 6
REV1.3 03/02
SOLOMON
AC ELECTRICAL CHARACTERISTICS (Voltage Referenced to VSS , V DD =2.2 to 3.5V, TA =25C; unless otherwise specified.)
Symbol FOSC FFRM Parameter Test Condition Min Typ 50 Max Unit kHz Oscillation Frequency of Display timing Resistor between OSC1 andOSC2 is 900k W generator Internal Oscillator Enabled Frame Frequency in Graphic / Character Display Mode Normal Display Frequency Half Display Frequency
Fosc / [2 x Mux Ratio x (Frame Freq Register + 1)] Fosc / [4 x Mux Ratio x (Frame Freq Register + 1)]
Frame Frequency in Low Power Icon Mode
Icon Icon Icon Icon Icon Icon Icon Icon
Mode Mode Mode Mode Mode Mode Mode Mode
A B C D
and and and and
Normal Normal Normal Normal
Display Frequency Display Frequency Display Frequency Display Frequency
Fosc / [48 x (Frame Freq Register + 1)] Fosc / [64 x (Frame Freq Register + 1)] Fosc / [96 x (Frame Freq Register + 1)] Fosc / [144 x (Frame Freq Register + 1)] Fosc / [96 x (Frame Freq Register +1)] Fosc / [128 x (Frame Freq Register + 1)] Fosc / [192 x (Frame Freq Register + 1)] Fosc / [288 x (Frame Freq Register + 1)] See Figure 1 for the relationship
A and Half Display Frequency B and Half Display Frequency C and Half Display Frequency D and Half Display Frequency
OSC
Internal Oscillation Frequency with different value of feedback resistor
Internal Oscillator Enabled, V DD within operation range
280k 260k
80k
60k Oscillation Frequency (Hz)
40k
20k
0
500k
1.0M
1.5M
2.0M
Resistor Value between OSC1 and OSC2 () Figure 1 : Internal Oscillator Frequency Relationship with External Resistor Value at V DD = 3V
SOLOMON
REV 1.3 03/02
SSD1809 7
Table 1 : Timing Characteristics for 6800-Series Parallel Interface (T A =-30 to 85o C, DVDD=2.2 to 3.5V, V SS =0V) Symbol tcycle tEH tAS tAH tDS tDHW tDD tDHR Parameter Enable Cycle Time Enable Pulse Width Address Setup Time Address Hold Time Data Setup Time for Write Cycle Data Hold Time for Write Cycle Data Delay Time for Read Cycle Data Hold Time for Read Cycle Min 1000 Typ 500 200 250 350 250 350 100 Max Unit ns ns ns ns ns ns ns ns
tcycle CLK
t AS R/W
t EH
t AH
D/C
tDS D 0-D7 (Write Cycle)
tD H W
t DD D0-D7 (Read Cycle)
tDHR
CE
Figure 2 : Timing Characteristics for 6800-Series Parallel Interface
SSD1809 8
REV1.3 03/02
SOLOMON
Table 2 : Timing Characteristics for 80-Series Parallel Interface (T A =-30 to 85o C, DVDD=2.2 to 3.5V, V SS =0V) Symbol tcycle tEH tAS tAH tDS tDHW tDD tDHR Parameter Enable Cycle Time Enable Pulse Width Address Setup Time Address Hold Time Data Setup Time for Write Cycle Data Hold Time for Write Cycle Data Delay Time for Read Cycle Data Hold Time for Read Cycle Min 1000 Typ 500 200 250 350 250 350 100 Max Unit ns ns ns ns ns ns ns ns
Note: In Read Cycle, the WR pin should be High. In Write Cycle, the RD pin should be High.
t cycle RD (Read Cycle) WR (Write Cycle) t AS D/C t EH t AH
tDS D0 -D7 (Write Cycle)
tD H W
tD D D 0-D7 (Read Cycle)
t DHR
CE
Figure 3 : Timing Characteristics for 80-Series Parallel Interface
SOLOMON
REV 1.3 03/02
SSD1809 9
Table 3 : Timing Characteristics for Serial Peripheral Interface (SPI) (T A =-30 to 85o C, DVDD =2.2 to 3.5V, VSS =0V) Symbol tcycle tEH tAS tAH tDS tDH tLEAD tLAG Parameter Enable Cycle Time Enable Pulse Width Address Setup Time Address Hold Time Data Setup Time Data Hold Time Enable Lead Time Enable Lag Time Min 1000 Typ 500 200 250 350 250 350 100 Max Unit ns ns ns ns ns ns ns ns
t cycle SCK
tLEAD D/C
t AS
t AH
t EH
t LAG
tD S SDA
tD H BIT 6..1 LSB IN
MSB IN
CE
Figure 4 : Timing Characteristics for Serial Peripheral Interface (SPI)
SSD1809 10
REV1.3 03/02
SOLOMON
PIN DESCRIPTIONS
P/S (Parallel / Serial Interface) This pin is an input pin which is used to select parallel interface or serial interface. Input High for parallel interface (6800 or 80) while input Low for serial interface (SPI). 68/80 This pin is an input pin which is used to select 6800 interface or 80 interface. Input High for 6800 interface while input Low for 80 interface. D/C (Data / Command) This input pin acknowledges the LCD driver that the input at SDA/D 0 D 7 is data or command. Input High for data while input Low for command. CE (Chip Enable) This pin is an input pin. The chip is enabled when this pin is Low. CLK/ WR / SCK When 6800-series parallel interface is selected, this input pin is named as CLK which is a clock. Data on SDA/D 0 -D 7 are latched at the falling edge of CLK. When 80-series parallel interface is selected, this input pin is named as WR which is a clock in write cycle. It is low enable for write data/ command and data on SDA/D 0 -D 7 are latched at the rising edge of WR. In read cycle, this pin should be High. When SPI is selected, this input pin is named as SCK which is a serial clock. Data on SDA /D 0 is latched at the falling edge of SCK. RES (Reset) An active Low pulse to this pin reset the internal status of the driver (same as power on reset). The minimum pulse width is 1 s to initiate the reset process. SDA / D 0 -D 7 (Data) SDA/D o -D7 is a bi-directional bus and is used for data/command transfer. If 6800-series or 80-series parallel interface is selected, D 0-D 7 are connected directly to MCU for data transfer. When SPI is selected, D 0 is named as SDA which is a serial input of the driver. It receives data/command from MCU to driver and transfers serially. Meanwhile, D 1 -D7 pins can be High or Low. R/W / RD When 6800-series parallel interface is selected, this input pin is named as R/W, Input High will read the display data RAM or the internal status (Busy/Idle) while input Low will write the display data RAM or the internal setup registers. When 80-series parallel interface is selected, this input pin is named as RD and is a clock in read cycle. It is low enable for read data/command and data SDA/D 0 -D 7 are latched at the rising edge of RD. In write cycle, this pin should be High. When SPI is selected, this input pin can be High or Low. OSC1 (Oscillator Input) For internal oscillator mode, this is an input pin for the internal low power RC oscillator circuit. In this mode, an external resistor of certain value should be connected between the OSC1 and OSC2 pins for a range of internal operating frequencies (refer to Figure 1). For external oscillator mode, OSC1 should be left open. OSC2 (Oscillator Output / External Oscillator Input) For internal oscillator mode, this is an output for the internal low power RC oscillator circuit. For external oscillator mode, OSC2 will be an input pin for external clock and no external resistor is needed.
V L L 6 - VLL2 Group of voltage level pins for driving the LCD panel. They can either be connected to external driving circuit for external bias supply or connected internally to built-in divider circuit if internal divider is enable. For internal Voltage Generator enabled, a 1.0 F capacitor to AV SS is required on each pin. DUM1 - DUM4 If the internal bias voltage levels generator is enabled, a 1F capacitor to AV SS is required on each pin. C 1N and C1P , C 2N and C 2P , C 3N and C 3P If internal Voltage Generator is enabled with 2X DC-DC converter, a 0.1F capacitor is required to connect between C 1N & C 1P . If internal Voltage Generator is enabled with 3X/4X DC-DC converter, a 0.1F capacitor is required to connect between C1N & C 1P and C 3N & C 3P. If internal Voltage Generator is enabled with 5X DC-DC converter, a 0.1F capacitor is required to connect these three pair of pins. C+ and CIf internal divider circuit is enabled, a 1F capacitor is required to connect between these two pins. V R and V F This is a feedback path for the gain control (external contrast control) of V LL2 to V LL6. For adjusting the LCD driving voltage, it requires a feedback resistor placed between V R and V F, a gain control resistor placed between V and AVSS , a 4.7F capacitor placed between VR and F AV SS. (Refer to the Application Circuit) COM0-COM64 (Row Drivers) These lines provide the LCD row driving signals to the LCD panel. COM64 also serves as the common driving signal in the icon mode. Output is 0V during display off. SEG0-SEG159 (Column Drivers) These 160 pins provide LCD column driving signal to LCD panel. Output is 0V during display off. AV DD and AV SS AV DD and AV SS are the positive supply and ground to all of the analog circuit respectively. V CC For using the internal Voltage Generator, a 0.1F capacitor from this pin to AV SS is required. It can also be an external bias input pin if internal Voltage Generator is not used. Power is supplied to the LCD Driving Level Selector and HV Buffer Cell with this pin. Normally, this pin is not intended to be a power supply to other components. DV DD and DV SS Power is supplied to the digital control circuit and DC/DC converter of the driver using these two pins. DV DD is power and DV SS is ground. V DC V DC is the power supply to the DC/DC converter of the driver. Remark: In SSD1809T TAB package, V DC pin is connected to DV DD and P/S pin & 68/80 pin are connected to AVDD. Only 6800-parallel interface can be used and DV DD will be the supply of the DC/DC converter in this package.
SOLOMON
REV 1.3 03/02
SSD1809 11
OPERATION OF LIQUID CRYSTAL DISPLAY DRIVER Description of Block Diagram Module
Command Decoder and Command Interface This module determines whether the input data is interpreted as data or command. Data is directed to this module based upon the input of the D/ C pin. If D/C is high, data is written to Graphic Display Data RAM (GDDRAM). If D/C is low, the input at SDA/D 0-D 7 is interpreted as a Command and it will be decoded and written to the corresponding command register. Reset is of the same function as Power ON Reset (POR). Once RES receives a negative reset pulse of minimium 1s, all internal circuit will be back to its initial status. MPU 6800-series Parallel Interface The parallel interface consists of 8 bi-directional data pins (D 0-D 7), R/W, D/C, CE, and CLK. R/W input High indicates a read operation from the Graphic Display Data RAM (GDDRAM) or the status register.R /W input Low indicates a write operation to Display Data RAM or Internal Command Registers depending on the status of D/C input. The chip is enabled when the CE is low and the CLK input serves as data latch signal (clock). Refer to Figure 2 showing timing characteristics for 6800-series parallel interface. MPU 80-Series Parallel Interface The parallel interface consists of 8 bi-directional data pins (D 0-D 7), RD, WR, D/C, and CE . RD input serves as data read latch signal (clock) provided that CE is low. WR input serves as data write latch signal(clock) provided that CE is low. Whether it is display data or command register write is controlled by D/C. Refer to Figure 3 showing timing characteristics for 80-series parallel interface. Column address 00H (or column address 9FH)
MPU Serial Peripheral Interface The serial interface consists of serial clock SCK, serial data SDA, D/C, and CE. The chip is enabled when CE is low and SDA is shifted into a 8-bit shift register on every falling edge of SCK and data are transferred serially with MSB first and LSB last. D/C is sampled on every first clock of each byte cycle and the information is interpreted as Display Data or Command accordingly. The eight bits information from SDA pin are stored in a buffer shift register. After the next byte information from SDA pin is written into the buffer, the original contents in the buffer will be sent to Display Data RAM or Command Register. A No-Operation (01101000 ) command could be written to push the last information in the buffer into Display RAM or Command Register. The first bit after the CE pin falling edge or the RES pin rising edge is always interpreted as MSB. Refer to Figure 4 showing timing characteristics for Serial Peripheral Interface. Selection of Interface Selection of the desired interface is done by putting P/S and 68/80 either high or low as shown in the following table:PIN P/S 68/80 6800-Series High High 80-Series High Low SPI Low High/Low
Column address 9FH (or column address 00H)
Row 0 Page 1
LSB
COM0 (COM63)
MSB LSB Page 2 MSB
LSB Page 8 MSB LSB SEG159 SEG 0 COM63 (COM0) COM64
Row 63 Row 64 Page 9
Note : The configuration in parentheses represent the remapping of Rows and Columns
Figure 5 : Graphic Display Data RAM (GDDRAM) Address Map
SSD1809 12
REV1.3 03/02
SOLOMON
Graphic Display Data RAM (GDDRAM) The GDDRAM is a bit mapped static RAM holding the bit pattern to be displayed. The size of the RAM is determined by number of row times the number of column (160x65 = 10400 bits). Figure 5 is a description of the GDDRAM address map. For mechanical flexibility, re-mapping on both Segment and Common outputs are provided.
Display Timing Generator This module is an on chip low power RC oscillator circuitry (Figure 6). The oscillator frequency can be selected in the range of 25kHz to 200kHz by external resistor. One can enable the circuitry by software command. For external clock provided, feed the clock to OSC2 and leave OSC1 open. Oscillator enable enable Buffer SSD1809
Internal Oscillator selected enable1 enable2 Oscillation Circuit
OSC1
OSC2
External component
Feedback for internal oscillator For external CLK input
Figure 6 : Oscillator Circuitry
LCD Driving Voltage Generator and Regulator This module generates the LCD voltage needed for display output. It takes a single supply input and generate necessary bias voltages. It consists of : 1. 2X, 3X, 4X and 5X DC-DC Converter To generate the V CC voltage. 2X, 3X and 4X DC-DC converter are used for LCD panel which needs lower driving voltage for less power consumption. 5X DC-DC converter is used for LCD panel which needs higher driving voltage. 2. Voltage Regulator Feedback gain control for initial LCD voltage. it can also be used with external contrast control. 3. Voltage Divider Divide the LCD display voltage (VLL2-V LL6) from the regulator output. This is a low power consumption circuit which can save the most display current compare with traditional resistor ladder method. 4. Self adjust temperature compensation circuitry Provide 2 different compensation grade selections to satisfy the various liquid crystal temperature grades. The grading can be selected by software control. 5. Contrast Control Block Software control of 16 voltage levels of LCD voltage. All blocks can be individually turned off if external voltage generator is employed. 65 Bit Latch / 160 Bit Latch A 225 bit long register which carries the display signal information. First 65 bits are Common driving signals and other 160 bits are Segment driving signals. Data will be input to the HV-buffer Cell for bumping up to the required level. Level Selector Level Selector is a control of the display synchronization. Display voltage can be separated into two sets and used with different cycles. Synchronization is important since it selects the required LCD voltage level to the HV Buffer Cell for output signal voltage pump. HV Buffer Cell (Level Shifter) HV Buffer Cell works as a level shifter which translates the low voltage output signal to the required driving voltage. The output is shifted out with an internal FRM clock which comes from the Display Timing Generator. The voltage levels are given by the level selector which is synchronized with the internal M signal.
COM0 COM1 COM2 COM3 COM4 COM5 COM6 COM7 SEG0 SEG1 SEG2 SEG3 SEG4
REV 1.3 03/02
Figure 7a : LCD Display Example "0"
SOLOMON
SSD1809 13
TIME SLOT
1
2
3
4
1
2
3
4
V LL6 V LL5 V LL4 V LL3 V LL2 V SS V LL6 V LL5 V LL4 V LL3 V LL2 V SS V LL6 V LL5 V LL4 V LL3 V LL2 V SS V LL6 V LL5 V LL4 V LL3 V LL2 V SS
COM0
COM1
SEG0
SEG1
M
Figure 7b : LCD Driving Signal from SSD1809
TIME SLOT
1
2
3
4
1
2
3
4
V LL6 V LL5 V LL4 V LL3 V LL2 V SS -V LL2 -V LL3 -V LL4 -V LL5 -V LL6 V LL6 V LL5 V LL4 V LL3 V LL2 V SS -V LL2 -V LL3 -V LL4 -V LL5 -V LL6
SEG0-COM0 Non-selected Pixel
SEG0-COM1 Selected Pixel
Figure 7c : Effective LCD waveform on LCD pixel
SSD1809 14
REV1.3 03/02
SOLOMON
Command Description
Display On (Display Mode) This command turns the LCD Common and Segment outputs on. This command starts the conversion of data in GDDRAM to necessary waveforms on the Common and Segment driving outputs. The on-chip bias generator is also turned on by this command. (Note : " Oscillator On" command should be sent before " Display On" is selected) Display Off (Stand-by Mode) This command turns the display off and the states of the LCD driver are as follow during display off : 1. The Common and Segment outputs are fixed at V SS. 2. The Bias Voltage Generator is turned off. 3. The RAM and content of all registers are retained. 4. IC will accept new commands and data. The Oscillator is not affected by this command. Set GDDRAM Column Address This command positions the address pointer on a column location. The address can be set to location 00H-9FH (160 columns) and the MSB is software set by " MSB of GDDRAM Column Address" The set . column address will be increased automatically after a read or write operation. Refer to "Address Increment Table" and command "Set GDDRAM Page Address" for further information. Set GDDRAM Page Address This command positions the row address to 1 of 9 possible positions in GDDRAM. Refer to figure 5. Save / Restore Column Address Save Column Address command saves a copy of the Column Address of GDDRAM. Restore Column Address command restores the copy obtained from the previous execution of saving column address. This instruction is very useful for writing full graphics characters that are larger than 8 pixels vertically. Master Clear GDDRAM This command is to clear the content of the Display Data RAM to zero. Issue this command followed by a dummy write data. Master Clear Icon RAM This command is used to clear the content of the Icon Data RAM to zero. Set the page pointer to icon page (page 9) and then issue this command followed by a dummy write data. Set Page Mask This command is used to define the page which will be masked. Once the command "Set Page Mask"is issued, the next command will be written to the Page Mask Register which is an 8-bit register. Each bit represents one of the 8 pages: page mask bit 0 represents Page 1, page mask bit 1 represents Page 2, ... etc. Enable Page Mask When the Page Mask is enabled, the display of those pages, with page mask bit set, will be cleared. Meanwhile, the data in the display RAM is retained. Enable Icon Mask When the Icon Mask is enabled, the display of the icons will be cleared. Meanwhile, the data in the icon display RAM is retained.
Set Logical Page Mask This command is used to select the page mask type. There are two page mask types 1) Physical page mask and 2)Logical page mask. Physical mask refers to a physical location of the panel which cannot be moved by scrolling, row remap or panel offset. Logical page mask refers to the location of GDDRAM. Therefore a logical mask will keep masking a definite area of GDDRAM content when the contain is moved along the panel by scrolling, row remap or panel offset. Set Display Mode This command switches the driver to full display mode or icon display mode. In low power icon mode, only icons (driven by COM64) are displayed. The DC-DC converter, the voltage generator and the regulator are disabled. All VCC , VLL s pins cannot have external bias voltage supply in the low power icon mode. Refer "Set Icon Mode" for further information. Set Icon Mode This command is used to select one of 4 smart icon modes. In smart icon mode A, on-pixels are stressed by a voltage with mean-square value of 1xV DD whereas off-pixels by 0.58xV DD. In smart icon mode B, on-pixels are stressed by a voltage with mean-square value of 0.87xV DD whereas off-pixels by 0.5xV DD. In smart icon mode C, on-pixels are stressed by a voltage with mean-square value of 0.71xV DD whereas off-pixels by 0.41xV DD. In smart icon mode D, on-pixels are stressed by a voltage with mean-square value of 0.58xV DD whereas off-pixels by 0.33xV DD. Remark: Icon Mode cannot be used if external divider is used.
rootrootrootroot-
Set Display Frequency In half display frequency mode, the display frame frequency will be halved. Also, the operation frequency of analog circuitries will be halved as well. Set Frame Frequency This command is used to select one of 16 frame frequencies from Fosc/(2 x Mux Ratio) to Fosc/(32 x Mux Ratio). When the "Frame Frequency "command is issued, the following command will be written to the "Frame Frequency Register" which is used to define the desired frame frequencies. Set Bias Ratio This command sets the bias of 1:5, 1:7, 1:8 or 1:9 bias for the divider output. The selection should match the characteristic of LCD Panel. Oscillator Enable This command is used to either turn on / off Oscillator. For using internal or external oscillator, this command should be executed. The setting for this command is not affected by command "Set Display On/ Off". See command "Ext/Int Oscillator" for more information Ext / Int Oscillator This command is used to select either internal or external oscillator. When internal oscillator is selected, feedback resistor between OSC1 and OSC2 is needed. For external oscillation circuit, feed clock input signal to OSC2 and leave OSC1 open. Voltage Generator Enable This command is used to enable the internal Voltage Generator to generate the VCC from AVDD. Disable the voltage generator if external
SOLOMON
REV 1.3 03/02
SSD1809 15
Vcc is provided. Set 2X / 3X / 4X / 5X Converter This command selects the usage of 2X / 3X / 4X / 5X Converter when the internal voltage Generator is enabled. Set DC/DC Converter Mode This command sets the DC/DC converter to regulated mode. In regulated mode, V CC voltage equals to V R voltage. Voltage Regulator Enable This command enables regulator which consists of the internal contrast control and temperature compensation circuits. Internal Voltage Divider Enable If the internal divider is disabled, external bias can be used for V LL6 to V LL2. If the internal divider is enabled, the internal circuit will generated the 1:5 / 1:7 / 1:8 / 1:9 bias driving voltage. Internal Contrast Control Enable This command is used to adjust the delta voltage of the bias voltages. With bit option = 1, the software selection for delta bias voltage control is enabled. With bit option = 0, internal contrast control is disabled. Increase / Decrease Contrast Level If the internal contrast control is enabled, this command is used to increase or decrease the contrast level within the 16 contrast levels. Set Contrast Level This command is used to select one of the 16 contrast levels from 10h to 1Fh when internal contrast control circuitry is in use. Set Temperature Coefficient This command can select 2 different LCD driving voltage temperature coefficients to match various liquid crystal temperature grades. Those temperature coefficients are specified in Electrical Characteristics Tables. Set MUX Ratio / Chinese Character Mode (Partial Display) This command is used to select the Graphic display mode with different Mux from 2 Mux to 65 Mux or the Chinese character display mode with different character line from 1 line to 3 lines. Figure 8a & 8b in the section "Display Output Description" show the 65 Mux Graphic display mode and 3-line Chinese character display mode respectively.
Set Row Re-Mapping This instruction selects the mapping of Display Data RAM to Common drivers for mechanical flexibility. There are 2 mappings: 1. Row(0) - Row(Mux ratio-2) of GDDRAM mapped to COM(first display row location) - COM( first display row location+Mux ratio-2). Example is illustrated in figure 8b, the first display row location is COM0 and the Mux ratio is 53, then Row0 of GDDRAM wil be mapped to COM0, Row1 through Row 51 of GDDRAM will be mapped to COM1 to COM51. 2. Row(0) - Row(Mux ratio-2) of GDDRAM mapped to COM(first display row location+Mux ratio-2) - COM(first display row location). Example is illustrated in figure 8c, Row0 - Row51 of GDDRAM is mapped to COM51 - COM0. Set Column Re-Mapping This instruction selects the mapping of new Display Data RAM to Segment drivers for mechanical flexibility. There are 2 mappings to select: 1. Column 0 - Column 159 of GDDRAM mapped to SEG0-SEG159 respectively; 2. Column 0 - Column 159 of GDDRAM mapped to SEG159-SEG0 respectively. Detailed information please refer to Figure 8d in the section "Display Output Description". Set Vertical Scroll Value In Graphic display mode, this command maps the selected GDDRAM rows (00H-3FH) to COM pins. With scroll value equals to 0, Row 0 of GDDRAM is mapped to COM0 and Row 1 through Row 63 are mapped to COM1 through COM63 respectively. With scroll value equal to 1, Row 1 of GDDRAM is mapped to COM0, then Row 2 through Row 63 will be mapped to COM1 through COM62 respectively and Row 0 will be mapped to COM63. In Chinese character display mode, there are 73 rows of display content including space and icon. This command moves the display content downward equals to the value stored vertical scrolling register. Set Display Rows Location This command is used to define the first row location of the display, the first row can be started at COM0 to COM63. Example is given in Figure 8h.
SSD1809 16
REV1.3 03/02
SOLOMON
Display Output Description
This is an example of output pattern on the LCD panel. Figure 8a shows the content in GDDRAM and Figure 8b - 8h illustrate the output patterns on the LCD display with a sequence of commands: 1) Set 3-line Chinese character display mode shown in Figure 8b, 2) Enable row re-mapping shown in Figure 8c, 3) Enable column re-mapping & rewrite RAM content shown in Figure 8d,
4) Enable vertical scrolling command with scrolling value of 07h shown in Figure 8e, 5) Disable row re-mapping & column re-mapping and rewrite map content shown in Figure 8f, 6) Enable vertical scrolling command with scrolling value of 3Eh shown in Figure 8g and 7) Set display rows location at 06h shown in Figure 8h.
Figure 8a: Content in GDDRAM
Figure 8e: Vertical scrolling with writing 07h to scrolling register
Figure 8b: 3-line Chinese character mode
Figure 8f: Disable row re-mapping & column re-mapping and Rewrite map content.
Figure 8c: Row remap enable
Figure 8g: Vertical scrolling with writing 3Eh to scrolling register
Figure 8d: Column remap enable & Re-write RAM content
Figure 8h: Centering with display rows locatiion 06h
SOLOMON
REV 1.3 03/02
SSD1809 17
COMMAND TABLE
Bit Pattern 0000X 3 X 2X 1X 0 Command Set GDDRAM Page Address Comment Set GDDRAM Page Address using X 3 X 2X 1 X 0 as address bits. X 3 X 2 X 1 X 0=0000 : page 1 (POR) X 3 X 2 X 1 X 0=0001 : page 2 X 3 X 2 X 1 X 0=0010 : page 3 X 3 X 2 X 1 X 0=0011 : page 4 X 3 X 2 X 1 X 0=0100 : page 5 X 3 X 2 X 1 X 0=0101 : page 6 X 3 X 2 X 1 X 0=0110 : page 7 X 3 X 2 X 1 X 0=0111 : page 8 X 3 X 2 X 1 X 0=1000 : page 9 Next Command (byte) on D 5 ~ D 0 defines the display rows location. Starts at Row0 - COM0 (POR) X 0 =0 : Enable 2X Converter X 0 =1 : Enable 3X Converter Remark: This command overrides " 4X/5X DC-DC Converter". Set
00001001
Set Display Rows Location
0000101X 0
Set 2X/3X DC-DC Converter
000011 X 1X 0 00001110 0001X 3 X 2X 1X 0 00001111 0010000X 0
Reserved Reserved Set Contrast Level Reserved Set 4X / 5X DC-DC Converter X 0 =0: Enable 4X Converter (POR) X 0 =1: Enable 5X Converter Remark: This command overrides " 2X/3X DC-DC Converter". Set X 0 =0 : Column 0 to SEG0 (POR) X 0 =1 : Column 0 to SEG159 X 0 =0 : Row 0 to Display Row location (POR) X 0 =1: Flip the Row-COM mapping. X 0 =0: MSB = 0 (POR) X 0 =1: MSB = 1 X 0 =0: Display off (POR) X 0 =1: Display on X 0 =0: Disable Voltage Generator (POR) X 0 =1: Enable Voltage Generator X 0 =0: Disable Regulator (POR) X 0 =1: Enable Regulator When application uses a supply with built-in temperature compensation, the regulator should be disabled. X 0 =0: Disable Voltage Divider (POR) X 0 =1: Enable Voltage Divider When an external bias network is preferred, the voltage divider should be disabled. X 0 =0: Disable Internal Contrast Control(POR) X 0 =1: Enable Internal Contrast Control Internal contrast circuits can be disabled if external contrast circuits is preferred. X 0 =0 : Normal display frequency (POR) X 0 =1 : Half display frequency X 0 =0 : Restore address X 0 =1 : Save address Set one of the 16 contrast level values using X3 X 2 X 1 X 0 as data bits. Reset to 0000 during POR.
0010001X 0 0010010X 0 0010011X 0 0010100X 0 0010101X 0 0010110X 0
Set Segment Re-Mapping Set Common Re-Mapping Set MSB of GDDRAM Column Address Set Display on/off Voltage Generator Enable Voltage Regulator Enable
0010111X 0
Voltage Divider Enable
0011000X 0
Internal Contrast Control Enable
0011001X 0 0011010X 0
Set Display Frequency Save/Restore GDDRAM Column Address
SSD1809 18
REV1.3 03/02
SOLOMON
Bit Pattern 00110110 00110111 0011100X 0
Command Master Clear GDDRAM Master Clear Icons RAM Set Bias Ratio 1:9 or 1:7
Comment Master clear GDDRAM (160 X 64 bits) Master Clear of Icons RAM X 0 =0 : bias = 1 : 9 (POR) X 0 =1 : bias = 1 : 7 Remark: This command overrides " Bias 1:8 or 1:5" Set .
0011101X 0 0011110X 0
Reserved Set Bias Ratio 1:8 or 1:5 X 0 =0 : bias = 1 : 8 X 0 =1 : bias = 1 : 5 Remark: This command overrides " Bias 1:9 or 1:7" Set . X 0 =0 : Low power icon display mode X 0 =1 : Normal display mode (POR) Next command will be written to vertical scroll register. Scroll register=0 upon POR Next command (byte) will be written to page mask register. Page mask register=0 upon POR X 0 =0 : Enable Physical Page Mask (POR) X 0 =1 : Enable Logical Page Mask X 0 =0 : Disable page mask (POR) X 0 =1 : Enable page mask X 0 =0 : Disable icon mask (POR) X 0 =1 : Enable icon mask
0011111X 0 01000000 01000001 0100001X 0 0100010X 0 0100011X 0 010010X 1X 0 010011X 1X 0 0101X 3 X 2X 1X 0 011000X 1X 0 011001X 1X 0
Set Display Mode Set Vertical Scroll Set Page Mask Set Logical Page Mask Enable Page Mask Enable Icon Mask Reserved Reserved Reserved Reserved Set Icon Mode
X 1 X 0 =00 : Icon Mode A X 1 X 0 =01 : Icon Mode B X 1 X 0 =10 : Icon Mode C (POR) X 1 X 0 =11 : Icon Mode D Remark: Icon Mode cannot be used if external divider is used.
0110100X 0 01101010
No operation Set Mux Ratio / Chinese Character Mode Next command (byte) on D 7 ~D 0 defines the size of panel. D 7=0 : Graphic Mode D 5D 4 D 3D 2 D1 D 0 = 000000 : 1 graphic row (2 Mux) D 5D 4 D 3D 2 D1 D 0 = 000001 : 2 graphic rows (3 Mux) D 5D 4 D 3D 2 D1 D 0 = 000010 : 3 graphic rows (4 Mux) : : : D 5D 4 D 3D 2 D1 D 0 = 111110 : 63 graphic rows (64 Mux) D 5D 4 D 3D 2 D1 D 0 = 111111 : 64 graphic rows (65 Mux) (POR) *D 6 : Don' care. t D 7 = 1 : 16-Point Chinese Character Mode D 1D 0 = 00 - 1 character row (17 Mux) D 1D 0 = 01 - 2 character rows (35 Mux) D 1D 0 = 10 - 3 character rows (53 Mux) *D 6 ~D2 : Don' care. t
SOLOMON
REV 1.3 03/02
SSD1809 19
Bit Pattern 01101011
Command Set Frame Frequency
Comment Next command (byte) on D 3~D 0 will be written to the Frame Frequency Register. D 3D 2 D 1D 0 = 0000 : Frame Frequency Register = 0 D 3D 2 D 1D 0 = 0001 : Frame Frequency Register = 1 D 3D 2 D 1D 0 = 0010 : Frame Frequency Register = 2 : : : D 3D 2 D 1D 0 = 0101 : Frame Frequency Register = 5 (POR) : : : D 3D 2 D 1D 0 = 1111 : Frame Frequency Register = 15 *D 7 ~D4 : Don' care. t X 1 X 0 =00: 0.00% (POR) X 1 X 0 =11: -0.35% X 0 =0: Decrease by one level X 0 =1: Increase by one level
011011X 1X 0 0111000X 0 0111001X 0 0111010X 0 0111011X 0 01111000 01111001 0111101X 0
Set Temperature Coefficient Increase/Decrease Contrast Value Reserved Set DC-DC Converter Mode Reserved Reserved Reserved Set External / Internal Oscillator
X 0 =0 : Normal Mode (POR) X 0 =1 : Regulated Mode
X 0 =0: Internal Oscillator (POR) X 0 =1: External Oscillator For internal oscillator mode, place a resistor between OSC1 and OSC2 pins. For external oscillator mode, feed clock input to OSC2 pin.
0111110X 0 0111111X 0
Reserved Set Oscillator Enable X 0 =0: Oscillator Master Disable(POR) X 0 =1: Oscillator Master Enable This is the master control for oscillator circuitry. This command should be issued after the " External/Internal Oscillator" command. Set GDDRAM Column Address.Use X 6 X 5 X 4 X 3 X 2 X 1X 0 as address bits. MSB of the address set by "Set MSB of GDDRAM column address command.
1X 6 X 5 X 4X 3X 2 X 1 X 0
Set GDDRAM Column Address
SSD1809 20
REV1.3 03/02
SOLOMON
Data Read / Write
6800-Series Parallel Interface To read data from the GDDRAM, input High to R/W pin and D/ C pin. Data are valid at the falling edge of CLK. And the GDDRAM column address pointer will be increased by one automatically. To write data to the GDDRAM, input Low to R/W pin and High to D/ C pin. Data which fulfil the data setup time, are input to the LCD driver at the falling edge of CLK. And the GDDRAM column address pointer will be increased by one automatically. 80-Series Parallel Interface To read data from the GDDRAM, input High to WR pin and D/C pin and RD is used as a clock input. Data are valid at the rising edge of RD. And the GDDRAM column address pointer will be increased by one automatically. To write data to the GDDRAM, input High to RD pin and D/C pin and WR pin is used as a clock input. Data which fulfil the data setup time, are input to the LCD driver at the rising edge of WR. And the GDDRAM column address pointer will be increased by one automatically. SPI Interface Input High to D/C pin to write data to the GDDRAM. Data which fulfil the data setup time, are input to the LCD driver at the falling edge of SCK. And the GDDRAM column address pointer will be increased by one automatically. Read data from GDDRAM is not available. No auto address pointer increment will be performed for the Dummy Write Data after Master Clear GDDRAM. (Refer to the " Commands Required for R/W Actions on RAM" Table)
Address Increment Table (Automatic)
Comment Write Command Read Command Write Data Read Data Address Increment No No (invalid mode) Yes Yes *1 *2, *3 *3 Remarks
Address Increment is done automatically data read write. The column address pointer of GDDRAM*3 is affected. Remarks : *1. Only data is read from RAM. *2. If write data is issued after Command Clear RAM, Address increase is not applied. *3. Column Address will be wrapped round when overflow.
Commands Required for R/W Actions on RAM
R/W Actions on RAMs Read/Write Data from/to GDDRAM. Commands Required Set GDDRAM Page Address Set MSB of GDDRAM Column Address Set GDDRAM Column Address Read/Write Data Save/Restore GDDRAM Column Address. Set Clear Page GDDRAM (160 x 64 bits) Dummy Write Data Set GDDRAM Page Address to Page 9 Master Clear Icon RAM (160 bits) Dummy Write Data (000000X 1 X 0 )* (0010011X 0 )* (1X 6X 5 X 4 X 3 X 2 X 1 X 0)* (X 7X 6X 5 X 4 X 3 X 2 X 1 X 0) (0011010X 0 ) (00110110) (X 7X 6X 5 X 4 X 3 X 2 X 1 X 0) (00001001)* (00110111) (X 7X 6X 5 X 4 X 3 X 2 X 1 X 0)
Save/Restore GDDRAM Column Address. Master Clear GDDRAM Master Clear Icon RAM
* No need to resend the command again if it is set previously. The read / write action to the Display Data RAM does not depend on the display mode. This means the user can change the RAM content whether the target RAM content is being displayed.
SOLOMON
REV 1.3 03/02
SSD1809 21
Application Circuit for 2X DC-DC converter: (All Internal Analog Block Enabled)
V DD 0.1F 1F AV SS 1F 1F 1F 1F 1 F 1F 1F 1 F V LL6 0.1 F V CC
AV DD DVDD P/S 68/80 CE
DV SS V LL2 V LL3 DUM1 DUM2 DUM3 DUM4 V LL4 V LL5
CMOS MPU/MCU
COM0 to COM64
SSD1809
RES R/W / RD CLK/WR/SCK D/C SDA/D0 ~D 7
SEG0 to SEG159
To LCD Panel
OSC2 OSC1
C+
C-
VF
2M
VR
C3P
C3N C2P C2N C1P
C1N
EPROM
R3 900k 1F 500k
0.1 F 560pF 4.7F
RAM
Remarks : 1. R3 can be omitted for external oscillator. 2. VR and VF can be left open for Regulator disable, TC = 0% and Contrast Disable. 3. RES , CLK/WR/SCK, R/ W/RD, CE and D/C should be at a known state.
SSD1809 22
REV1.3 03/02
SOLOMON
Application Circuit for 3X/4X DC-DC converter: (All Internal Analog Block Enabled)
V DD 0.1F 1F AV SS 1F 1F 1F 1F 1F 1F 1 F 1F V LL6 0.1F V CC
AV DD DV DD
DV SS V LL2 V LL3 DUM1 DUM2 DUM3 DUM4 V LL4 V LL5
CMOS MPU/MCU
P /S 68/80 CE RES R/W / RD CLK/ W R/SCK D/C SDA/D 0 ~D7
COM0 to COM64
SSD1809
SEG0 to SEG159
To LCD Panel
OSC2 OSC1
C+
C-
VF
2M
VR
C3P
C3N C2P C2N C1P
C1N
EPROM
R3 900k
1 F 500k 560pF 4.7F
0.1F
0.1F
RAM
Remarks: 1. R3 can be omitted for external oscillator. 2. VR and VF can be left open for Regulator disable, TC = 0% and Contrast Disable. 3. RES, CLK/WR/SCK, R/W/RD, CE and D/C should be at a known state.
SOLOMON
REV 1.3 03/02
SSD1809 23
Application Circuit for 5X DC-DC converter: (All Internal Analog Block Enabled)
V DD 0.1 F 1F AV SS 1F 1F 1F 1F 1F 1 F 1F 1F V LL6 0.1F V CC
AV DD DV D D
DV SS V LL2 V LL3 DUM1 DUM2 DUM3 DUM4 V LL4 V LL5
CMOS MPU/MCU
P/S 68/ 80 CE RES R/W / RD CLK/WR/SCK D/C SDA/D 0 ~D 7
COM0 to COM64
SSD1809
SEG0 to SEG159
To LCD Panel
OSC2 OSC1
C+
C-
VF
2M
VR
C3P
C3N C2P C2N C1P
C1N
EPROM
R3 900k 1F 500k
0.1 F
560pF 4.7 F
0.1 F
0.1F
RAM
Remarks : 1. R3 can be omitted for external oscillator. 2. VR and V F can be left open for Regulator disable, TC = 0% and Contrast Disable. 3. RES, CLK/ WR/SCK, R/W/RD, CE and D/C should be at a known state.
SSD1809 24
REV1.3 03/02
SOLOMON
PACKAGE DIMENSIONS SSD1809T TAB PACKAGE DIMENSION - 1
SOLOMON
REV 1.3 03/02
SSD1809 25
PACKAGE DIMENSIONS SSD1809T TAB PACKAGE DIMENSION - 2
SSD1809 26
REV1.3 03/02
SOLOMON
Solomon Systech reserves the right to make changes without further notice to any products herein. Solomon Systech makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Solomon Systech assume any liability arisin g out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application b customer's technical experts. y Solomon Systech does not convey any license under its patent rights nor the rights of others. Solomon Systech products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Solomon Systech product could create a situation where personal injury or death may occur. Should Buyer purchase or use Solomon Systech products for any such unintended or unauthorized application, Buyer shall indemnify and hold Solomon Systech and its offices, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fe es arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Solomon Systech was negligent regarding the design or manufacture of the part.
SSD1809


▲Up To Search▲   

 
Price & Availability of SSD1809TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X