Part Number Hot Search : 
LC75383 SF2N3445 GL34K C431N 855745 Y5Y0603 GSC2128 40007
Product Description
Full Text Search
 

To Download SSC-YGT801 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 *Customer:
SPECIFICATION
ITEM MODEL TOP LED DEVICE SSC-YGT801
[Contents]
1. Features
-------------------------------------------------------------- 2
2. Application -------------------------------------------------------------- 2 3. Absolute Maximum Ratings ----------------------------------------------- 3 4. Electro-optical Characteristics --------------------------------------------- 3 5. Soldering Profile ------------------------------------------------------------- 4 6. Outline Dimension ------------------------------------------------- 5 7. Packing -------------------------------------------------------- 5 8. Reel Packing Structure -------------------------------------------- 6 9. Precaution for Use --------------------------------------------- 7 10. Characteristic Diagram ---------------------------------------- 8
Drawn by
Checked by
Approved by
SSC-QP-0401-06(REV.1.1)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea Phone : 82-2-2106-7305~6
SSC-YGT801
- 1/8 -
1. Features
White colored SMT package and colorless clear window Material : Gap on Gap Suitable for all SMT assembly methods ; Suitable for all soldering methods
2. Application
Automotive Electric appliance Lightings
SSC-QP-0401-06(REV.1.1)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea Phone : 82-2-2106-7305~6
SSC-YGT801
- 2/8 -
3. Absolute Maximum Ratings *1
Parameter Power Dissipation Forward Current Peak Forward Current Reverse Voltage Operating Temperature Storage Temperature Symbol Pd IF IFM VR Topr Tstg
*2
(Ta=25C)
Value 75 30 60 5 -40 ~ +100 -40 ~ +100
Unit mW mA mA V C C
*1 Care is to be taken that power dissipation does not exceed the absolute maximum rating of the product. *2 IFM was measured at TW 0.1msec of pulse width and D 1/10 of duty ratio.
4. Electro-Optical Characteristics
Parameter Forward Voltage Reverse Current Luminance Intensity Peak Wavelength Dominant Wavelength Spectral Bandwidth 50% Viewing Angle *2
*1
(Ta=25C)
Symbol VF IR IV
Condition IF =20mA VR=5V IF =20mA IF =20mA IF =20mA IF =20mA IF =20mA
Min 16 -
Typ 2.2 22 574 570 45 120
Max 2.6 10 -
Unit V A mcd nm nm nm deg.
P d
2 1/2
*1 The luminous intensity IV was measured at the peak of the spatial pattern which may not be aligned with the mechanical axis of the LED package. Luminous Intensity Measurement allowance is 10%. *2 21/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity.
[Note] All measurements were made under the standardized environment of SSC.
SSC-QP-0401-06(REV.1.1)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea Phone : 82-2-2106-7305~6
SSC-YGT801
- 3/8 -
5. Soldering Profile (1) Reflow Soldering Conditions / Profile
Preliminary heat to be at maximum 150C for maximum 2 minutes. Soldering heat to be at maximum 240C for maximum 10 seconds.
280
Device Surface Temperature [ C]
240 200 160 120 80 40 0
o
0
15
30
45
60
75
90
105 120 135 150 165 180 195
Soldering Times [sec]
(2) Lead-free solder
Preliminary heating to be at maximum 220C for maximum 2 minutes. Soldering heat to be at maximum 260C for maximum 10 seconds.
280
Device Surface Temperature [ C]
240 200 160 120 80 40 0 0 15 30 45 60 75 90 105 120 135 150 165 180 195
o
Soldering Times [sec]
(3) Hand Soldering conditions
Do not exceed 3 seconds at maximum 300C under soldering iron.
Note : In case that the soldered products are reused in soldering process, we don't guarantee the products.
SSC-QP-0401-06(REV.1.1)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea Phone : 82-2-2106-7305~6
SSC-YGT801
- 4/8 -
6. Outline Dimension
( Tolerance: 0.2,
Unit: mm )
7. Packing
1.750.1 2.00.05 4.00.1 1.55 0.05 0.220.05
3.50.1
80.1
5 1.00.1 3.10.1 2.220.1 8
11.4 0.1 180 +0 -3 2.0 0.2
LABLE 13
0.2
3.830.1
9.0 0.3
30
10
22
60
( Tolerance: 0.2,
Unit: mm )
(1) Quantity : 2000pcs/Reel (2) Cumulative Tolerance : Cumulative Tolerance/10 pitches to be 0.2mm (3) Adhesion Strength of Cover Tape : Adhesion strength to be 0.1-0.7N when the cover tape is turned off from the carrier tape at the angle of 10 to the carrier tape (4) Package : P/N, Manufacturing data Code No. and quantity to be indicated on a damp proof Package
SSC-QP-0401-06(REV.1.1)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea Phone : 82-2-2106-7305~6
SSC-YGT801
- 5/8 -
8. Reel Packing Structure
Reel
RANK :
QUANTITY : XXXX
XXX
LOT NUMBER : XXXXXXXXXX PART NUMBER : SSCXXXXXXX
SEOUL SEMICONDUCTOR CO., LTD.
Aluminum Vinyl Bag
RANK :
QUANTITY : XXXX
XXX
LOT NUMBER : XXXXXXXXXX PART NUMBER : SSCXXXXXXX
SEOUL SEMICONDUCTOR CO., LTD.
Outer Box Structure
Material : Paper(SW3B(B)) SIZE (mm) TYPE a c b 7inch 245 220 142 1 SIDE
c
1
RANK :
QUANTITY : XXXX
XXX
TOP LED b a
LOT NUMBER : XXXXXXXXXX PART NUMBER : SSCXXXXXXX
SEOUL SEMICONDUCTOR CO., LTD.
SSC-QP-0401-06(REV.1.1)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea Phone : 82-2-2106-7305~6
SSC-YGT801
- 6/8 -
9. Precaution for use
(1) Storage In order to avoid the absorption of moisture, it is recommended to store in a dry box (or a desiccator) with a desiccant. Otherwise, to store them in the following environment is recommended. Temperature : 5C ~30C Humidity : maximum 60%HR * The LED is classified to Class 3 by JEDEC (J-STD-020A and J-STD-033). (2) Attention after open. LED is correspond to SMD, when LED be soldered dip, interfacial separation may affect the light transmission efficiency, causing the light intensity to drop. Attention in followed; a. After opened and mounted the soldering shall be quickly. b. Keeping of a fraction Temperature : 5 ~ 40 Humidity : less than 30% (3) In the case of more than 1 week passed after opening or change color of indicator on desiccant, components shall be dried 10-12hr. at 605. (4) In the case of that the components is humided, the components shall be dried; 24Hr at 805 or 12Hr at 1005. (5) Any mechanical force or any excess vibration shall not be accepted to apply during cooling process to normal temperature after soldering. (6) Quick cooling shall be avoided. (7) Components shall not be mounted on warped direction of PCB. (8) Anti radioactive ray design is not considered for the products. (9) This device should not be used in any type of fluid such as water, oil, organic solvent etc. When washing is required, IPA should be used. (10) When the LEDs are illuminating, operating current should be decided after considering the ambient maximum temperature. (11) LEDs must be stored to maintain a clean atmosphere. If the LEDs are stored for 3 months or more after being shipped from SSC, a sealed container with a nitrogen atmosphere should be used for storage. (12) The LEDs must be soldered within seven days after opening the moisture-proof packing. (13) Repack unused products with anti-moisture packing, fold to close any opening and then store in a dry place.
SSC-QP-0401-06(REV.1.1)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea Phone : 82-2-2106-7305~6
SSC-YGT801
- 7/8 -
10. Characteristic Diagram
Forward Current vs. Forward Voltage
(TA=25C)
100
Relative Luminous Intensity vs. Forward Current
(TA=25C)
1.4 1.2
Forward Current IF [mA]
1.0
10
0.8 0.6 0.4
1
0.2 0.0
1.8
1.9
2.0
2.1
2.2
2 .3
2 .4
0
5
10
15
20
25
30
Forward Voltage VF [V]
Forward Current IF [mA]
Forward Current Derating Curve
40
Radiation Diagram
(TA=25C)
Forward Current IF [mA]
30
0 -30 30
20
-60
10
60
0 -60
-90
-40 -20 0 20 40 60 80 100 120
90
Ambient Temperature
Ta [C]
SSC-QP-0401-06(REV.1.1)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea Phone : 82-2-2106-7305~6
SSC-YGT801
- 8/8 -


▲Up To Search▲   

 
Price & Availability of SSC-YGT801

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X