Part Number Hot Search : 
KF13277 28F800B 05D15 CA3078E LM321 X1705 ADM692A 1N4786
Product Description
Full Text Search
 

To Download SSC-FCW211Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 *Customer :
SPECIFICATION
Preliminary
ITEM MODEL REVISION FLASH LED DEVICE SSC-FCW211Z Rev.0.1 (07.07.27)
[Contents]
1. Features 2. Absolute maximum ratings 3. Electro-optical characteristics 4. Soldering profile 5. Outline dimension
6. Precaution for use
Drawn by
Checked by
Approved by
SSC-QP-0401-06(REV1.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
SSC-FCW211Z
- 1/ 7-
1. Features
Package : 3.5 x 3.0 x 0.75 mm
White colored SMT package Applications : * Mobile Handset
2. Absolute Maximum Ratings*1
Parameter Power Dissipation*1 Forward Current Peak Forward Current*2 Reverse Voltage Operating Temperature Storage Temperature Symbol Pd IF IFM VR Topr Tstg Value 2.04 600 2000 5 -30 ~ 85 -40 ~ 100
(Ta=25) Unit W V C C
*1.Care is to be taken that Power Dissipation does not exceed the Absolute Maximum Rating of the product. *2. IFM conditions is Pulse width Tw 10ms, Duty ratio 1/20
3. Electro-Optical Characteristics
Characteristics Forward Voltage Reverse Current Symbol VF IR Condition IF=600 IF=1600 VR=5V IF=600 Luminous Intensity *1 IV IF=1600 (Peak current mode I) *2 IF=2000 (Peak current mode II) *3 IF=600 IF=1600 IF=1600 IF=600 IF=600 IF=600 Min Typ 3.4 4.0 40 81 95 40 81 257 0.310 0.320 120
(Ta=25) Max 100 lux @1m
Unit V
cd
Illumination Luminous flux Chromaticity Coordinates Viewing Angle*4
lx lm X Y 2 1/2
lm
-
deg
*1. The luminous intensity IV is measured at the peak of the spatial pattern which may not be aligned with the mechanical axis of the LED package. Luminous Intensity Measurement allowance is 10%. *2. Peak current mode I condition is Pulse width Tw = 300msec, Duty ratio = 1/ 10 *3. Peak current mode II condition is Pulse width Tw = 10msec, Duty ratio = 1/ 20 Note : All measurements were made under the standardized environment of SSC.
( Tolerance :
IV10%, color coordinate 0.005, VF
0.1 )
SSC-QP-0401-06(REV1.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
SSC-FCW211Z
- 2/ 7-
Forward Current vs. Forward Voltage
10000
3
Luminous Intensity vs. Forward Current
C u rre nt [ m A ]
1000
[a.u.] L u m i n o s it y R e l a ti v e
2 1 0 0.0
100
Forw ard
10
1 2.5
Forw ard
3.0
V o lt a g e [ V ]
3.5
4.0
0.2
0.4
0.6
Forw ard
0.8
1.0
C u rre n t [A ]
1.2
1.4
1.6
1.8
2.0
Forward Current Derate Curve
800 700 600 500 400 300 200 100 0 -25
0.36
Forward Current vs Chromaticity Coordinate
0.35
x y
Forward current IF(mA)
C o ordin ate C h r o m a tis it y
0 25 50
o
0.34
0.33
0.32
0.31
75
100
0.30 400
F o r w a r 800 C u r r e n t 1200 A ] d [m
1600
2000
Ambient temperature Ta( C)
SSC-QP-0401-06(REV1.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
SSC-FCW211Z
- 3/ 7-
(Ta=25, IF=250mA) Radiation Diagram
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0
120 130 140 150 160 170 180
110
100
90
80
70
60 50 40 30 20 10 0
Spectrum
1.0
Ta = 25 C
o
0.8
Intensity [a.u.]
0.6
0.4
0.2
0.0 400 450 500 550 600 650 700 750
Wavelength [nm]
SSC-QP-0401-06(REV1.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
SSC-FCW211Z
- 4/ 7-
4. Soldering Profile
Reflow Soldering Conditions/ Profile
(1) Lead Solder -Preliminary heating to be at 150max. for 2 minutes max. -Soldering heat to be at 240max. for 5 seconds max.
LED Surface temperature
C Operation heating 240
150
~
Pre-heating
Temperature rise: 5C/sec.
Cooling: -5C/sec.
120
0 60 to 120 sec. 5sec. max
(2) Lead-Free Solder -Preliminary heating to be at 150max. for 2 minutes max. -Soldering heat to be at 260max. for 10 seconds max.
(3) Hand Soldering conditions -Not more than 3 seconds @MAX280, under Soldering iron. SSC-QP-0401-06(REV1.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
LED Surface temperature
C Operation heating 260
150 ~ 120 0
Pre-heating
Temperature rise: 5C/sec. MAX.
Cooling: -5C/sec.
60 to 150 sec.
10 sec
SSC-FCW211Z
- 5/ 7-
5. Outline Dimension
Tolerance: 0.05, Unit:
[TOP VIEW]
[SIDE VIEW]
[BOTTOM VIEW]
[INNER CIRCUIT]
* Recommend solder pad pattern
- Please refer to the "Thermal Design Guideline for Hi Power Flash LED" for heat dissipation pattern design.
SSC-QP-0401-06(REV1.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
SSC-FCW211Z
- 6/ 7-
6. Precaution for use
(1) Storage In order to avoid the absorption of moisture, it is recommended to store in the dry box (or desicator) with a desiccant . Otherwise, to store them in the following environment is recommended. Temperature : 5~30 (2) Attention after opened However LED is corresponded SMD, when LED be soldered dip, interfacial separation may affect the light transmission efficiency, causing the light intensity to drop. Attention in followed. a. After opened and mounted, the soldering shall be quickly. Temperature : 5 ~ 40 Humidity : less than 30% b. Keeping of a fraction Humidity : 60%HR max.
(3) In case of more than 1 week passed after opening or change color of indicator on desiccant components shall be dried 10-12hr. at 605. (4) In case of supposed the components is humid, shall be dried dip-solder just before. 100Hr at 805 or 12Hr at 1005. (5) Any mechanical force or any excess vibration shall not be accepted to apply during cooling process to normal temp. after soldering. (6) Quick cooling shall not be avoid. (7) Components shall not be mounted on warped direction of PCB. (8) Anti radioactive ray design is not considered for the products listed here in. (9) This device should not be used in any type of fluid such as water, oil, organic solvent and etc. When washing is required, IPA should be used. (10) When the LEDs are illuminating, operating current should be decided after considering the ambient maximum temperature. (11) LEDs must be stored to maintain a clean atmosphere. If the LEDs are stored for 3 months or more after being shipped from SSC, a sealed container with a nitrogen atmosphere should be used for storage. (12) The LEDs must be soldered within seven days after opening the moisture-proof packing. (13) Repack unused products with anti-moisture packing, fold to close any opening and then store in a dry place. (14) The appearance and specifications of the product may be modified for improvement without notice. (15) Static Electricity and surge damages the Blue LEDs. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be properly grounded. (16) It is recommended to use individual resistor separately when the LEDs applies in parallel circuit so that it may improve the light deviations.
SSC-QP-0401-06(REV1.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
SSC-FCW211Z
- 7/ 7-


▲Up To Search▲   

 
Price & Availability of SSC-FCW211Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X