Part Number Hot Search : 
DF5A82FU BO12864 1SS400CS CP30138 WRB240 C1501 DRD601 TCN75A
Product Description
Full Text Search
 

To Download SSC-FCW100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 *Customer:
SPECIFICATION
ITEM MODEL REVISION DATE TOP LED DEVICE SSC-FCW100 Rev1.4(060313)
[Contents]
1. Features 2. Absolute maximum ratings 3. Electro-optical characteristics 4. Soldering profile 5. Outline dimension 6. Reel dimension 7. Packing
8. Precaution for use
Drawn by
Checked by
Approved by
SSC-QP-0401-06(REV.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
FCW100 Seoul Semiconductor
- 1/8 -
1. Features
White colored SMT package Suitable for all SMT assembly methods ; Suitable for all soldering methods
2. Absolute Maximum Ratings*1
Parameter Power Dissipation Forward Current Peak Forward Current Reverse Voltage LED Junction Temperature Operating Temperature Storage Temperature Symbol Pd IF IFM VR Tj Topr Tstg
*2
(Ta=25) Value 560 175 900 5 125 -30 ~ 85 -40 ~ 100 Unit V C
*1 Care is to be taken that Power Dissipation does not exceed the Absolute Maximum Rating of the product. *2 IFM conditions is Pulse width Tw 0.1ms, Duty ratio 1/10
3. Electro-Optical Characteristics
Parameter Forward Voltage Reverse Current Luminous Intensity*1 Luminous Flux Illumination*4 Viewing Angle
*5 *3
(Ta=25) Condition IF = 175 mA IF = 320 mA VR = 5V IF = 175 mA IF = 320 mA
(Flash mode )
*2
Symbol VF IR IV
Min 2.7
Typ 3.0 3.2
Max 3.7
Unit V A cd lm lux deg. -
-
4 6.5 16
30 5
V
lx 2 1/2 X Y
IF = 175 mA IF = 175 mA IF = 320 mA
(Flash mode*2)
25 7
-
5.3 8.7 130 0.31 0.31
IF = 175 mA IF = 175 mA IF = 175 mA
-
Chromaticity Coordinates
*1. The luminous intensity IV is measured at the peak of the spatial pattern which may not be aligned with the mechanical axis of the LED package. Luminous Intensity Measurement allowance is 10%. *2. Flash mode conditions is Pulse width Tw = 1sec, Duty ratio = 2/7 *3. Luminous Flux Measurement allowance is 10%. *4. This luminous intensity (Lux) is measured at a distance of 1m with condition Ta=25 and it has 10% tolerance. *5. 1/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity. Note : All measurements were made under the standardized environment of SSC. ( Tolerance : Color Coordinate 0.005, VF 0.1 )
SSC-QP-0401-06(REV.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
FCW100
- 2/8 -
Forward Current vs. Forward Voltage
1000
5
Luminous Intensity vs. Forward Current
Forward Current [mA]
100
Relative Luminosity [a.u.]
4
3
10
2
1
1 2.4 2.6 2.8 3.0 3.2 3.4 3.6
0 0 50 100 150 200 250 300
Forward Voltage [V]
Forward Current [mA]
Forward Current Derating Curve
0.33
Forward Current vs Chromaticity Coordinate
200 180 160
x y
Chromatisity Coordinate x, y [a.u.]
0 25 50
o
Forward current IF(mA)
140 120 100 80 60 40 20 0 -25 75 100
0.32
0.31
0.30
Ambient temperature Ta( C)
0.29 50 100 150 200 250 300 350
Forward Current [mA]
SSC-QP-0401-06(REV.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
FCW100
- 3/8 -
(Ta=25, IF=175mA) Radiation Diagram
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 110 100 90 80 70
120 130 140 150 160 170 180
60 50 40 30 20 10 0
Y
Y
Spectrum
1.0
Ta = 25 C
o
0.8
Intensity [a.u.]
0.6
0.4
0.2
0.0 400 450 500 550 600 650 700 750
Wavelength [nm]
SSC-QP-0401-06(REV.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
FCW100
- 4/8 -
4. Soldering Profile
The LED can be soldered in place using the reflow soldering method.
(1) Lead solder
Preliminary heating to be at maximum 210C for maximum 2 minutes. Soldering heat to be at maximum 240C for maximum 10 seconds.
280
Device Surface Temperature [ C]
240 200 160 120 80 40 0
o
0
15
30
45
60
75
90
105 120 135 150 165 180 195
(2) Lead-free solder
Soldering Times [sec]
Preliminary heating to be at maximum 220C for maximum 2 minutes. Soldering heat to be at maximum 260C for maximum 10 seconds.
280
Device Surface Temperature [ C]
240 200 160 120 80 40 0 0 15 30 45 60 75 90 105 120 135 150 165 180 195
o
Soldering Times [sec]
(3) Hand Soldering conditions
Not more than 3 seconds @MAX280C, under Soldering iron.
Note : In case that the soldered products are reused in soldering process, we don't guarantee the products
SSC-QP-0401-06(REV.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
FCW100
- 5/8 -
5. Outline Dimension
Tolerance: 0.05, Unit:
Resin 2.00 1.60
0.18 0.03 0.50 PCB 2.00
Anode
1.20
1.50
0.50 0.05
1.50
Cathode
[TOP VIEW]
[SIDE VIEW]
[BOTTOM VIEW]
[Circuit Diagram]
6. Reel Dimension
1.750.1
4.00.1
? 1.5
+0.1 -0
0.650.1
(2.75) 3.50.05
8.00.2
0.20.05
180
+0 -3
11.4 9
0.3
2a
2
0.2
22 13 0.2
Label
60
+0.2 -0
Tolerance: 0.2,
Unit:
SSC-QP-0401-06(REV.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
FCW100
- 6/8 -
7. Packing
Reel
2a
P/N : # # # # # # # # # #
Indicator
###
Bake Units if Pink
15% 10% 5%
SSC-FCW100
DESI PAK
Bake Units if Pink Change Desiccant if Pink
Lot N o
#########
Discard if Circles Overrun Avoid Metal Contact
: 4000
Aluminum Vinyl Bag
P/N : # # # # # # # # # #
###
SSC-FCW100
CAUTION
This bag contains
MOISTURE SENSITIVE DEVICES
LEVEL
2a
Lot N o
#########
############################# ############################# ############################# ################## ############################# ############################# ############################# #############################
: 4000
Outer Box
*Material: Paper(SW3B(B)) a 7inch 245 c
CHIP LED
PART : SSC-FC W100 : : 4 0,000 E A :
S E O UL S E MIC O N D U C T O R C O .,L T D
TYPE
SIZE(mm) b 220 c 142
CHIP LED b a
CODE Q'Y T DATE
LOT NO :
SSC-QP-0401-06(REV.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
FCW100
- 7/8 -
8. Precaution for use
(1) Storage In order to avoid the absorption of moisture, it is recommended to store in the dry box (or desicator) with a desiccant . Otherwise, to store them in the following environment is recommended. Temperature : 5~30 (2) Attention after opened However LED is corresponded SMD, when LED be soldered dip, interfacial separation may affect the light transmission efficiency, causing the light intensity to drop. Attention in followed. a. After opened and mounted, the soldering shall be quickly. Temperature : 5 ~ 40 Humidity : less than 30% b. Keeping of a fraction Humidity : 60%HR max.
(3) In case of more than 1 week passed after opening or change color of indicator on desiccant components shall be dried 10-12hr. at 605. (4) In case of supposed the components is humid, shall be dried dip-solder just before. 100Hr at 805 or 12Hr at 1005. (5) Any mechanical force or any excess vibration shall not be accepted to apply during cooling process to normal temp. after soldering. (6) Quick cooling shall not be avoid. (7) Components shall not be mounted on warped direction of PCB. (8) Anti radioactive ray design is not considered for the products listed here in. (9) This device should not be used in any type of fluid such as water, oil, organic solvent and etc. When washing is required, IPA should be used. (10) When the LEDs are illuminating, operating current should be decided after considering the ambient maximum temperature. (11) LEDs must be stored to maintain a clean atmosphere. If the LEDs are stored for 3 months or more after being shipped from SSC, a sealed container with a nitrogen atmosphere should be used for storage. (12) The LEDs must be soldered within seven days after opening the moisture-proof packing. (13) Repack unused products with anti-moisture packing, fold to close any opening and then store in a dry place. (14) The appearance and specifications of the product may be modified for improvement without notice. (15) Static Electricity and surge damages the Blue LEDs. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be properly grounded. (16) It is recommended to use individual resistor separately when the LEDs applies in parallel circuit so that it may improve the light deviations.
SSC-QP-0401-06(REV.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
FCW100
- 8/8 -


▲Up To Search▲   

 
Price & Availability of SSC-FCW100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X