Part Number Hot Search : 
ADRF6510 TA1016A CPF0402 25NS1T 2SC16 UN6221 CM4420 74AC163B
Product Description
Full Text Search
 

To Download SS8550LT1-SOT-23 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate Transistors
SOT 23
SS8550LT1
TRANSISTORPNP (c)
1. BASE 2. EMITTER 3. COLLECTOR
FEATURES Power dissipation PCM : 0.3 W Tamb=25ae(c) Collector current ICM : -1.5 A Collector-base voltage V(BR)CBO : -40 V Operating and storage junction temperature range T J T stg: -55aeto +150ae
Unit : mm
ELECTRICAL CHARACTERISTICS Tamb=25ae
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current
unless
otherwise
Test
specified(c)
MIN -40 -25 -5 -0.1 -0.1 -0.1 120 40 -0.5 -1.2 100 V V MHz 350 MAX UNIT V V V |I A |I A |I A
Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO hFE(c) 1
conditions
Ic= -100 |I A IE=0 Ic= -0.1mAIB=0 IE= -100 |I AIC=0 VCB= -40 V , IE=0 VCE= -20 V , IB=0 VEB= -5V , IC=0
VCE= -1V, IC= -100mA VCE= -1V, IC= -800mA IC=-800 mA, IB= -80m A IC=-800 m A, IB= -80m A VCE= -10V, I = -50mA C
DC current gain hFE(c) 2 Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency VCE(sat) VBE(sat)
fT
f=30MHz H
CLASSIFICATION OF hFE(1) Rank Range DEVICE MARKING
SS8550LT1=Y2
L 120- 200
200- 350
SOT-23 PACKAGE OUTLINE DIMENSIONS
D b
|E
0.2
E1
E
L1 e e1 C A1 A2 Symbol A A1 A2 b c D E E1 e e1 L L1 |E 0.300 0 1.800 0.550REF 0.500 8 0.012 0 Dimensions In Millimeters Min 0.900 0.000 0.900 0.300 0.080 2.800 1.200 2.250 0.950TPY 2.000 0.071 0.022REF 0.020 8 Max 1.100 0.100 1.000 0.500 0.150 3.000 1.400 2.550 Min 0.035 0.000 0.035 0.012 0.003 0.110 0.047 0.089 0.037TPY 0.079 A L Dimensions In Inches Max 0.043 0.004 0.039 0.020 0.006 0.118 0.055 0.100


▲Up To Search▲   

 
Price & Availability of SS8550LT1-SOT-23

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X