Part Number Hot Search : 
XDUG09C3 RO2180B S5R12 STBP518 00222 FJX4012R GMS81024 MADK21
Product Description
Full Text Search
 

To Download SRM356VF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SRM-356VF
Receiver Module
Features
* Photo detector and preamplifier in one package * Enhanced immunity against all kinds of disturbance light * High performance photo diode and built-in I.C * High speed response and output * Low power consumption and easy use * Light detecting portion of remote control * TVs, VCRs, Audio equipments, CATV Set Top boxes, Multi-media equipments
Application
Outline Dimensions
unit : mm
PIN Connections 1.Output 2.Vcc(+5V) 3.Gnd
KMM-1011-000
1
SRM-356VF
Absolute maximum ratings
Characteristic Supply Voltage Power Dissipation Operating Temperature Storage Temperature * Soldering Temperature
1
Symbol
VCC PD Topr Tstg Tsol
Ratings
6.0 0.27 -10 ~ 60 -20 ~ 75 260E within 5 seconds
Unit
V W E E
*1.Keep the distance more than 2.0mm from PCB to the bottom of package
Electrical Characteristics
Parameter
Supply Voltage Current Consumption Resonance Frequency Peak sensitivity wavelength H level output voltage L level output voltage H level pules width L level pules width Arrival distance
(Ta=25C)
Symbol
Vcc ICC fC eP VOH VOL Twh Twl
Test Condition
#1 -
Min.
4.5 0.3 4.5
Typ.
5.0 38 980 5.0 0.2 20 15 10
Max.
5.5 1.5 0.4 700 700 -
Unit
V mA KHz nm V V us us m
#2
500 500 3/4 0 -
L
#2,3,4
3/4 30 3/4 45
Output form
Active low
KMM-1011-000
2
Characteristic Diagrams
Fig. 1 Relative Spectral Sensitivity - Wavelength
SRM-356VF
Fig. 2 drel-Relative Transmission Distance Directivity tsop
S() - Relative Spectral Sensitivity
Fig. 3 System Gain - Frequency
Supply Voltage Vcc[V]
Input Current [A]
Wavelength [nm]
drel-Relative Transmission Distance Directivity tsop
System Gain [dB]
Frequency [Hz]
KMM-1011-000
3
# 1. No input signal.
SRM-356VF
# 2. The burst wave forms shown below in the Fig 1. Shall be transmitted by the standard transmitter.
Transmitter Output Waveform
Receiver Module Output Waveform
Fig 1. Transmitter & Receiver wave forms
# 3. The test condition of arrival distance.
#4. The arrival distance is measured in the darkness without disturbing noises.
KMM-1011-000
4
SRM-356VF
Reliability Test
Test items
High temp & High humid Heat cycle Fall test
Test condition
Ta=40E, RH=90%, t=96Hr's #2, 3 #4
Remarks
#1, 2 -
#1. Supply voltage 5V at the load test. #2. Electro-optical characteristics shall be satisfied after 2hr's at normal temperature. #3. Heat cycle test as below Fig2. For 20 cycles under no load.
Fig 2. Heat cycle test #4. Fall test The test devices to fall three time onto hard wooden board from a level 75
The others
In case of noisy power supply, please serially insert about 47O resistance an about 47 electrolytic capacitance in line as follows.
Remocon Preamp
KMM-1011-000
5


▲Up To Search▲   

 
Price & Availability of SRM356VF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X