Part Number Hot Search : 
C1010 IRF710 SMP1302 405GP LTC4417 TSOP48 LZ21N3V BCM5770R
Product Description
Full Text Search
 

To Download SRBC-10E1AX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NON-ISOLATED DC/DC CONVERTERS
10 Vdc - 14 Vdc Input 1.2 Vdc - 5.0 Vdc/10 A Outputs
SRBC-10Axx0
* * * * * * Non-Isolated High Efficiency High Power Density
RoHS Compliant
* * * * *
Rev.A
Under-voltage Lockout (UVLO) Over Temperature Protection OCP/SCP Remote On/Off Industrial Temperature Range
Excellent Thermal Performance Low Cost Remote Sense
Description
The Bel SRBC-10Axx0 modules are a series of non-isolated dc/dc converters that deliver up to 10 A of output current with full load efficiency of 93% at 3.3 Vdc output. The open-frame construction and small footprint enable designers to develop cost and space-efficient solutions. Standard features include remote On/Off, over current protection, short current protection, and wide input.
Part Selection
Output Voltage 5.0 V 3.3 V 2.5 V 1.8 V 1.5 V 1.2 V Input Voltage 10 V - 14 V 10 V - 14 V 10 V - 14 V 10 V - 14 V 10 V - 14 V 10 V - 14 V Max. Output Current 10 A 10 A 10 A 10 A 10 A 10 A Max. Output Power 50.0 W 33.0 W 25.0 W 18.0 W 15.0 W 12.0 W Typical Efficiency 95% 93% 92% 90% 89% 87.5% Model Number Active High SRBC-10A500 SRBC-10A330 SRBC-10A250 SRBC-10A180 SRBC-10A150 SRBC-10A120
Notes: 1. Add "G" suffix at the end of the model number to indicate "Tray Packaging". 2. All part numbers above indicate RoHS 6. Change the second letter "R" to "7" for RoHS 5 part numbers.
Absolute Maximum Ratings
Parameter Input Voltage (continuous) Output Enable Terminal Voltage Ambient Temperature Storage Temperature Min -0.3 V -0.3 V -40 C -55 C Typ Max 15 V 15 V 85 C 125 C Notes
Note: All specifications are typical at 25 C unless otherwise stated.
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
10 Vdc - 14 Vdc Input 1.2 Vdc - 5.0 Vdc/10 A Outputs
Input Specifications
Parameter Input Voltage Input Current (full load) Input Current (no load) Remote Off Input Current Input Reflected Ripple Current (pk-pk) Input Reflected Ripple Current (rms) I t Inrush Current Transient Turn-on Voltage Threshold 1.2 V - 3.3 V 5.0 V Turn-off Voltage Threshold 1.2 V - 3.3 V 5.0 V
2
Min 10 V 6.7 V 8.0 V
Typ 3 mA 100 mA 50 mA 0.05 A s 7.8 V 9.4 V 2
Max 14 V 5.7 A 60 mA 10 mA 0.1 A s 7.9 V 9.0 V
2
Notes An input line fuse must always be used.
Tested with one 1000 uF/25 V Electrolytic capacitor and four 47 uF tan capacitors and one 1 uH inductor at the input.
Note: All specifications are typical at 25 C unless otherwise stated.
Output Specifications
Parameter Output Voltage Set Point Load Regulation Line Regulation Regulation Over Temperature (-40 C to +85 C) Output Current Current Limit Threshold Short Circuit Surge Transient Ripple and Noise (pk-pk) Ripple and Noise (rms) Turn on Time Overshoot at Turn on Output Capacitance Transient Response 50% ~ 100% Max Load Settling Time 100% ~ 50% Max Load Settling Time VO = 1.2 V -5.0 V 200 mV 25 uS 200 mV 25 uS di/dt=2.5 A/uS, Vin=12 V Min -2% Vo,set 0A Typ 10 mV 10 mV 15 mV 200% Io 0.5 A s 50 mV 20 mV 7 mS 2
Max 2% Vo,set 10 A 1A s 100 mV 40 mV 10 mS 1% Vo,set 5000 uF
2
Notes Vin=12 V, full load
Tref=Ta, min to Ta, max
Tested with 0-20 MHz
Note: All specifications are typical at nominal input, full load at 25 C unless otherwise stated.
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
10 Vdc - 14 Vdc Input 1.2 Vdc - 5.0 Vdc/10 A Outputs
General Specifications
Parameter Efficiency Vo=5.0 V Vo=3.3 V Vo=2.5 V Vo=1.8 V Vo=1.5 V Vo=1.2 V Switching Frequency Over Temperature Shutdown
1
Min 265 kHz 90% Vo -
Typ 95% 93% 92% 90% 89% 87.5% 300 kHz 130 C 4,982,651 hours
Max 335 kHz 110% Vo 110% Vo
Notes
Measured at Vin=12 V, full load
Output Voltage Trim Range 1.5 V - 5.0 V 1.2 V MTBF Dimensions Inches (L x W x H) Millimeters (L x W x H) Weight
Calculated Per Bell Core SR-332 (IO = 80% Io, max; Vo=5.0 V; Vin=12 V; Ta = 25 C)
1.3 x 0.53 x 0.315 33.02 x 13.46 x 8.00 7.8 g -
Notes: All specifications are typical at 25 C unless otherwise stated. 1. The Tref temperature measurement location:
Control Specifications
Parameter Remote On/Off Signal Low (Unit Off) Signal High (Unit On) -0.3 V 1V 0.3 V 14 V Remote On/Off pin open, Unit on. Min Typ Max Notes
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
10 Vdc - 14 Vdc Input 1.2 Vdc - 5.0 Vdc/10 A Outputs
Output Trim Equations
Equations for calculating the trim resistor (in k) given the desired adjusted voltage (Vadj) and the nominal output voltage of the converter (Vnom) are shown below. The Trim Down resistor should be connected between the Trim pin and Vout. The Trim Up resistor should be connected between the Trim pin and Ground. Only one of the resistors should be used for any given application.
Rtrimdown =
A -B Vnom - Vadj
Vout Rtrimdown Module Trim GND
Rtrimup =
Vadj
C -D - Vnom
Vout Module Trim Rtrimup GND
Vnom 5.0 3.3 2.5 1.8 1.5 1.2
A 64.6353 39.1049 27.0561 16.5749 12.0693 -
B 16.01 16.01 16.01 16.01 16.01 -
C 10.507 10.507 10.507 10.507 10.507 10.507
D 1 1 1 1 1 1
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
10 Vdc - 14 Vdc Input 1.2 Vdc - 5.0 Vdc/10 A Outputs
Efficiency Data
Module 5.0V
Module 3.3V 95.0% Efficiency
Efficiency
95.0%
10V
90.0% 85.0% 80.0%
10V 12.0V 14.0V 1A 2.5A 5A 7.5A Output Current
Module 1.8V
90.0% 85.0% 1A 2.5A 5A 7.5A Output Current 10A
12.0V 14.0V
10A
Module 2.5V
Efficiency
Efficiency
95.0% 90.0% 85.0% 80.0% 1A 2.5A 5A 7.5A 10A Output Current
Module 1.5V
8.3V 12.0V 14.0V
95.0% 90.0% 85.0% 80.0% 75.0% 70.0% 1A 2.5A 5A 7.5A 10A Output Current
Module 1.2V
10V 12.0V 14.0V
95.0% 90.0% 85.0% 80.0% 75.0% 70.0% 1A
10V 12.0V 14.0V
90.0% 80.0% 70.0% 60.0% 50.0% 1A 2.5A 5A 7.5A 10A Output Current
Efficiency
Efficiency
10V 12.0V 14.0V
2.5A 5A 7.5A 10A Output Current
Thermal Derating Curve
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
10 Vdc - 14 Vdc Input 1.2 Vdc - 5.0 Vdc/10 A Outputs
Ripple and Noise Waveforms
Ripple and noise at max load 1.2 Vdc output
Ripple and noise at max load 1.5 Vdc output
Ripple and noise at max load 1.8 Vdc output
Ripple and noise at max load 2.5 Vdc output
Ripple and noise at max load 3.3 Vdc output
Ripple and noise at max load 5.0 Vdc output
Note: Ripple and Noise at Vin=12 V, external load with 10 uF tantalum cap and 1uF ceramic at the output, Ta=25 deg C.
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
10 Vdc - 14 Vdc Input 1.2 Vdc - 5.0 Vdc/10 A Outputs
Transient Response Waveforms
Transients 50% to 100% load 1.2 Vdc output
Transients 100% to 50% load 1.2 Vdc output
Transients 50% to 100% load 1.5 Vdc output
Transients 100% to 50% load 1.5 Vdc output
Transients 50% to 100% load 1.8 Vdc output
Transients 100% to 50% load 1.8 Vdc output
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
10 Vdc - 14 Vdc Input 1.2 Vdc - 5.0 Vdc/10 A Outputs
Transient Response Waveforms (continued)
Transients 50% to 100% load 2.5 Vdc output
Transients 100% to 50% load 2.5 Vdc output
Transients 50% to 100% load 3.3 Vdc output
Transients 100% to 50% load 3.3 Vdc output
Transients 50% to 100% load 5.0 Vdc output
Transients 100% to 50% load 5.0 Vdc output
Note: Transient Response at di/dt=2.5 A/uS, with 1uFceramic cap and 10 uF tanlalum cap at the output, Ta=25 deg C.
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
10 Vdc - 14 Vdc Input 1.2 Vdc - 5.0 Vdc/10 A Outputs
Mechanical Outline
Pin Connections
Pin 1 2 3 4 5 6 Function Remote On/Off Vin Ground Vout Trim Remote Sense
BOTTOM VIEW RECOMMENDED PAD LAYOUT
PAD SIZE: MIN: 0.14"* 0.095" (3.56mm * 2.41mm) MAX: 0.165"* 0.11" (4.19mm * 2.79mm)
RoHS Compliance
Complies with the European Directive 2002/95/EC, calling for the elimination of lead and other hazardous substances from electronic products.
(c)2007 Bel Fuse Inc. Specifications subject to change without notice. 011707
CORPORATE Bel Fuse Inc. 206 Van Vorst Street Jersey City, NJ 07302 Tel 201-432-0463 Fax 201-432-9542 www.belfuse.com
FAR EAST Bel Fuse Ltd. 8F/ 8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel 852-2328-5515 Fax 852-2352-3706 www.belfuse.com
EUROPE Bel Fuse Europe Ltd. Preston Technology Management Centre Marsh Lane, Suite G7, Preston Lancashire, PR1 8UD, U.K. Tel 44-1772-556601 Fax 44-1772-888366 www.belfuse.com


▲Up To Search▲   

 
Price & Availability of SRBC-10E1AX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X