Part Number Hot Search : 
TRC102 AT91SAM 78M6613 78M6613 VSC7991 YF10T MIP2E4D PE8707
Product Description
Full Text Search
 

To Download SRA2210UF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SRA2210UF
PNP Silicon Transistor
Descriptions
* Switching application * Interface circuit and driver circuit application
Features
* * * * With built-in bias resistors Simplify circuit design Reduce a quantity of parts and manufacturing process High packing density
Ordering Information
Type NO. SRA2210UF Marking AR Package Code SOT-323F
Outline Dimensions
2.10.1 0.30~0.40 1.300.1
unit : mm
* Equivalent Circuit
C(OUT)
1.30 BSC
2.00.1
1 3
0.70-0.15
2
B(IN)
+0.1
R1
0.110.05
R1 = 4.7K
0~0.1
E(COMMON)
PIN Connections 1. Base 2. Emitter 3. Collector
KSR-3028-000
1
SRA2210UF
Absolute maximum ratings
Characteristic
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation Junction Temperature Storage Temperature
(Ta=25C)
Symbol
VCBO VCEO VEBO IC PD TJ TSTG
Ratings
-50 -50 -5 -100 200 150 -55 ~ 150
Unit
V V V mA mW C C
Electrical Characteristics
Characteristic
Collector Cut-off Current Emitter Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Transition Frequency Input Resistance
(Ta=25C)
Symbol
ICBO IEBO hFE VCE(SAT) fT
*
Test Condition
VCB=-50V, IE=0 VEB=-5V, IC=0 VCE=-5V, IC=-1mA IC=-10mA, IB=-0.5mA VCE=-10V, IC=-5mA -
Min. Typ. Max.
120 -0.1 250 4.7 -500 -500 -0.3 -
Unit
nA nA V MHz K
R1
* : Characteristic of Transistor Only
Electrical Characteristic Curves
Fig. 1 hFE - IC Fig. 2 VCE(SAT) - IC
KSR-3028-000
2


▲Up To Search▲   

 
Price & Availability of SRA2210UF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X