Part Number Hot Search : 
TDA75 256EI WCB30C2 D1937 RT7237B OP240SL AN8049SH 2SD113
Product Description
Full Text Search
 

To Download SR810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR802 THRU SR810
8.0 AMPS. Schottky Barrier Rectifiers
Voltage Range 20 to 100 Volts Current 8.0 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability
DO-201AD
Mechanical Data
Cases: DO-201AD molded plastic Epoxy: UL 94V-O rate flame retardant Lead: Axial leads, solderable per MILSTD-202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: 260OC/10 seconds/.375",(9.5mm) lead lengths at 5 lbs., (2.3kg) tension Weight: 1.1 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SR SR Type Number 802 803 Maximum Recurrent Peak Reverse Voltage VRRM 20 30 Maximum RMS Voltage VRMS 14 21 Maximum DC Blocking Voltage VDC 20 30
Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @8.0A Maximum D.C. Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=100 Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 2) Operating Junction Temperature Range Storage Temperature Range
SR 804
SR 805
SR 806
SR 809
SR 810
Units V V V A
40 28 40
50 35 50 8.0
60 42 60
90 63 90
100 70 100
I(AV) IFSM VF IR RJA Cj TJ
175 0.55 0.5 50 0.70
150 0.92 0.1 -
A V mA mA /W pF
TSTG Notes: 1. Mount on Cu-Pad Size 16mm x 16mm on P.C.B. 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
40 500 270 165 -65 to +125 -65 to +150 -65 to +150
- 112 -
RATINGS AND CHARACTERISTIC CURVES (SR802 THRU SR810)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD CURRENT. (A)
FIG.2- TYPICAL FORWARD CHARACTERISTICS
50
10
AVERAGE FORWARD CURRENT. (A)
8
10
S
0 R8
2-
80
4
6
SR 80 2-S
SR
80
5-
80
6
5-S 80 SR 10 R8
8 SR
1.0
09
-8
10
4
R8 04
2
Tj=25oC Pulse Width=300 s 1% Duty Cycle 0.1 .1 .2 .3 .4 .5 .6 .7 .8 .9 FORWARD VOLTAGE. (V)
0
0
50
100
o
150
LEAD TEMPERATURE. ( C)
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
175
FIG.5- TYPICAL REVERSE CHARACTERISTICS
10
PEAK FORWARD SURGE CURRENT. (A)
150
8.3ms Single Half Sine Wave JEDEC Method
Tj=10
INSTANTANEOUS REVERSE CURRENT. (mA)
0 0C
125
SR
100
80
2-S
1.0
R8
06
SR
80
9-S
R8
10
Tj=75 0C .10
50
25 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz
Tj=25 0C .01
FIG.4- TYPICAL JUNCTION CAPACITANCE PER LEG
4000
JUNCTION CAPACITANCE.(pF)
2000 Tj=25 0C 1000 800 600 400
.001 20 40 60 80 100 120 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
SR 802 -SR
804
SR
805
-SR
806
200
SR
809
-SR
810
100 .1 .4 1.0 4 10 REVERSE VOLTAGE. (V) 40 80100
- 113 -


▲Up To Search▲   

 
Price & Availability of SR810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X