Part Number Hot Search : 
DE9943 HAA1217 TFS895 HAA1217 HC4GX15 23C6422 MC34051P B772SL
Product Description
Full Text Search
 

To Download SR704U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 polyfet rf devices
SR704U
General Description Silicon VDMOS and LDMOS transistors designed specifically for broadband RF applications. Suitable for Militry Radios, Cellular and Paging Amplifier Base Stations, Broadcast FM/AM, MRI, Laser Driver and others. "Polyfet" process features low feedback and output capacitances resulting in high F t transistors with high input impedance and high efficiency.
TM
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR 150.0 Watts Push - Pull Package Style AR HIGH EFFICIENCY, LINEAR HIGH GAIN, LOW NOISE
o
ABSOLUTE MAXIMUM RATINGS ( T = 25 C )
Total Device Dissipation 350 Watts Junction to Case Thermal Resistance o 0.50 C/W Maximum Junction Temperature o 200 C Storage Temperature o o -65 C to 150 C DC Drain Current Drain to Gate Voltage 70 V Drain to Source Voltage 70 V Gate to Source Voltage 20 V
20.0 A
RF CHARACTERISTICS ( 150.0 WATTS OUTPUT )
SYMBOL Gps PARAMETER Common Source Power Gain Drain Efficiency Load Mismatch Tolerance MIN 10 55 20:1 TYP MAX UNITS dB % TEST CONDITIONS Idq = 1.20 A, Vds = 28.0 V, F = Idq = 1.20 A, Vds = 28.0 V, F =
400 MHz 400 MHz
VSWR
Relative Idq = 1.20 A, Vds = 28.0 V, F = 400 MHz
ELECTRICAL CHARACTERISTICS ( EACH SIDE )
SYMBOL Bvdss Idss Igss Vgs gM Rdson Idsat Ciss Crss Coss PARAMETER Drain Breakdown Voltage Zero Bias Drain Current Gate Leakage Current Gate Bias for Drain Current Forward Transconductance Saturation Resistance Saturation Current Common Source Input Capacitance Common Source Feedback Capacitance Common Source Output Capacitance 1 4.8 0.25 28.00 200.0 12.0 128.0 MIN 65 4.0 1 7 TYP MAX UNITS V mA uA V Mho Ohm Amp pF pF pF TEST CONDITIONS Ids = 80.00 mA, Vgs = 0V Vds = 28.0 V, Vgs = 0V Vds = 0V Vgs = 30V Ids = 0.40 A, Vgs = Vds Vds = 10V, Vgs = 5V Vgs = 20V, Ids = 10.00 A Vgs = 20V, Vds = 10V Vds = 28.0 Vgs = 0V, F = 1 MHz Vds = 28.0 Vgs = 0V, F = 1 MHz Vds = 28.0 Vgs = 0V, F = 1 MHz
POLYFET RF DEVICES
REVISION 03/28/2001
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
SR704U
POUT VS PIN GRAPH
SR704U POUT VS PIN F=400 MHZ; IDQ=1.6A; VDS=28V
180 160 140 120 100 80 60 Efficiency = 57% 12 13
1000
CAPACITANCE VS VOLTAGE
S1A 4 DICE CAPACITANCE
Pout
11
Ciss Coss
100
Gain 1dB compression = 130W
10
40 20 0 0 5 10 PIN IN WATTS 15 20
Crss
9
10 0 5 10 15 20 25 30
VDS IN VOLTS
IV CURVE
S1A 4 DIE IV
35 30 25 ID IN AMPS 20 15 10 5 0 0 2 vg=2v 4 6 Vg=4v 8 10 12 VDS Vg=6v INVOLTS vg=8v 14 0 16 18 vg=12v 20
ID & GM VS VGS
100.00
S1A 4 DIE ID & GM Vs VG
Id in amps; Gm in mhos
10.00
Id
gM
1.00
0.10
0
2
4
6 8 Vgs in Volts
10
12
14
Zin Zout
PACKAGE DIMENSIONS IN INCHES
Tolerance .XX +/-0.01
.XXX +/-.005 inches
POLYFET RF DEVICES
REVISION 03/28/2001
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com


▲Up To Search▲   

 
Price & Availability of SR704U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X