Part Number Hot Search : 
ILX551 BR15005 42172AA1 744112 ES1DFL CD4032AF IP8080AB A5052
Product Description
Full Text Search
 

To Download SR590 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
5.0 Amp SCHOTTKY BARRIER RECTIFIERS
Mechanical Dimensions
JEDEC D0-201AD
.190 .210 .285 .375 1.00 Min.
SR590 and 5100
Description
.050 typ.
Features
n EXTREMELY LOW VF n LOW POWER LOSS HIGH EFFICIENCY Electrical Characteristics @ 25 O C. Maximum Ratings Peak Repetitive Reverse Voltage...VRRM Working Peak Reverse Voltage...VRWM DC Blocking Voltage...VDC Average Forward Rectified Current...IF(av) @ TA = 55C Non-Repetitive Peak Forward Surge Current...IFSM @ Rated Load Conditions, 1/2 Wave, 8.3mS Forward Voltage...VF @ IF = 5.0 Amps DC Reverse Current...IR @ Rated DC Blocking Voltage Typical Junction Capacitance...CJ Thermal Resistance...RJL Operating Temperature Range...TJ Storage Temperature Range...TSTRG Typical Reverse Characteristics
TJ = 125oC
n LOW STORED CHARGE; MAJORITY CARRIER CONDUCTION n MEETS UL SPECIFICATION 94V-0 Units Volts Volts Volts Amps Amps
SR590 90 90 90
SR5100 100 100 100
............................................. 5.0 ............................................... ............................................. 1 5 0 ............................................... ............................................. ............................................. ............................................. ............................................. 0.79 0.69 0.6 20.0
TL = 25oC TL = 100oC TL = 25oC TL = 100oC
............................................... Volts ............................................... ............................................... mAmps ............................................... pF C / W C
............................................. 5 0 0 ............................................... ............................................. 15.0 ............................................... ....................................... -65 to 150 ............................................
C ....................................... -65 to 175 ............................................ Forward Current Derating Curve Typical Junction Capacitance Forward Current (Amps)
Reverse Current (mA)
TJ = 25oC
Percent of Rated Peak Voltage
Lead Temperature (oC)
pF
Reverse Voltage (VR) - Volts


▲Up To Search▲   

 
Price & Availability of SR590

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X