Part Number Hot Search : 
N5240 PD540 LP2951 SKP06N60 1222K0 2N5578 5TQIN LLZ3V0
Product Description
Full Text Search
 

To Download SR2060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR2020 THRU SR2060
20.0 AMPS. Schottky Barrier Rectifiers
Voltage Range 20 to 60 Volts Current 20.0 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability
TO-220
Mechanical Data
Cases: TO-220 molded plastic Epoxy: UL 94V-O rate flame retardant Terminals: Lead solderable per MIL-STD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: 260OC/10 seconds .25",(6.35mm) from case. Weight: 2.24 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol Type Number SR SR
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 10.0A Maximum D.C. Reverse Current @ Tc=25 at Rated DC Blocking Voltage @ Tc=100 Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 2) Operating Junction Temperature Range Storage Temperature Range
VRRM VRMS VDC I(AV) IFSM VF IR RJC Cj TJ
2020 20 14 20
2030 30 21 30
SR 2040 40 28 40 20.0 250
SR 2050 50 35 50
SR 2060 60 42 60
Units V V V A A
0.55 1.0 50 1.0
0.70
V mA mA /W pF
TSTG Notes: 1. Thermal Resistance from Junction to Case Per Leg, with Heatsink size (4"x6"x0.25") Al-Plate. 2. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C.
430 360 -65 to +125 -65 to +150 -65 to +150
- 180 -
RATINGS AND CHARACTERISTIC CURVES (SR2020 THRU SR2060)
FIG.1- FORWARD CURRENT DERATING CURVE
20.0 300
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER LEG
8.3ms SINGLE HALF SINE WAVE PER LEG. (JEDGE METHOD) Tj=Tj max.
AVERAGE FORWARD CURRENT. (A)
PEAK FORWARD SURGE CURRENT. (A)
150
16.0
250 200
SR2
SR2
050
12.0
020 -40
-60
150 100 50 25
8.0
4.0
0
0
50
100
o
1
2
5
10
20
50
100
CASE TEMPERATURE. ( C)
NUMBER OF CYCLES AT 60Hz
10
FIG.3- TYPICAL REVERSE CHARACTERISTICS PER LEG
100
FIG.4- TYPICAL FORWARD CHARACTERISTICS PER LEG
Tj=100 0C
INSTANTANEOUS REVERSE CURRENT. (mA)
1.0
INSTANTANEOUS FORWARD CURRENT. (A)
1.0
.01
Tj=25 0C
SR
20
50
-2
06
.10
SR
20
Tj=75 0C
20
-2
04
0
10
0
Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE
.001 0 20 40 60 80 100 120 140 0.1 .2 .3 .4 .5 .6 .7 .8 .9
0
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
INSTANTANEOUS FORWARD VOLTAGE. (V)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
4000
JUNCTION CAPACITANCE.(pF)
2000
Tj=25 0C f=1.0MHz Vsig=50mVp-p SR2020-40
1000 800 600 400
SR2050-60 200
100 0.1
0.4
1.0
4
10
40
80100
REVERSE VOLTAGE. (V)
- 181 -


▲Up To Search▲   

 
Price & Availability of SR2060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X