Part Number Hot Search : 
12250 ML9213GP 81403 1N3883R ZMM18 73056 E28F004 67F110
Product Description
Full Text Search
 

To Download SR202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR202
2.0 AMPERE SCHOTTKY BARRIER RECTIFIER
Features
* * * * * High Current Capability Very Low Forward Voltage Drop High Surge Capability Guard Ring Transient Protection High Frequency Operation
A
B
A
D
Min A B C D 25.4 4.1 0.71 2.0 All dimensions in mm Max -- 5.2 0.86 2.7
C
Mechanical Data
* * * * Terminals: Axial leads Solderable per MIL-STD-202, Method 208 Case: Transfer Molded Epoxy U/L Flammability Rating 94V-0 Weight: 0.4 grams (approx.) Marking: Type No. and Cathode Band
Maximum Ratings and Electrical Characteristics 25C unless otherwise specified
Characteristic Max. dc Applied Reverse Voltage Max. Working Peak Reverse Voltage Average Forward Current @ TA = 25C Peak One-Cycle Surge Current Max. Instantaneous Voltage Drop IF = 2.0A, TJ = 25C See Fig 1 and Note 1 Reverse Leakage Current See Note 1 Typical Junction Capacitance See Fig. 3 and Note 2 Storage and Operating Temperature Range VFM 0.55 V Symbol VR VRRM IAV IFSM Value 20 2.0 70 Unit V A A
IRM CT Tj, TSTG
1.0 190 -55 to +125
mA pF C
Notes:
1. Pulse width l 300 s, duty cycle l 2%. 2. Measured at 1 MHz and applied reverse voltage of 5.0 volts.
DIODES INC 3050 East Hillcrest Drive, Westlake Village, CA 91362-3154 TEL: (805) 446-4800 FAX: (805) 446-4850 Document Number: 23020 Revision A-5 Page 1 of 2 FAX-BACK: (805) 446-4870 www.diodes.com
DIODES INC 3050 East Hillcrest Drive, Westlake Village, CA 91362-3154 TEL: (805) 446-4800 FAX: (805) 446-4850 Document Number: 23020 Revision A-5 Page 2 of 2 FAX-BACK: (805) 446-4870 www.diodes.com


▲Up To Search▲   

 
Price & Availability of SR202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X