Part Number Hot Search : 
M86208 SML4747 M317LZ P5504 DT54FCT 4VHC59 2SC3720 ISL8204M
Product Description
Full Text Search
 

To Download SPX100407 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPX1004 1.2V / 2.5V Micropower Voltage Reference
FEATURES Initial Voltage Tolerance: SPX1004-1.2 = 10mV SPX1004-2.5 = 20mV Low Dynamic Impedance 0.6 Max. Low Operating Current: SPX1004-1.2 = 10A SPX1004-2.5 20A Wide Operating Current Range 0.6 Max. Direct Replacement for LT1004, LM1004 and AS1004
Lead Free, RoHS Compliant Packages
N/C 1 8 CATHODE
N/C 2
SPX1004 8 Pin NSOIC
7 N/C
N/C 3 ANODE 4
6 CATHODE 5 ANODE
APPLICATIONS A/D and D/A Reference Reference for 5V Systems Digital Voltmeter Power Supply Monitor DESCRIPTION
The SPX1004 is a 2-terminal bandgap precision voltage reference that provides a stable fixed output voltage of 1.2V and 2.5V with a tolerance of 10mV for SPX1004-1.2 and 20mV for SPX1004-2.5. Design, process and precision on chip trimming yield a very low temperature coefficient of 25 ppm/C. The SPX1004 can be used as a pin-to-pin replacement for the LT1004, LM1004 or AS1004. The SPX1004 is available in SOT-89, NSOIC-8 and TO-92 packages over the operating temperature range of 0C to 70C. BLOCK DIAGRAMS
Cathode (K)
Cathode (K)
500k
+ 1.235V
500k
+ 1.250V
Anode (A)
Anode (A)
Figure 1a. SPX1004-1.2 Block Diagram
Date: 05/17/07
Figure 1b. SPX1004-2.5 Block Diagram
(c) Copyright 2007 Sipex Corporation
SPX1004 1.2V/2.5V Micropower Voltage Reference
1
ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Continuous Power Dissipation (PD) TO-92.........................................................775mW NSOIC-8.....................................................750mW SOT-89.....................................................1000mW
Forward Current (IAK).....................................................10mA Reverse Current (IKA).....................................................30mA Lead Temperature (soldering, 10 seconds).................300C Storage Temperature Range.......................-65C to +150C Junction Temperature..................................................150C
TYPICAL THERMAL RESISTANCES
PACKAGE TO-92 NSOIC-8 SOT-89 0 -JA 160C/W 175C/W 110C/W 0JA 80C/W 45C/W 8C/W TYPICAL DERATING 6.3 mW/C 5.7mW/C 9.1mW/C
ELECTRICAL CHARACTERISTICS
Electrical characteristics are guaranteed over full junction temperature range (0C to 70C). Ambient temperature must be derated based on power dissipation and package thermal characteristics. SPX1004-1.2V SPX1004-2.5V PARAMETER CONDITIONS MIN TYP MAX MIN TYP MAX UNITS Reverse breakdown IZ=100A, TJ=25C 1.225 1.235 1.245 2.480 2.500 2.520 V 0CTA70C 1.219 1.235 1.251 2.470 2.500 2.530 Ave Temp. Coeff. IminIZ20mA 20 60 ppm/ C Min Operating Current 4 10 12 20 A Reverse Breakdown IminIZ1mA 0.5 1 0.5 1 mV Voltage Change over temperature 0.5 1.5 0.5 1.5 with Current 1mAIZ20mA 6.5 10 6.5 10 over temperature 6.5 20 6.5 20 Reverse Dynamic IZ=100A, f=25Hz 0.2 0.6 0.8 0.9 Impedance over temperature 1 1.5 1.5 Wide Band Noise IZ=100A, 10Hzf10kHz 60 120 V Long Term Stability IZ=100A, TA=25C0.1C 20 60 ppm/ kHr Operating Temp Range 0 70 0 70 C
ppm 0
% 0
mV 0 VK TC in mV/C = VKA (mV) TA
-10 5000 0.5 TC in % /C =
(
VKA VKA at 25C TA
)
x 100
0
15
30 45 60 75 90 Junction Temperature (C)
105
TC in ppm/C =
(
VKA VKA at 25C TA
)
x 106
0.07 mV/C 0.003 %/C 27 ppm/C
Figure 2. VREF vs Temperature for 2.5V Version
Date: 05/17/07 SPX1004 1.2V/2.5V Micropower Voltage Reference (c) Copyright 2007 Sipex Corporation
2
TYPICAL PERFORMANCE CHARACTERISTICS
100 TA = 0C to 70C
100 TA = 0C to 70C
- Reverse Current (A) I
KA
IKA - Reverse Current (A)
10
10
1
1
0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 VR - Reverse Voltage (V)
0.1 0 0.5 1.0 1.5 2.0 2.5 3.0 VR - Reverse Voltage (V)
Figure 3. SPX1004-1.2V Reverse Operating Characteristic
Figure 4. SPX1004-2.5 Reverse Operating Characteristic
10k IKA = 100A TA = 25C
ZKA- Reference Impedance ()
10k IKA = 100A TA = 25C 1k
ZKA- Reference Impedance ()
1k
100
100
10
10
1
1
0.1 0.01
0.1
1
10
100
1k
0.1 0.01
0.1
1
10
100
1k
f = Frequency (kHz)
f = Frequency (kHz)
Figure 5. SPX1004-1.2V Reverse Dynamic Impedance
Figure 6. SPX1004-2.5V Reverse Dynamic Impedance
1.2 TA = 25C
ZKA = Reference Impedance ()
100
VF = Forward Voltage (V)
TA = 25C f = 25Hz 10
0.8
0.4
1
0.0 0.01
0.1
1
10
100
0.1 0.01
0.1
1
10
100
IF = Forward Current (mA)
IKA = Reverse Current (mA)
Figure 7. Forward Characteristics for SPX1004-1.2 and SPX1004-2.5
Figure 8. Low Frequency Reverse Dynamic Impedance for SPX1004-1.2
Date: 05/17/07
SPX1004 1.2V/2.5V Micropower Voltage Reference
(c) Copyright 2007 Sipex Corporation
3
APPLICATION CIRCUITS
VIN
VIN
VIN
3k
100k
100k 22
OUT SPX1004-1.2V
OUT SPX1004-2.5V
OUT SPX1004-2.5V 50F
Figure 9a. 1.2V Reference, Figure 9b. 2.5V Reference
Figure 10. Low Noise Reference
VIN LM317 VIN Adj 0.1F 200 + 10F VOUT OUT
VIN > 8V LM338 VIN Adj 976, 1% + 22F 324, 1% VOUT 5V OUT
SPX1004-2.5V
5k
SPX1004-2.5V
R V - 1V 0.015mA
Figure 11. Variable Output Regulator
Figure 12. High Stability 5V Regulator
VIN = 12V to 20V
LO = Battery Low 86.7k 500k
1M
7 3
+ 12V 500k
2
+ LM4250 -
4 8
6
- 150pF
22M
150pF
3.5M
SPX1004-1.2
SPX1004-1.2
500k
Figure 13. Low Battery Detector
Figure 14. Micropower 10V Reference
Date: 05/17/07
SPX1004 1.2V/2.5V Micropower Voltage Reference
(c) Copyright 2007 Sipex Corporation
4
PACKAGE: PINOUTS
NSOIC (S1)
N/C N/C N/C ANODE 1 2 3 4 8 7 6 5 CATHODE N/C CATHODE ANODE
NSOIC (S2) Alternate Pin Out
N/C N/C N/C ANODE 1 2 3 4 8 7 6 5 CATHODE N/C
SOT-89 (M1)
1
TO-92 (N)
2 3
1 CATHODE CATHODE N/C
2
3 N/C N/C ANODE CATHODE
ANODE
Top View
Top View
Top View
Bottom View
PACKAGE: 3 PIN SOT-89
Date: 05/17/07
SPX1004 1.2V/2.5V Micropower Voltage Reference
(c) Copyright 2007 Sipex Corporation
5
PACKAGE: 8 PIN NSOIC
Date: 05/17/07
SPX1004 1.2V/2.5V Micropower Voltage Reference
(c) Copyright 2007 Sipex Corporation
6
PACKAGE: 3 PIN TO-92
Date: 05/17/07
SPX1004 1.2V/2.5V Micropower Voltage Reference
(c) Copyright 2007 Sipex Corporation
7
ORDERING INFORMATION
Part Number SPX1004AS1-L-1-2 SPX1004AS1-L-1-2/TR SPX1004AS2-L-1-2 SPX1004AS2-L-1-2/TR SPX1004S1-L-1-2 SPX1004S1-L-1-2/TR SPX1004S2-L-1-2 SPX1004S2-L-1-2/TR SPX1004AM1-L-1-2 SPX1004AM1-L-1-2/TR SPX1004M-L-1-2 SPX1004M-L-1-2/TR SPX1004AN-L-1-2 SPX1004AN-L-1-2/TR SPX1004N-L-1-2 SPX1004N-L-1-2/TR SPX1004AS1-1-2 SPX1004AS1-1-2/TR SPX1004AS2-1-2 SPX1004AS2-1-2/TR SPX1004S1-1-2 SPX1004S1-1-2/TR SPX1004S2-1-2 SPX1004S2-1-2/TR SPX1004AM1-1-2 SPX1004AM1-1-2/TR SPX1004M1-1-2 SPX1004M1-1-2/TR SPX1004M-1-2 SPX1004M-1-2/TR SPX1004AN-1-2 SPX1004AN-1-2/TR SPX1004N-1-2 SPX1004N-1-2/TR
Accuracy 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8%
Output Voltage 1.235V 1.235V 1.235V 1.235V 1.235V 1.235V 1.235V 1.235V 1.235V 1.235V 1.235V 1.235V 1.235V 1.235V 1.235V 1.235V 1.235V 1.235V 1.235V 1.235V 1.235V 1.235V 1.235V 1.235V 1.235V 1.235V 1.235V 1.235V 1.235V 1.235V 1.235V 1.235V 1.235V 1.235V
MSL Level L1 @ 260C L1 @ 260C L1 @ 260C L1 @ 260C L1 @ 260C L1 @ 260C L1 @ 260C L1 @ 260C L2 @ 260C L2 @ 260C L2 @ 260C L2 @ 260C No MSL for thru hole package. No MSL for thru hole package. No MSL for thru hole package. No MSL for thru hole package. L1 @ 240C L1 @ 240C L1 @ 240C L1 @ 240C L1 @ 240C L1 @ 240C L1 @ 240C L1 @ 240C L1 @ 240C L1 @ 240C L1 @ 240C L1 @ 240C L1 @ 240C L1 @ 240C No MSL for thru hole package. No MSL for thru hole package. No MSL for thru hole package. No MSL for thru hole package.
RoHS Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes No No No No No No No No No No No No No No No No No No
Package NSOIC8 NSOIC8 NSOIC8 Alt. Pinout NSOIC8 NSOIC8 NSOIC8 NSOIC8 Alt. Pinout NSOIC8 Alt. Pinout SOT-89-3 SOT-89-3 SOT-89-3 SOT-89-3 TO-92-3 TO-92-3 TO-92-3 TO-92-3 NSOIC8 NSOIC8 NSOIC8 Alt. Pinout NSOIC8 Alt. Pinout NSOIC8 NSOIC8 NSOIC8 Alt. Pinout NSOIC8 Alt. Pinout SOT-89-3 SOT-89-3 SOT-89-3 SOT-89-3 SOT-89-3 SOT-89-3 TO-92-3 TO-92-3 TO-92-3 TO-92-3
Pack Type TUBE Tape & Reel TUBE Tape & Reel TUBE Tape & Reel TUBE Tape & Reel Canister Tape & Reel Canister Tape & Reel BOX Tape & Reel BOX Tape & Reel TUBE Tape & Reel TUBE Tape & Reel TUBE Tape & Reel TUBE Tape & Reel Canister Tape & Reel Canister Tape & Reel Canister Tape & Reel BOX Tape & Reel BOX Tape & Reel
Quantity
98 2500 98 2500 98 2500 98 2500 Any 2500 Any 2500 Any 2000 Any 2000 98 2500 98 2500 98 2500 98 2500 Any 2500 Any 2500 Any 2500 Any 2000 Any 2000
Date: 05/17/07
SPX1004 1.2V/2.5V Micropower Voltage Reference
(c) Copyright 2007 Sipex Corporation
8
ORDERING INFORMATION (continued)
Part Number SPX1004S1-L-2-5 SPX1004S1-L-2-5/TR SPX1004S2-L-2-5 SPX1004S2-L-2-5/TR SPX1004M1-L-2-5 SPX1004M1-L-2-5/TR SPX1004M-L-2-5 SPX1004M-L-2-5/TR SPX1004N-L-2-5 SPX1004N-L-2-5/TR SPX1004S1-2-5 SPX1004S1-2-5/TR SPX1004S2-2-5 SPX1004S2-2-5/TR SPX1004M1-2-5 SPX1004M1-2-5/TR SPX1004M-2-5 SPX1004M-2-5/TR SPX1004N-2-5 SPX1004N-2-5/TR
Accuracy 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8% 0.8%
Output Voltage 2.500V 2.500V 2.500V 2.500V 2.500V 2.500V 2.500V 2.500V 2.500V 2.500V 2.500V 2.500V 2.500V 2.500V 2.500V 2.500V 2.500V 2.500V 2.500V 2.500V
MSL Level L1 @ 260C L1 @ 260C L1 @ 260C L1 @ 260C L2 @ 260C L2 @ 260C L2 @ 260C L2 @ 260C No MSL for thru hole package. No MSL for thru hole package. L1 @ 240C L1 @ 240C L1 @ 240C L1 @ 240C L1 @ 240C L1 @ 240C L1 @ 240C L1 @ 240C No MSL for thru hole package. No MSL for thru hole package.
RoHS Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes No No No No No No No No No No
Package NSOIC8 NSOIC8 NSOIC8 Alt. Pinout NSOIC8 Alt. Pinout SOT-89-3 SOT-89-3 SOT-89-3 SOT-89-3 TO-92-3 TO-92-3 NSOIC8 NSOIC8 NSOIC8 Alt. Pinout NSOIC8 Alt. Pinout SOT-89-3 SOT-89-3 SOT-89-3 SOT-89-3 TO-92-3 TO-92-3
Pack Type TUBE Tape & Reel TUBE Tape & Reel Canister Tape & Reel Canister Tape & Reel BOX Tape & Reel TUBE Tape & Reel TUBE Tape & Reel Canister Tape & Reel Canister Tape & Reel BOX Tape & Reel
Quantity
98 2500 98 2500 Any 2500 Any 2500 Any 2000 98 2500 98 2500 Any 2500 Any 2500 Any 2000
For latest information on ordering status, go to the Sipex Web Landing Page for this product http://www.sipex.com/searchResults.aspx?keywordsval=spx1004
For further assistance: Email: WWW Support page: Sipex Application Notes: Sipexsupport@sipex.com http://www.sipex.com/content.aspx?p=support http://www.sipex.com/applicationNotes.aspx
Solved by
TM
Sipex Corporation Headquarters and Sales Office 233 South Hillview Drive Milpitas, CA 95035 tel: (408) 934-7500 fax: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Date: 05/17/07
SPX1004 1.2V/2.5V Micropower Voltage Reference
(c) Copyright 2007 Sipex Corporation
9


▲Up To Search▲   

 
Price & Availability of SPX100407

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X