|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
S VDS * * * * * * G -3-11 Tjmax Marking S G 1-3-11 TC TC tp VDD Tjmax EAR VDD Tjmax Gate source voltage static VGS VGS Ptot Reverse diode dv/dt 5) dv/dt 15 V/ns Tjmax Rev. 2.0 P 2005-07-19 S V DS Tj RthJC RthJA wavesoldering V(BR)DSS V GS V GS VGS VDS V DS Tj Tj V GS V GS Tj Tj VDS VGS RG Rev. 2.0 P 5-07-19 S Tj Transconductance Input capacitance Output capacitance Reverse transfer capacitance g fs Ciss Coss Crss V DS V GS f V DS V GS V DS Turn-on delay time Rise time Turn-off delay time Fall time td(on) tr td(off) tf V DD V GS RG Gate to source charge Gate to drain charge Qgs Qgd V DD V DD V GS V DD EAR f Coss Coss VDS VDS 5I <=I , di/dt<=400A/us, V SD D DClink=400V, Vpeak P 5-07-19 S Tj TC Inverse diode direct current, pulsed I SM VGS Reverse recovery time Reverse recovery charge Peak reverse recovery current t rr Q rr I rrm VR diF/dt Rev. 2.0 P 5-07-19 S TC TC Ptot TC VDS VDS Tj VGS tp VDS Rev. 2.0 P 5-07-19 S VDS Tj VGS f Tj V GS VDS VGS Tj Rev. 2.0 P VGS 5-07-19 S VGS VGS VDS max di/dt RG VDS VGS Tj IF VDS max RG V DS VGS Tj di/dt RG RG Rev. 2.0 P 5-07-19 S Tj VDS VGS RG dv/dt RG V DS VGS Tj dv/dt RG Tj VDS VGS RG RG V DS VGS Tj RG Rev. 2.0 P 5-07-19 S Tj Tj V DD Tj V(BR)DSS Tj f E AR V(BR)DSS Tj Rev. 2.0 P f 5-07-19 S Coss VDS V GS f VDS Ciss Coss Crss VDS VDS Rev. 2.0 P 5-07-19 S G 1 1 Rev. 2.0 P 5-07-19 S 81726 Munchen Germany 2006 Rev. 2.0 P 5-07-19 |
Price & Availability of SPS04N60C3 |