Part Number Hot Search : 
LM311MX AD5372 307C1330 58500 PSO6M 91001 M62213P C2500
Product Description
Full Text Search
 

To Download SPI-240-15-T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : EN6027
SPI-240-15-T1
GaAs Infrared LED
SPI-240-15-T1
Ultraminiature photointerrupter supporting reflow soldering (Darlington-transistor type)
Features
* GaAs Infrared LED plus Darlington Phototransistor * Photo-Interrupter for reflow soldering * Compact type : H4.95 ! L6.0 ! W5.5mm * Taping type
Absolute Maximum Ratings at Ta=25C, 65%RH
Parameter Forward Current Reverse Voltage Power Dissipation Collector-Emitter Voltage Emitter-Collector Voltage Collector Curren Power Dissipation Operating Temperature Storage Temperature Symbol IF VR PD VCEO VECO IC PC Topr Tstg Rating 50 5 70 20 5 20 70 - to +80 -20 - to +85 -30 Unit mA V mW V V mA mW C C
Input LED
Output Phototransistor
Electro-Optical Characteristics at Ta=25C, 65%RH
Parameter Forward Voltage Reverse Current Dark Current Collector Output Current Collector Emitter Saturation Voltage Symbol VF IR ICEO IC VCE(sat) Condition IF=10mA VR=5V IF=0mA, VCE=10V IF=4mA, VCE=2V*1 IF=4mA, IC=250A VCC=5V, RL=100 IC=10mA Min. 1.0 0.5 Typ. 1.15 3 100 100 Max. 1.4 10 1 -1.2 --Unit V A A mA V s s
Input Output
Coupled
Rise Time tr Fall Time tf *1 Measurement Circuit of Collector Current
VCE=2V IF=4mA Ic A
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
72199 GI, (MI) No.6027 1/7
SPI-240-15-T1
Typical Characteristics
CAUTION These numerical value show the electrical and optical characteristics of this product, and not assure this contents.
Forward Current vs. Ambient Temperature
60
Power Dissipation vs. Ambient Temperature
120
(Rating)
Power Dissipation P (mW)
(Rating)
50
100
Forward Current IF (mA)
40
80
30
60
20
40
10
20
0 -25 0 25 50 75 100
0 -25 0 25 50 75 100
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)
Forward Current vs. Forward Voltage
500 20 18
Collector vs. Forward Current
VCE=2V Ta=25C
Collector Current IC (mA)
2
Forward Current IF (mA)
Ta=75C 50C
100 50
16 14 12 10 8 6 4 2
25C 0C --25C
10 5
1 0 0.5 1 1.5
0 0 4 8 12 16 20
Forward Voltage VF (V)
Forward Current IF (mA)
Collector Current vs. Collector-emitter Voltage
20 18
Relative Collector Current vs. Ambient Temperature
140
Ta=25C IF=15mA Pc(MAX) 10mA 7mA
Relative Collector Current (%)
120
Collector Current IC (A)
16 14 12 10 8 6 4 2 0 0
IF=4mA VCE=2V
100
80
4mA 2mA
60
40 5 10 --25 0 25 50 75 100
Collector-emitter Voltage VCE (V)
Ambient Temperature Ta (C)
No.6027 2/7
SPI-240-15-T1
Typical Characteristics
CAUTION These numerical value show the electrical and optical characteristics of this product, and not assure this contents. Collector-emitter Saturation Voltage vs. Ambient Temperature
1.0
Collector-emitter Saturation Voltage VCE (sat) (V)
Collector Dark Current vs. Ambient Temperature
10-5 5
Collector Dark Current ICEO (A)
IF=4mA IC=250A
0.9
VCE=10V
10-6 5
0.8
10-7 5
0.7
10-8 5
0.6
0.5 --25
10-9 0 25 50 75 100 --25 0 25 50 75 100
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)
Response Time vs. Load Resistance
1000 500
Test Circuit for Response Time
IFP=10mA VCC=2V Ta=25C
tf
IFP VCC IFP Vout 10% Vout tr 90% tf
Response (S)
100 50
tr
RD
RL
10 5
1 10 50 100 500 1k 5k 10k
Load Resistance RL ()
Relative Collector Current vs. Shield Distance (1)
120
Relative Collector Current vs. Shield Distance (2)
120
Relative Collector Current (%)
Relative Collector Current (%)
100
IF=4mA VCE=2V Ta=25C d
Shield
100
IF=4mA VCE=2V Ta=25C Shield -0 d +
Detector center
3
80
80
60
+ 0 Detector center
--
60
40
40
20
20
0 --2 --1 0 1 2 3
0 --2 --1 0 1 2
Shield Distance d (mm)
Shield Distance d (mm)
No.6027 3/7
SPI-240-15-T1
0.6,
Max 0.1
Pin No.
1
Pin connection 1. Ph. Tr Collector 2. Common (Cathode) 3. LED Anode
3.5 5.5
3
2.5 3-0.4
2
LED
Ph.Tr
6 0.3 1.5 1 3 0.3 Injection gate 1.5 1 Optical C / L
2.8
2.7
C0
.5
3.2 4.1 4.95 + 0.1 -- 0.2
0.25
0.25
2
0.25
4.5
2
2.5
Tolerance : 0.2 Unit : mm
No.6027 4/7
SPI-240-15-T1
Package dimensions and Pin connection
As stated in the sttached paper. (No.6027 4/7)
Soldering conditions
(1) Reflow soldering The temperature of the reflow furnace is to be set in accordance with the following temperature profile. Soldering must be done only one time. Temperature : On the topsurface of product Reflow type : Hot air
Max 220C 180C Max 160C
Max 5sec Max 60sec Max 40sec
(2) Manusl soldering Temperature Time Clearance
: Max. 290C (Soldering iron tip temperature) : Max. 3 sec : Min. 0.5mm from package
0.5mm
0.5mm
PRECAUTIONS (1) Bending a lead should avoid. However, when bending is necessary, take care the next items. q Bending a lead must be done before soldering. w Bending a lead must be done in the states of fixing leads and no stress for the regin part. Because it is possible that stress for the regin part cause troubles such as gold wire breaking and so on. e A lead must be bend under the stay. r Do not bend the same position of leads more than twice. (2) The hole pitch of a circuit board must fit to the recommended mounting dimension. (3) Take core the following when soldering. q Do not heat a product under any stress (a twist and so on) to leads. w Do not heat a product in the states of operating force to the regin part. (4) Use the flux which contain no chlorine, have no corrosion and do not need washing. (5) Be careful that flux or other chemicals do not attach to the luminous surface and passive surface. (6) Precautions of the product after the open dry packing q The product after the open dry packing should be stored in the dry packing again. The product should be kept under the conditions below, if the product is not stored in the dry paking. Temperature : 5 to 30C Humidity : Max 70%RH Term : Max 7days w The product to be out the term without dry packing must be practiced baking. Baking conditions : +605C, 10 to 20Hr (7) The reflow conditions must be confirmed that no problem by your reflow furnace.
No.6027 5/7
SPI-240-15-T1
Taping Specifications
(1) Dimensions of tape
o1
2 4 (0.4)
.5
7.5
1.75
16 0.3
(9.3)
8
(3.5) (5.3)
(6.1) ( o1.7 )
(2) Dimensions of reel
o330 1
(5.6)
2
o1 3
o2 1
o80 1
17 1 22 1 Unit : mm
No.6027 6/7
SPI-240-15-T1
CAUTION
1. No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster / crime-prevention equipment or the like, and the failure of which may directly or indirectly cause injury, death or property loss. 2. Anyone purchasing any products described or contained herein for an above-mentioned use shall: 1) Accept full responsibility and indemnify and defend SANYO ELECTRIC CO.,LTD., it's affiliates, subsidiaries and distributors or any of their officers and employees, jointly and severally, against any and all claims and litigation and all damages, costs and expenses associated with such use. 2) Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., it's affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. 3. Information (including circuit diagrams and circuit parameters) disclosed herein is for example only; it is not guaranteed for mass production, SANYO believes the information disclosed herein is accurate and reliable, but no guarantees are made or implied regarding it's use or any infringements of intellectual property rights or other rights of third parties.
Precautionary instructions in handling gallium arsenic products
Special precautions must be taken in handling this product because it contains, gallium arsenic, which is designated as a toxic substance by law. Be sure to adhere strictly to all applicable laws and regulations enacted for this substance, particularly when it comes to disposal.
Manufactured by ; Tottori SANYO Electric Co., Ltd. LED Division 5-318, Tachikawa-cho, Tottori City, 680-8634 Japan TEL: +81-857-21-2137 FAX: +81-857-21-2161
PS No.6027 7/7


▲Up To Search▲   

 
Price & Availability of SPI-240-15-T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X