Part Number Hot Search : 
TQ8033 4QTDV01 MLXSP MMUN221 350019 3201ARZ FU20TM5 10130
Product Description
Full Text Search
 

To Download SPD5806TXV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SPD5802 thru SPD5806 and SPD5802SMS thru SPD5806SMS
LOW LEAKAGE 2.0 AMPS 50 - 150 VOLTS 25 ns HYPERFAST RECOVERY RECTIFIER
Designer's Data Sheet
Part Number/Ordering Information 1/ SPD __ __ __
Screening 2/ __ = Not Screened TX = TX Level TXV = TXV S = S Level Package Type __ = Axial Leaded SMS = Surface Mount Square Tab Voltage/Family 5802 = 50V 5804 = 100V 5806 = 150V
* * * * * * * *
*
Hyper Fast Reverse Recovery: 25ns Maximum 4/ PIV to 150 Volts (Voltages Up To 300V Available) Hermetically Sealed Low Forward Voltage Drop Void Free Chip Construction For High Efficiency Applications Available in Axial & Square Tab Versions TX, TXV, and S-Level Screening Available 2/ Low Leakage Replacement for: 1N 5802, US thru 1N5806, US
FEATURES:
MAXIMUM RATINGS 3/ RATING
Peak Repetitive Reverse Voltage And DC Blocking Voltage Average Rectified Forward Current Peak Surge Current
(8.3ms pulse, half sine wave superimposed on Io, allow junction to reach equilibrium between pulses, TA = 25C)
SYMBOL
SPD5802 SPD5804 SPD5806
VALUE
50 100 150 2.0 50 -65 to +175 38 25
UNIT
Volts
VRRM VRWM VR IO IFSM TJ and TSTG RJL RJE
Axial Leaded
(Resistive Load, 60Hz, Sine Wave, TA = 25C)
Amps Amps C C/W
SMS
Operating & Storage Temperature Thermal Resistance
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory. 2/ Screened to MIL-PRF-19500. 3/ Unless Otherwise Specified, All Electrical Characteristics @25C. 4/ IF = 500mA, IR = 1A, IRR = 250mA, TA = 25C
Junction to Lead for Axial, L =.375" Junction to End Tab for Surface Mount
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0107A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SPD5802 thru SPD5806 and SPD5802SMS thru SPD5806SMS
ELECTRICAL CHARACTERISTICS 3/ CHARACTERISTICS
Instantaneous Forward Voltage Drop IF = 2.0 Adc , TA = +25C, 300 - 500s pulse IF = 2.0 Adc , TA = -55C, 300 - 500s pulse (Rated VR, TA = +25C) (Rated VR, TA =+100C)
SYMBOL
VF1 VF2 IR1 IR2 CJ trr
VALUE
MAX
UNIT
.975
1.1
Vdc A pF ns
Reverse Leakage Current Junction Capacitance VR = 10 Vdc, f = 1MHz, TA = 25C Maximum Reverse Recovery Time IF = 500mA, IR = 1A, IRR = 250mA, TA = 25C NOTES:
1 100
45 25
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25C. 4/ IF = 500mA, IR = 1A, IRR = 250mA, TA = 25C
Package Outlines:
DIMENSIONS (inches) DIM. DIMENSIONS (inches)
A B C D
Minimum --.190 .027 1.00
Maximum .140 .230 .033 ---
DIM. A B C D
Minimum .134 .230 .022 .002
Maximum .155 .280 .028 ---
AXIAL
SMS
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0107A
DOC


▲Up To Search▲   

 
Price & Availability of SPD5806TXV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X