Part Number Hot Search : 
18P1100 UL7410 18P1100 TM6203 0ZB6T B25655J M62460 T02GH
Product Description
Full Text Search
 

To Download SPD5554TXV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SPD5550 Thru SPD5554 Series
5 AMPS, 200 thru 1000 VOLTS 2 sec STANDARD RECOVERY RECTIFIER
Designer's Data Sheet
Part Number/Ordering Information 1/ SPD __ __ __
Screening 2/ __ = Not Screened TX = TX Level TXV = TXV S = S Level Package Type __ = Axial Leaded SMS = Surface Mount Square Tab Voltage/Family 5550 = 200V 5551 = 400V 5552 = 600V 5553 = 800V 5554 = 1000V
* * * * * * * * * *
Standard Recovery: 2 sec maximum PIV up to 1000 Volts Low Reverse Leakage Current Hermetically Sealed Single Chip Construction Replacement for 1N5550 thru 1N5554 Series Low Thermal Resistance For Higher Voltages-See SSDI p/n SDR6557 Series TX, TXV, and Space Level Screening Available Fast Recovery Versions Available. Contact Factory.
FEATURES:
MAXIMUM RATINGS
Peak Repetitive Reverse Voltage and DC Blocking Voltage SPD5550 SPD5551 SPD5552 SPD5553 SPD5554 TEC=130oC (SMS) TL=30oC at .375" (Axial) TA=55oC PCB Mount
Symbol
VRRM VRWM VR
Value
200 400 600 800 1000 5.0 1.3 1.3 100 -65 to +175 22 6.5
Units
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave)
IO
Amps
Peak Surge Current (8.3 ms Pulse, Half Sine Wave, Superimposed on IO, allow junction to reach equilibrium between pulses, TA=25oC) Operating and Storage Temperature Maximum Thermal Resistance Junction to Lead, L = 0.375" (Axial Lead) Junction to End Tab (Surface Mount
Axial Leaded (__)
IFSM TOP & Tstg RJL RJE
Amps
o
C
o
C/W
Square Tab Surface Mount (SMS)
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0112A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SPD5550 Thru SPD5554 Series
ELECTRICAL CHARACTERISTICS
Instantaneous Forward Voltage Drop (IF = 9 Amps, TA = 25oC, 300sec Pulse) Reverse Leakage Current (At Rated VR, 300sec pulse minimum) TA = 25oC TA = -55oC TA = 25oC TA = 100oC SPD5550 SPD5551 SPD5552 SPD5553 SPD5554
Symbol
VF1 VF2 IR1 IR2
Min
-- -- -- --
Max
1.20 1.50 5.0 20
-- -- -- --
Unit
Volts Volts A A
Breakdown Voltage (IR = 50 A, TA = 25oC) Junction Capacitance (VR = 10 VDC, TA = 25oC, f = 1 MHz) Reverse Recovery Time (IF = 500 mA, IR = 1 A, IRR = 250 mA, TA = 25oC) Case Outline: (Axial)
VBR
200 400 600 800 1000
-- -- DIM A B C D
Volts
CJ trr
50 2
MIN -- 0.210" 0.037" 1.00"
pF s
MAX 0.170" 0.250" 0.043" --
Case Outline: (SMS)
DIM A B C D
MIN 0.170" 0.260" 0.020" 0.002"
MAX 0.180" 0.300" 0.030" --
Note: Dimensions prior to soldering.
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0112A
DOC


▲Up To Search▲   

 
Price & Availability of SPD5554TXV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X