Part Number Hot Search : 
D0827 300R1 300R1 ME20N03 MC14422 CO4802 259613 D0827
Product Description
Full Text Search
 

To Download SPD5420TXV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SPD5415 thru SPD5420 and SPD5415SMS thru SPD5420SMS
3 AMPS 50 600 VOLTS 150 - 400 nsec FAST RECOVERY RECTIFIER
Designer's Data Sheet
Part Number/Ordering Information 1/ SPD __ __ __
Screening 2/ __ = Not Screened TX = TX Level TXV = TXV S = S Level Package Type __ = Axial Leaded SMS = Surface Mount Square Tab Voltage/Family 5415 = 50V 5416 = 100V 5417 = 200V 5418 = 400V 5419 = 500V 5420 = 600V
* * * * * * * * *
FEATURES:
Fast Reverse Recovery (Faster Versions Available) PIV to 600 Volts (Higher Voltages Available) Hermetically Sealed Controlled Avalanche Low Thermal Resistance High Surge Capability Available in Axial & Square Tab Versions Metallurgically Bonded TX, TXV, and S-Level Screening Available 2/ Replacement for: 1N 5415, US thru 1N5420, US
*
MAXIMUM RATINGS 3/ RATING
Peak Repetitive Reverse Voltage And DC Blocking Voltage Average Rectified Forward Current 4/ Peak Surge Current
(10 surges of 8.3 msec each at 1 minute intervals superimposed on IO = 0, VRSM = 0, TA = 100C)
SYMBOL
SPD5415 SPD5416 SPD5417 SPD5418 SPD5419 SPD5420
TA = 55C TA = 100C
VALUE
50 100 200 400 500 600 3 2 80 -65 to +175 20 10
UNIT
VRRM VRWM VR IO IFSM TJ and TSTG RJL RJEC
Axial Leaded
Volts
Amps Amps C C/W
Operating & Storage Temperature Thermal Resistance
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory. 2/ Screened to MIL-PRF-19500. 3/ Unless Otherwise Specified, All Electrical Characteristics @25C. 4/ These ratings are typical for PC boards where thermal resistance from mounting point to ambient is sufficiently controlled where TJ(MAX) is not exceeded. For 3.0 Amps at TA = 55C, derate linearly at 22 mA for 55C TA 100C. For 2.0 Amps at TA = 100C, derate linearly at 25 mA for 100C TA 175C.
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
Junction to Lead for Axial, L =.375" Junction to End Tab for Surface Mount
SMS
DATA SHEET #: RC0106A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SPD5415 thru SPD5420 and SPD5415SMS thru SPD5420SMS
ELECTRICAL CHARACTERISTICS
3/
CHARACTERISTICS
Forward Voltage IF = 1.5 Adc IF = 9 Adc, 300 s Pulse IF = 0.5 Adc, TA = -55C SPD5415 SPD5416 SPD5417 SPD5418 SPD5419 SPD5420 (Rated VR, TA = 25C) (SPD5415 thru 5417- Rated VR, TA = 100C) (SPD5418 thru 5420- Rated VR, TA = 100C)
SYMBOL
VF1 VF2 VF3
VALUE
MIN MAX
UNIT
0.5
0.6 0.5 55 110 220 440 550 660
1.2
1.5 1.4
Vdc
Breakdown Voltage (IR = 50 Adc)
V(BR)
Vdc
Maximum Reverse Leakage Current Junction Capacitance (VR = 4 Vdc, 100KHz f 1MHz) Maximum Reverse Recovery Time (IF = 500mA, IR = 1A, IRR = 250mA) NOTES:
IR1 IR2 IR3 CJ
1.0 20 30
120 150 250 400
A pF ns
SPD5415 thru SPD5418 SPD5419 SPD5420
trr
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25C.
4/ These ratings are typical for PC boards where thermal resistance from mounting point to ambient is sufficiently controlled where TJ(MAX) is not exceeded. For 3.0 Amps at TA = 55C, derate linearly at 22 mA for 55C TA 100C. For 2.0 Amps at TA = 100C, derate linearly at 25 mA for 100C TA 175C.
Package Outlines:
DIMENSIONS (inches) DIM. DIMENSIONS (inches)
A B C D
Minimum .140 .190 .037 .90
Maximum .180 .260 .042 1.30
DIM. A B C D
Minimum .170 .240 .023 .002
Maximum .180 .300 .028 ---
AXIAL
SMS
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0106A
DOC


▲Up To Search▲   

 
Price & Availability of SPD5420TXV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X