Part Number Hot Search : 
MMBD330 2SD2202 SGC10 2N3054A M67754 MF501 ZT488 GS8640
Product Description
Full Text Search
 

To Download SPD51SM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
SOLID STATE DEVICES, INC.
14830 Valley View Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773
SPD48SM & SMS thru SPD51SM & SMS
200 mAMP 50 - 125 VOLTS 5 nsec HYPER FAST RECTIFIER
SURFACE MOUNT ROUND TAB "SM" SURFACE MOUNT SQUARE TAB "SMS"
Designer's Data Sheet
FEATURES:
Hyper Fast Recovery: 5 nsec maximum Subminiature Surface Mount Package Square Tab Mounting (Round Tabs Available) Hermetically Sealed Planar Passivated Chip For High Efficiency Applications Replaces 1N4148 - 1N4151 types
TX, TXV, and Space Level Screening Available
Maximum Ratings
Peak Repetitive Reverse and DC Blocking Voltage SPD48SM & SMS SPD49SM & SMS SPD50SM & SMS SPD51SM & SMS
SYMBOL VRRM VRWM VR Io IFSM TOP & TSTG R2JE
VALUE 50 75 100 125 200 4 -65 TO +200 0.35
UNITS
Volts
Average Rectified Forward Current (Resistive Load, 60Hz, Sine Wave, TA = 25 oC Peak Surge Current (8.3 ms Pulse, Half Sine Wave Superimposed on Io, allow junction to reach equilibrium between pulses, TA = 25oC) Operating and Storage Temperature Maximum Thermal Resistance Junction to End Tab
mAmps Amps
o
C
o
C/mW
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0085C
SPD48SM & SMS thru SPD51SM & SMS
Electrical Characteristics
Instantaneous Forward Voltage Drop (TA = 25oC, 300 - 500:s Pulse) Instantaneous Forward Voltage Drop (TA = -55oC, 300 - 500:s Pulse)
PRELIMINARY
SOLID STATE DEVICES, INC.
SYMBOL IF = 10 mADC IF = 100 mADC IF = 10 mADC IF = 100 mADC VF1 VF2 IR1 IR2 CJ tRR
CASE OUTLINE: SQUARE TAB "SMS"
14830 Valley View Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773
MAXIMUM 1.0 1.2 1.1 1.3 400 40 2.8 5
UNITS VDC VDC nA :A pF nsec
Reverse Leakage Current (Rated VR , TA = 25oC, 300 :s minimum Pulse) Reverse Leakage Current (Rated VR , TA = 100oC, 300 :s minimum Pulse) Junction Capacitance (VR = 10 VDC, TA = 25oC, f = 1 MHz) Reverse Recovery Time (IF = 50 mA, IR = 100 mA, IRR = 25 mA, TA = 25oC)
CASE OUTLINE: ROUND TAB "SM" DIMENSIONS DIM A B C D 2x C iB A D MIN. -.054" .010" .001" MAX. .150" .085" .028" --
DIMENSIONS DIM A B C D MIN. -.065" .022" .001" B B MAX. .200" .085" .028" --
2x C
A
D
(TA = 25oC unless otherwise specified)
PERCENT OF MAXIMUM FORWARD CURRENT RATING (%) FORWARD CURRENT, [ A ]
0.1
TYPICAL OPERATING CURVES
FORWARD VOLTAGE
100 80 60 40 20 0 0 25 50 75 100 125 150 175 200
0.01 0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
END TAB TEMPERATURE (oC)
FORWARD VOLTAGE, [ V ]


▲Up To Search▲   

 
Price & Availability of SPD51SM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X