Part Number Hot Search : 
M100D C1501 SB820FCT 320F280 C9870G 1209S 1N5834 AP3983E
Product Description
Full Text Search
 

To Download SPA560M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SPA560 Series
22A / 600-1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY ULTRA FAST - 70 ns
Features:
* * * * * * * * Higher Blocking Voltage Available. Contact Factory. Average Output Current 22 Amps Low Reverse Leakage Current Constructed with Void-free, Hermetically Sealed Discretes Aluminum Case for Maximum Thermal Conductivity Small Package Size (0.89 x 0.89 x 0.39") TX and TXV & S Level Screening Available Superior Replacement for Sensitron S455DC, S455FC, & S455GC * Standard, Fast, & Hyper Fast Versions Available. Contact Factory.
DESIGNER'S DATA SHEET
Part Number / Ordering Information 1/ SPA560 __ __ __
Screening 2/ __ = Not Screened TX = TX Level TXV = TXV Level S = S Level Lead Bend __ = Straight Leads UB = Up Bend DB = Down Bend Voltage/Family J = 600 V K = 800 V M = 1000 V
Maximum Ratings 3/
Symbol
Value
Units
Peak Inverse Voltage
SPA560J SPA560K SPA560M TC = 55C TC = 100C
PIV IO1 IO2 IFSM Top & Tstg RJC
600 800 1000 22 15 125 -55 to +150 1.25
Volts Amps Amps C C/W
Average Rectified Output Current (TC = Case Temperature)
Peak Surge Current (8.3 ms Pulse, Half Sine Wave, Superimposed on Rated Load) Operating & Storage Temperature Maximum Thermal Resistance, Junction to Case Notes: SPA560
1/ For Ordering Information, Price, and Availability Contact Factory. 2/ Screened to MIL-PRF-19500. 3/ Unless Otherwise Specified, All Maximum Ratings/Electrical Characteristics @25C.
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0091A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SPA560 Series
Electrical Characteristic 3/ Maximum Forward Voltage Per Leg (TA = 25C, pulsed) Reverse Leakage Current (Rated PIV, TA = 25C) Reverse Leakage Current (Rated PIV, TA = 100C) Isolation Resistance Reverse Recovery Time (IF = 500 mA, IR = 1 A, IRR = 250 mA TA = 25C (Measured on discrete rectifiers prior to assembly) NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory. 2/ Screened to MIL-PRF-19500. 3/ Unless Otherwise Specified, All Maximum Ratings/Electrical Characteristics @25C.
Symbol IF = 3A IF = 9A
Min
Typ
Max 1.40 1.75 10 250 10 70
Units
VF1
VF2 IR1 IR2
--
--
Volts
-- -- -- --
-- -- -- --
A A M ns
1500V
RISO
trr
SPA560 Package Outline:
(Shown with Straight Leads)
Lead Bend Options:
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0091A
DOC


▲Up To Search▲   

 
Price & Availability of SPA560M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X